Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXR121M063ST Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # SXR121M063ST
Description  Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SXR121M063ST Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  SXR121M063ST Datasheet HTML 1Page - Cornell Dubilier Electronics SXR121M063ST Datasheet HTML 2Page - Cornell Dubilier Electronics SXR121M063ST Datasheet HTML 3Page - Cornell Dubilier Electronics SXR121M063ST Datasheet HTML 4Page - Cornell Dubilier Electronics SXR121M063ST Datasheet HTML 5Page - Cornell Dubilier Electronics SXR121M063ST Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Type SXR 105 ºC Long Life Aluminum Electrolytic Capacitors
Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Max ESR
Max Ripple
Catalog
100 kHz
100 kHz
Size in. (mm)
Cap
Part Number
25 ºC
105 ºC
Diameter
Length
Lead Space
Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
10 Vdc (13 Volts Surge)
100
SXR101M010ST
2.52
180
.236 (6.0)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
120
SXR121M010ST
2.10
210
.236 (6.0)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
150
SXR151M010ST
1.68
240
.236 (6.0)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
220
SXR221M010ST
1.15
300
.315 (8.0)
.433 (11.0)
.138 (3.5)
.0236 (0.6)
330
SXR331M010ST
0.76
400
.315 (8.0)
.472 (12.0)
.138 (3.5)
.0236 (0.6)
470
SXR471M010ST
0.54
500
.394 (10.0)
.472 (12.0)
.197 (5.0)
.0236 (0.6)
680
SXR681M010ST
0.37
650
.394 (10.0)
.630 (16.0)
.197 (5.0)
.0236 (0.6)
820
SXR821M010ST
0.31
860
.394 (10.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
1000
SXR102M010ST
0.25
970
.394 (10.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
1200
SXR122M010ST
0.21
1030
.394 (10.0)
.984 (25.0)
.197 (5.0)
.0236 (0.6)
1500
SXR152M010ST
0.18
1150
.394 (10.0)
1.18 (30.0)
.197 (5.0)
.0236 (0.6)
2200
SXR222M010ST
0.13
1320
.472 (12.0)
1.18 (30.0)
.197 (5.0)
.0236 (0.6)
3300
SXR332M010ST
0.09
1770
.512 (13.0)
1.42 (36.0)
.197 (5.0)
.0236 (0.6)
4700
SXR472M010ST
0.08
1810
.630 (16.0)
1.26 (32.0)
.295 (7.5)
.0315 (0.8)
6800
SXR682M010ST
0.06
2030
.630 (16.0)
1.42 (36.0)
.295 (7.5)
.0315 (0.8)
10000
SXR103M010ST
0.05
2460
.709 (18.0)
1.57 (40.0)
.295 (7.5)
.0315 (0.8)
16 Vdc (20 Volts Surge)
100
SXR101M016ST
2.12
230
.315 (8.0)
.630 (16.0)
.138 (3.5)
.0197 (0.5)
120
SXR121M016ST
1.77
260
.315 (8.0)
.433 (11.0)
.138 (3.5)
.0236 (0.6)
150
SXR151M016ST
1.42
300
.315 (8.0)
.433 (11.0)
.138 (3.5)
.0236 (0.6)
220
SXR221M016ST
0.97
400
.315 (8.0)
.433 (11.0)
.138 (3.5)
.0236 (0.6)
330
SXR331M016ST
0.64
500
.394 (10.0)
.472 (12.0)
.197 (5.0)
.0236 (0.6)
470
SXR471M016ST
0.45
650
.394 (10.0)
.630 (16.0)
.197 (5.0)
.0236 (0.6)
680
SXR681M016ST
0.31
860
.394 (10.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
820
SXR821M016ST
0.26
1030
.394 (10.0)
.984 (25.0)
.197 (5.0)
.0236 (0.6)
1000
SXR102M016ST
0.21
1150
.394 (10.0)
1.18 (30.0)
.197 (5.0)
.0236 (0.6)
1200
SXR122M016ST
0.18
1120
.472 (12.0)
.984 (25.0)
.197 (5.0)
.0236 (0.6)
1500
SXR152M016ST
0.15
1320
.472 (12.0)
.984 (25.0)
.197 (5.0)
.0236 (0.6)
2200
SXR222M016ST
0.11
1540
.472 (12.0)
1.18 (30.0)
.197 (5.0)
.0236 (0.6)
3300
SXR332M016ST
0.08
1980
.472 (12.0)
1.57 (40.0)
.197 (5.0)
.0236 (0.6)
4700
SXR472M016ST
0.07
2030
.630 (16.0)
1.42 (36.0)
.295 (7.5)
.0315 (0.8)
6800
SXR682M016ST
0.05
2240
.709 (18.0)
1.42 (36.0)
.295 (7.5)
.0315 (0.8)
8200
SXR822M016ST
0.05
2460
.709 (18.0)
1.57 (40.0)
.295 (7.5)
.0315 (0.8)
25 Vdc (32 Volts Surge)
100
SXR101M025ST
1.86
300
.315 (8.0)
.630 (16.0)
.138 (3.5)
.0197 (0.5)
120
SXR121M025ST
1.55
350
.315 (8.0)
.433 (11.0)
.138 (3.5)
.0236 (0.6)
150
SXR151M025ST
1.24
400
.394 (10.0)
.472 (12.0)
.197 (5.0)
.0236 (0.6)
220
SXR221M025ST
0.84
500
.394 (10.0)
.472 (12.0)
.197 (5.0)
.0236 (0.6)
330
SXR331M025ST
0.56
650
.394 (10.0)
.630 (16.0)
.197 (5.0)
.0236 (0.6)
470
SXR471M025ST
0.40
860
.394 (10.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
680
SXR681M025ST
0.27
1150
.394 (10.0)
1.18 (30.0)
.197 (5.0)
.0236 (0.6)
820
SXR821M025ST
0.23
1120
.472 (12.0)
.984 (25.0)
.197 (5.0)
.0236 (0.6)
1000
SXR102M025ST
0.19
1320
.472 (12.0)
.984 (25.0)
.197 (5.0)
.0236 (0.6)
1200
SXR122M025ST
0.15
1400
.472 (12.0)
1.18 (30.0)
.197 (5.0)
.0236 (0.6)
1500
SXR152M025ST
0.13
1540
.472 (12.0)
1.18 (30.0)
.197 (5.0)
.0236 (0.6)
2200
SXR222M025ST
0.10
1980
.472 (12.0)
1.57 (40.0)
.197 (5.0)
.0236 (0.6)
3300
SXR332M025ST
0.07
2030
.630 (16.0)
1.42 (36.0)
.295 (7.5)
.0315 (0.8)
4700
SXR472M025ST
0.06
2460
.709 (18.0)
1.57 (40.0)
.295 (7.5)
.0315 (0.8)


Similar Part No. - SXR121M063ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SXR121M6R3ST CDE-SXR121M6R3ST Datasheet
355Kb / 4P
   105 쨘C Long Life Aluminum Electrolytic Capacitors
More results

Similar Description - SXR121M063ST

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
REF AVX-REF Datasheet
519Kb / 7P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REH AVX-REH Datasheet
500Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1E331 PANASONIC-EEU-FR1E331 Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REA AVX-REA Datasheet
410Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
RFE international
RZD102M1CBK100200 RFE-RZD102M1CBK100200 Datasheet
120Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS RZD Series: Radial Low ESR
logo
AVX Corporation
RHD AVX-RHD Datasheet
443Kb / 4P
   Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
RHA AVX-RHA Datasheet
346Kb / 4P
   Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
logo
List of Unclassifed Man...
VPR881U6R3E1A ETC2-VPR881U6R3E1A Datasheet
157Kb / 4P
   Radial Leaded Aluminum Electrolytic
logo
RFE international
RXK221M1HBK100250 RFE-RXK221M1HBK100250 Datasheet
145Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS RXK Series: Radial Low Impedance & ESR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com