Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCD5700 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCD5700
Description  High Current IGBT Gate Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCD5700 Datasheet(HTML) 3 Page - ON Semiconductor

  NCD5700_17 Datasheet HTML 1Page - ON Semiconductor NCD5700_17 Datasheet HTML 2Page - ON Semiconductor NCD5700_17 Datasheet HTML 3Page - ON Semiconductor NCD5700_17 Datasheet HTML 4Page - ON Semiconductor NCD5700_17 Datasheet HTML 5Page - ON Semiconductor NCD5700_17 Datasheet HTML 6Page - ON Semiconductor NCD5700_17 Datasheet HTML 7Page - ON Semiconductor NCD5700_17 Datasheet HTML 8Page - ON Semiconductor NCD5700_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NCD5700
www.onsemi.com
3
Table 1. PIN FUNCTION DESCRIPTION
Pin Name
No.
I/O/x
Description
EN
1
I
Enable input allows additional gating of VOH and VOL, and can be used when the driver output
needs to be turned off independent of the Microcontroller input.
VIN
2
I
Input signal to control the output. In applications which require galvanic isolation, VIN is generated
at the opto output, the pulse transformer secondary or the digital isolator output. There is a signal
inversion from VIN to VOH/VOL. VIN is internally clamped to 5.5 V and has a pull−up resistor of
1M
W to ensure that output is low in the absence of an input signal. A minimum pulse−width is re-
quired at VIN before VOH/VOL are activated.
VREF
3
O
5 V Reference generated within the driver is brought out to this pin for external bypassing and for
powering low bias circuits (such as digital isolators).
FLT
4
O
Fault output (active low) that allows communication to the main controller that the driver has en-
countered a fault condition and has deactivated the output. Truth Table is provided in the datasheet
to indicate conditions under which this signal is asserted. Capable of driving optos or digital isolators
when isolation is required.
GNDA
5
x
This pin provides a convenient connection point for bypass capacitors (e.g REF) on the left side of
the package.
NC
6,8
x
Pins not internally connected.
RSVD
7
x
Reserved. No connection is allowed.
DESAT
9
I
Input for detecting the desaturation of IGBT due to a fault condition. A capacitor connected to this
pin allows a programmable blanking delay every ON cycle before DESAT fault is processed, thus
preventing false triggering.
VCC
10
x
Positive bias supply for the driver. The operating range for this pin is from UVLO to the maximum. A
good quality bypassing capacitor is required from this pin to GND and should be placed close to the
pins for best results.
VOH
11
O
Driver high output that provides the appropriate drive voltage and source current to the IGBT gate.
VOL
12
O
Driver low output that provides the appropriate drive voltage and sink current to the IGBT gate. VOL
is actively pulled low during start−up and under Fault conditions.
GND
13
x
This pin should connect to the IGBT Emitter with a short trace. All power pin bypass capacitors
should be referenced to this pin and kept at a short distance from the pin.
VEE
14
x
A negative voltage with respect to GND can be applied to this pin and that will allow VOL to go to a
negative voltage during OFF state. A good quality bypassing capacitor is needed from VEE to GND.
If a negative voltage is not applied or available, this pin must be connected to GND.
VEEA
15
x
Analog version of the VEE pin for any signal trace connection. VEE and VEEA are internally con-
nected.
CLAMP
16
I/O
Provides clamping for the IGBT gate during the off period to protect it from parasitic turn−on. To be
tied directly to IGBT gate with minimum trace length for best results.


Similar Part No. - NCD5700_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCD57000 ONSEMI-NCD57000 Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
February, 2019 ??Rev. 2
NCD57000 ONSEMI-NCD57000 Datasheet
2Mb / 10P
   NCD57000 mini Evaluation Board Users Manual
July, 2020 ??Rev. 0
NCD57000 ONSEMI-NCD57000 Datasheet
520Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
NCD57000D ONSEMI-NCD57000D Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
February, 2019 ??Rev. 2
NCD57000DWR2G ONSEMI-NCD57000DWR2G Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
February, 2019 ??Rev. 2
More results

Similar Description - NCD5700_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV5700 ONSEMI-NCV5700 Datasheet
329Kb / 18P
   High Current IGBT Gate Driver
September, 2017 ??Rev. 0
NCD5702 ONSEMI-NCD5702 Datasheet
424Kb / 18P
   High Current IGBT Gate Driver
April, 2018 ??Rev. 1
NCD5700 ONSEMI-NCD5700 Datasheet
456Kb / 18P
   High Current IGBT Gate Driver
August, 2016 ??Rev. 1
NCV5702 ONSEMI-NCV5702 Datasheet
677Kb / 18P
   High Current IGBT Gate Driver
August, 2019 ??Rev. 1
NCD57000 ONSEMI-NCD57000_V01 Datasheet
520Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
NCV57000 ONSEMI-NCV57000 Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F_V01 Datasheet
547Kb / 19P
   Isolated High Current IGBT Gate Driver
August, 2021 - Rev. 2
NCV57001 ONSEMI-NCV57001 Datasheet
229Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F Datasheet
286Kb / 11P
   Isolated High Current IGBT Gate Driver
July, 2020 ??Rev. 1
NCD57001 ONSEMI-NCD57001_V01 Datasheet
519Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com