Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRC3R60B440R2 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # DRC3R60B440R2
Description  DIN Rail Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRC3R60B440R2 Datasheet(HTML) 1 Page - Crydom Inc.,

  DRC3R60B440R2 Datasheet HTML 1Page - Crydom Inc., DRC3R60B440R2 Datasheet HTML 2Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLICON DRC Series 3 Phase & Reversing
Solid State Contactors
DIN Rail Mount
This installation sheet includes detailed mounting and wiring instructions which apply
for Crydom SOLICON DRC 3 Phase and Reversing Solid State Contactors. Be sure to
visit the product series' datasheet available at the Crydom website to complement
this information. If you have questions or need additional information please contact
Crydom Tech Support.
Please read all mounting instructions before using your SOLICON DRC Series Solid State
Contactor.
PART NUMBER NOMENCLATURE
General Notes
(A) See compatible accessories in corresponding datasheet.
(B) For optimal thermal performance, contactor vents should be aligned vertically to maximize natural convection
airflow.
(C) To achieve maximum ratings, there must be a minimum spacing of 0.8 in (22 mm) between the devices in free air
and a minimum free spacing of 3.15 in (80 mm) at the top and at the bottom. (see fig. 3)
(D) Normally Open (13 - 14) for DRC3xxxx411, DRC3xxxx420, DRC3xxxx433 and DRC3xxxx440 models.
(E) Normally Open (23-24) for DRC3xxxx420 and DRC3xxxx440 models, Normally Closed (21-22) for DRC3xxxx411 and
DRC3xxxx433 models.
(F) Not available for DRC3xxxx400 models.
Required for valid part number
N.O.: Normally Open
N.C.: Normally Closed
For options only and not required for valid part number
3 HP / 2.2 kW
2 HP / 1.5 kW
1 HP / 0.75 kW
40ºC
60ºC
80ºC
DRC3P48x4x@480 VAC
DRC3P60x4x@600 VAC
5 HP / 3.7 kW
3 HP / 2.2 kW
1.5 HP / 1.1 kW
DRC3P48x4x2@480 VAC
DRC3P60x4x2@600 VAC
Ambient
Temperature
TABLE 1. HP Ratings at Nominal Voltage
3 HP / 2.2 kW
2 HP / 1.5 kW
3/4 HP / 0.55 kW
DRC3R40x4x
@ 400 VAC
5 HP / 3.7 kW
3 HP / 2.2 kW
1 HP / 0.75 kW
DRC3R48x4x
@ 480 VAC
(C)
DERATING CURVES
Ambient Temperature (ºC)
DRC3P (2 legs controlled) & DRC3R
Single unit
Multiple units
8
7
6
5
4
3
2
1
0
20
10
30
40
50
60
70
80
0
(C)
6
5
4
3
2
1
10
0
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
DRC3P (3 legs controlled)
Single unit
Multiple units
WIRING DIAGRAM
MOUNTING INSTRUCTIONS
Install the contactor on the DIN
rail (as shown in fig.1).
Wire the contactor to the input
side. AWG #18 (1 mm2) minimum,
AWG #12 (4 mm2) x 2 maximum.
Wire the contactor to the output
side. AWG #18 (1 mm2) minimum,
AWG #10 (6 mm2) x 2 (stranded/sol-
id) maximum.
Maximum recommended terminal
screw torque input 12 lb-in (1.36
Nm) & output 15 lb-in (1.7 Nm).
If multiple units are installed be
sure to follow derating curves
DRC
Series
48
D
3P
4
Auxiliary Contacts
00: Not included
11: Solid State,
1 N.O. + 1 N.C.
(3P function only)
20: Solid State, 2 N.O.
33: EMR, 1 N.O. + 1 N.C.
(3P function, D option only)
40: EMR, 2 N.O.
(3P function, D option and
3R function, E option only)
00
R
2
(A,B)
To remove from
DIN rail
To install on DIN rail
fig. 1
WARNING! Removing product from 35 mm rail incorrectly by not using the
appropriate tool could damage the latching system
Important Considerations
Be sure to use input and output voltages within operating
ranges.
LED indicates only input status. It does not represent output
status.
To achieve maximum ratings, there must be a minimum
spacing of 0.8 in (22 mm) between the devices in free air and
a minimum free spacing of 3.15 in (80 mm) at the top and at
the bottom. (See fig. 3)
INPUT
STATUS
13
21/23
A1
A3
14
22/24
A2
L1
L2
L3
T1
T2
T3
XXXX
IND. CONT. EQ.
DRC3
CONTROL
INPUT
(Reverse)
[DRC3R
model only]
CONTROL
INPUT
(Forward)
COMMON
FOR CONTROL
INPUT
(D,F) (E,F)
L1
L2
L3
T1
T2
T3
T1
T2
T3
M
3
Motor Controller /
AC-53a Application
Overload current
protection needs to
be considered
T1
T2
T3
General Use /
AC-51 Application
0.9 in
[22 mm]
Minimum
3.15 in
[80 mm]
Minimum
3.15 in
[80 mm]
Minimum
fig. 3 Multiple units mounting for maximum ratings
fig. 2 Terminal
screw type.
Top/Bottom view.
Operating Voltage
40: 400 VAC
(3R function only)
48: 480 VAC
60: 600 VAC
(3P function only)
Function
3P: Contactor
3R: Reversing Contactor
Control Voltage
A: 208-265 VAC
B: 90-140 VAC
C: 36-55 VAC/DC
D: 18-30 VAC/DC
(3P function only)
18-30 VAC
(3R function only)
E: 18-30 VDC
(3R function only)
Load Current per Phase
4: 7.6 Amp FLA
(x2 Controlled Legs
& 3R function);
4.8 Amp FLA
(x3 Controlled Legs only)
Switching Mode
(3P function only)
Blank: Zero Voltage Turn-On
R: Instantaneous Turn-On
Controlled Legs
(3P function only)
Blank: 3 Controlled Legs
2: 2 Controlled Legs
Rev. 051617
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
Installation Sheet
DIN Rail Mount


Similar Part No. - DRC3R60B440R2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRC3R60B400R2 CRYDOM-DRC3R60B400R2 Datasheet
1Mb / 12P
   DIN Rail Mount
DRC3R60B411R2 CRYDOM-DRC3R60B411R2 Datasheet
1Mb / 12P
   DIN Rail Mount
DRC3R60B420R2 CRYDOM-DRC3R60B420R2 Datasheet
1Mb / 12P
   DIN Rail Mount
More results

Similar Description - DRC3R60B440R2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
   DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
   DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
   DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
   DIN rail mount
DR24D06 CRYDOM-DR24D06_13 Datasheet
770Kb / 7P
   DIN rail mount
DRA3P48D2 CRYDOM-DRA3P48D2 Datasheet
976Kb / 5P
   DIN rail mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
   DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
   DIN Rail Mount
CKM CRYDOM-CKM Datasheet
545Kb / 4P
   DIN Rail Mount
DRA1MP CRYDOM-DRA1MP Datasheet
660Kb / 5P
   DIN Rail Mount
CMR60 CRYDOM-CMR60_17 Datasheet
611Kb / 5P
   DIN Rail Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com