Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH330M063ST Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # SH330M063ST
Description  2000 Hour Long Life, Aluminum Electrolytic
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SH330M063ST Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  SH330M063ST Datasheet HTML 1Page - Cornell Dubilier Electronics SH330M063ST Datasheet HTML 2Page - Cornell Dubilier Electronics SH330M063ST Datasheet HTML 3Page - Cornell Dubilier Electronics SH330M063ST Datasheet HTML 4Page - Cornell Dubilier Electronics SH330M063ST Datasheet HTML 5Page - Cornell Dubilier Electronics SH330M063ST Datasheet HTML 6Page - Cornell Dubilier Electronics SH330M063ST Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SH 105 ºC Radial Leaded Aluminum Electrolytic Capacitors
Ratings
Capacitance
(uF)
Catalog
Part Number
ESR
120
Hz/+25°C
(ohms)
Max
Ripple Current
120 Hz/
+105°C
(ma)
Size in. (mm)
Diameter
(D)
Length
(L)
Lead Space
(S)
Lead dia.
(d)
6.3 Vdc (8 Volts Surge)
47
100
220
330
470
1000
2200
3300
4700
SH470M6R3ST
SH101M6R3ST
SH221M6R3ST
SH331M6R3ST
SH471M6R3ST
SH102M6R3ST
SH222M6R3ST
SH332M6R3ST
SH472M6R3ST
7.34
3.45
1.57
1.04
0.73
0.34
0.17
0.12
0.09
65
0.197
(5.0)
100
0.197
(5.0)
165
0.248
(6.3)
200
0.315
(8.0)
280
0.315
(8.0)
470
0.394
(10.0)
930
0.512
(13.0)
1100
0.512
(13.0)
1320
0.630
(16.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.098
(2.5)
0.433
(11.0)
0.138
(3.5)
0.433
(11.0)
0.138
(3.5)
0.492
(12.5)
0.197
(5.0)
0.787
(20.0)
0.197
(5.0)
0.787
(20.0)
0.197
(5.0)
0.984
(25.0)
0.295
(7.5)
0.020
(0.5)
0.020
(0.5)
0.020
(0.5)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.031
(0.8)
10 Vdc (13 Volts Surge)
47
100
220
330
470
1000
2200
3300
4700
SH470M010ST
SH101M010ST
SH221M010ST
SH331M010ST
SH471M010ST
SH102M010ST
SH222M010ST
SH332M010ST
SH472M010ST
6.21
2.92
1.33
0.88
0.62
0.29
0.14
0.10
0.08
75
0.197
(5.0)
110
0.197
(5.0)
180
0.248
(6.3)
255
0.315
(8.0)
305
0.315
(8.0)
570
0.394
(10.0)
1010
0.512
(13.0)
1220
0.512
(13.0)
1410
0.630
(16.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.098
(2.5)
0.433
(11.0)
0.138
(3.5)
0.433
(11.0)
0.138
(3.5)
0.630
(16.0)
0.197
(5.0)
0.787
(20.0)
0.197
(5.0)
0.984
(25.0)
0.197
(5.0)
0.984
(25.0)
0.295
(7.5)
0.020
(0.5)
0.020
(0.5)
0.020
(0.5)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.031
(0.8)
16 Vdc (20 Volts Surge)
33
47
100
220
330
470
1000
2200
3300
4700
SH330M016ST
SH470M016ST
SH101M016ST
SH221M016ST
SH331M016ST
SH471M016ST
SH102M016ST
SH222M016ST
SH332M016ST
SH472M016ST
7.23
5.08
2.39
1.09
0.72
0.51
0.24
0.12
0.09
0.07
70
0.197
(5.0)
85
0.197
(5.0)
135
0.248
(6.3)
235
0.315
(8.0)
285
0.315
(8.0)
395
0.394
(10.0)
700
0.394
(10.0)
1150
0.512
(13.0)
1350
0.630
(16.0)
1560
0.630
(16.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.098
(2.5)
0.433
(11.0)
0.138
(3.5)
0.433
(11.0)
0.138
(3.5)
0.492
(12.5)
0.197
(5.0)
0.787
(20.0)
0.197
(5.0)
0.984
(25.0)
0.197
(5.0)
0.984
(25.0)
0.295
(7.5)
1.26
(32.0)
0.295
(7.5)
0.020
(0.5)
0.020
(0.5)
0.020
(0.5)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.031
(0.8)
0.031
(0.8)
25 Vdc (32 Volts Surge)
10
22
33
47
100
220
330
470
1000
2200
3300
4700
SH100M025ST
SH220M025ST
SH330M025ST
SH470M025ST
SH101M025ST
SH221M025ST
SH331M025ST
SH471M025ST
SH102M025ST
SH222M025ST
SH332M025ST
SH472M025ST
21.22
9.65
6.43
4.52
2.12
0.96
0.64
0.45
0.21
0.11
0.08
0.06
39
0.197
(5.0)
60
0.197
(5.0)
75
0.197
(5.0)
90
0.197
(5.0)
145
0.248
(6.3)
250
0.394
(10.0)
355
0.394
(10.0)
470
0.394
(10.0)
855
0.512
(13.0)
1230
0.630
(16.0)
1450
0.630
(16.0)
1690
0.709
(18.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.079
(2.0)
0.433
(11.0)
0.098
(2.5)
0.492
(12.5)
0.197
(5.0)
0.492
(12.5)
0.197
(5.0)
0.630
(16.0)
0.197
(5.0)
0.787
(20.0)
0.197
(5.0)
0.984
(25.0)
0.295
(7.5)
1.26
(32.0)
0.295
(7.5)
1.40
(36.0)
0.295
(7.5)
0.020
(0.5)
0.020
(0.5)
0.020
(0.5)
0.020
(0.5)
0.020
(0.5)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.031
(0.8)
0.031
(0.8)
0.031
(0.8)


Similar Part No. - SH330M063ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SH330M063ST CDE-SH330M063ST Datasheet
483Kb / 5P
   105 ?CRadial Leaded Aluminum Electorlytic Capacitors
More results

Similar Description - SH330M063ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SK101M6R3ST CDE-SK101M6R3ST_18 Datasheet
551Kb / 8P
   2000 Hour Long Life, General Purpose Aluminum Electrolytic
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M_16 Datasheet
310Kb / 3P
   Extended life 2000 hour
logo
Cornell Dubilier Electr...
MLP CDE-MLP_18 Datasheet
495Kb / 6P
   Ultra Long Life, Aluminum Electrolytic
500C CDE-500C Datasheet
591Kb / 12P
   Long-Life, Screw Terminal, Aluminum Electrolytic
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
logo
Cornell Dubilier Electr...
400C CDE-400C Datasheet
343Kb / 6P
   Long-Life, C Radial Leaded, Aluminum Electrolytic
logo
Vishay Siliconix
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com