Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH471M050ST Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # SH471M050ST
Description  2000 Hour Long Life, Aluminum Electrolytic
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SH471M050ST Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  SH471M050ST Datasheet HTML 1Page - Cornell Dubilier Electronics SH471M050ST Datasheet HTML 2Page - Cornell Dubilier Electronics SH471M050ST Datasheet HTML 3Page - Cornell Dubilier Electronics SH471M050ST Datasheet HTML 4Page - Cornell Dubilier Electronics SH471M050ST Datasheet HTML 5Page - Cornell Dubilier Electronics SH471M050ST Datasheet HTML 6Page - Cornell Dubilier Electronics SH471M050ST Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SH 105 ºC Radial Leaded Aluminum Electrolytic Capacitors
Ratings
Capacitance
(uF)
Catalog
Part Number
ESR
120
Hz/+25°C
(ohms)
Max
Ripple Current
120 Hz/
+105°C
(ma)
Size in. (mm)
Diameter
(D)
Length
(L)
Lead Space
(S)
Lead dia.
(d)
100 Vdc (125 Volts Surge)
33
47
100
220
330
470
SH330M100ST
SH470M100ST
SH101M100ST
SH221M100ST
SH331M100ST
SH471M100ST
4.02
2.82
1.33
0.60
0.40
0.28
160
0.394
(10.0)
0.492
(12.5)
0.197
(5.0)
210
0.394
(10.0)
0.630
(16.0)
0.197
(5.0)
385
0.512
(13.0)
0.787
(20.0)
0.197
(5.0)
590
0.630
(16.0)
0.984
(25.0)
0.295
(7.5)
720
0.630
(16.0)
0.984
(25.0)
0.295
(7.5)
875
0.630
(16.0)
1.26
(32.0)
0.295
(7.5)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.031
(0.8)
0.031
(0.8)
0.031
(0.8)
*160 Vdc (200 Volts Surge)
1
2.2
3.3
4.7
10
22
33
47
100
SH010M160ST
SH2R2M160ST
SH3R3M160ST
SH4R7M160ST
SH100M160ST
SH220M160ST
SH330M160ST
SH470M160ST
SH101M160ST
198.94
90.43
60.29
42.33
19.89
9.04
6.03
4.23
1.99
17
0.197
(5.0)
0.433
(11.0)
0.079
(2.0)
25
0.248
(6.3)
0.433
(11.0)
0.098
(2.5)
36
0.315
(8.0)
0.433
(11.0)
0.138
(3.5)
43
0.315
(8.0)
0.433
(11.0)
0.138
(3.5)
70
0.394
(10.0)
0.492
(12.5)
0.197
(5.0)
130
0.394
(10.0)
0.787
(20.0)
0.197
(5.0)
180
0.512
(13.0)
0.787
(20.0)
0.197
(5.0)
270
0.512
(13.0)
0.984
(25.0)
0.197
(5.0)
330
0.630
(16.0)
0.984
(25.0)
0.295
(7.5)
0.020
(0.5)
0.020
(0.5)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.031
(0.8)
*200 Vdc (250 Volts Surge)
1
2.2
3.3
4.7
10
22
33
47
100
SH010M200ST
SH2R2M200ST
SH3R3M200ST
SH4R7M200ST
SH100M200ST
SH220M200ST
SH330M200ST
SH470M200ST
SH101M200ST
198.94
90.43
60.29
42.33
19.89
9.04
6.03
4.23
1.99
17
0.248
(6.3)
0.433
(11.0)
0.098
(2.5)
25
0.248
(6.3)
0.433
(11.0)
0.098
(2.5)
36
0.315
(8.0)
0.433
(11.0)
0.138
(3.5)
50
0.394
(10.0)
0.492
(12.5)
0.197
(5.0)
80
0.394
(10.0)
0.630
(16.0)
0.197
(5.0)
140
0.394
(10.0)
0.787
(20.0)
0.197
(5.0)
190
0.512
(13.0)
0.984
(25.0)
0.197
(5.0)
220
0.512
(13.0)
0.984
(25.0)
0.197
(5.0)
335
0.630
(16.0)
1.26
(32.0)
0.295
(7.5)
0.020
(0.5)
0.020
(0.5)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.031
(0.8)
*250 Vdc (300 Volts Surge)
1
2.2
3.3
4.7
10
22
33
47
100
SH010M250ST
SH2R2M250ST
SH3R3M250ST
SH4R7M250ST
SH100M250ST
SH220M250ST
SH330M250ST
SH470M250ST
SH101M250ST
198.94
90.43
60.29
42.33
19.89
9.04
6.03
4.23
1.99
17
0.248
(6.3)
0.433
(11.0)
0.098
(2.5)
29
0.315
(8.0)
0.433
(11.0)
0.138
(3.5)
42
0.394
(10.0)
0.492
(12.5)
0.197
(5.0)
50
0.394
(10.0)
0.492
(12.5)
0.197
(5.0)
88
0.394
(10.0)
0.787
(20.0)
0.197
(5.0)
155
0.512
(13.0)
0.984
(25.0)
0.197
(5.0)
190
0.512
(13.0)
0.984
(25.0)
0.197
(5.0)
230
0.630
(16.0)
0.984
(25.0)
0.295
(7.5)
340
0.709
(18.0)
1.40
(36.0)
0.295
(7.5)
0.020
(0.5)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.031
(0.8)
0.031
(0.8)
*400 Vdc (450 Volts Surge)
22
SH220M400ST
12.06
110
0.630
(16.0)
0.984
(25.0)
0.295
(7.5)
0.031
(0.8)
*450 Vdc (500 Volts Surge)
10
SH100M450ST
26.53
80
0.512
(13.0)
0.984
(25.0)
0.197
(5.0)
0.024
(0.6)
* Over 160 Vdc the ripple is measured at 85 ºC


Similar Part No. - SH471M050ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SH471M050ST CDE-SH471M050ST Datasheet
483Kb / 5P
   105 ?CRadial Leaded Aluminum Electorlytic Capacitors
More results

Similar Description - SH471M050ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SK101M6R3ST CDE-SK101M6R3ST_18 Datasheet
551Kb / 8P
   2000 Hour Long Life, General Purpose Aluminum Electrolytic
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M_16 Datasheet
310Kb / 3P
   Extended life 2000 hour
logo
Cornell Dubilier Electr...
MLP CDE-MLP_18 Datasheet
495Kb / 6P
   Ultra Long Life, Aluminum Electrolytic
500C CDE-500C Datasheet
591Kb / 12P
   Long-Life, Screw Terminal, Aluminum Electrolytic
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
logo
Cornell Dubilier Electr...
400C CDE-400C Datasheet
343Kb / 6P
   Long-Life, C Radial Leaded, Aluminum Electrolytic
logo
Vishay Siliconix
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com