Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK221M035ST Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # SK221M035ST
Description  2000 Hour Long Life, General Purpose Aluminum Electrolytic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SK221M035ST Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  SK221M035ST Datasheet HTML 1Page - Cornell Dubilier Electronics SK221M035ST Datasheet HTML 2Page - Cornell Dubilier Electronics SK221M035ST Datasheet HTML 3Page - Cornell Dubilier Electronics SK221M035ST Datasheet HTML 4Page - Cornell Dubilier Electronics SK221M035ST Datasheet HTML 5Page - Cornell Dubilier Electronics SK221M035ST Datasheet HTML 6Page - Cornell Dubilier Electronics SK221M035ST Datasheet HTML 7Page - Cornell Dubilier Electronics SK221M035ST Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SK 85 ºC Radial Leaded Aluminum Electrolytic Capacitors
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
+25 ºC
+85 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
200 Vdc (250 Volts Surge)
100
SK101M200ST
1.99
330
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
220
SK221M200ST
0.90
520
.709 (18.0) 1.65 (42.0)
.295 (7.5)
.0315 (0.8)
250 Vdc (300 Volts Surge)
0.47
SKR47M250ST
423.50
12
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
1.0
SK010M250ST
199.04
17
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
2.2
SK2R2M250ST
90.47
30
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
3.3
SK3R3M250ST
60.32
35
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
4.7
SK4R7M250ST
42.35
45
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
10
SK100M250ST
19.90
70
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
22
SK220M250ST
9.05
130
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
33
SK330M250ST
6.03
160
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
47
SK470M250ST
4.23
210
.512 (13.0) .984 (26.0)
.197 (5.0)
.0236 (0.6)
100
SK101M250ST
1.99
310
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
350 Vdc (400 Volts Surge)
0.47
SKR47M350ST
564.67
14
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
1.0
SK010M350ST
265.39
18
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
2.2
SK2R2M350ST
120.63
28
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
3.3
SK3R3M350ST
80.42
35
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
4.7
SK4R7M350ST
56.47
40
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
10
SK100M350ST
26.54
70
.394 (10.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
22
SK220M350ST
12.06
110
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
33
SK330M350ST
8.04
140
.512 (13.0) .984 (26.0)
.197 (5.0)
.0236 (0.6)
47
SK470M350ST
5.65
220
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
100
SK101M350ST
2.65
360
.709 (18.0) 1.42 (36.0)
.295 (7.5)
.0315 (0.8)
400 Vdc (450 Volts Surge)
0.47
SKR47M400ST
564.67
14
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
1.0
SK010M400ST
265.39
18
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
2.2
SK2R2M400ST
120.63
28
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
3.3
SK3R3M400ST
80.42
32
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
4.7
SK4R7M400ST
56.47
41
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
10
SK100M400ST
26.54
70
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
22
SK220M400ST
12.06
120
.512 (13.0) .984 (26.0)
.197 (5.0)
.0236 (0.6)
33
SK330M400ST
8.04
140
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
47
SK470M400ST
5.65
160
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
450 Vdc (500 Volts Surge)
0.47
SKR47M450ST
564.67
14
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
1.0
SK010M450ST
265.39
19
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
2.2
SK2R2M450ST
120.63
29
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
3.3
SK3R3M450ST
80.42
35
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
4.7
SK4R7M450ST
56.47
50
.394 (10.0) .709 (18.0)
.197 (5.0)
.0236 (0.6)
10
SK100M450ST
26.54
75
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
22
SK220M450ST
12.06
110
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
33
SK330M450ST
8.04
150
.630 (16.0) 1.42 (36.0)
.295 (7.5)
.0315 (0.8)
47
SK470M450ST
5.65
230
.630 (16.0) 1.57 (40.0)
.295 (7.5)
.0315 (0.8)
Parts highlighted in yellow are obsolete.


Similar Part No. - SK221M035ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SK221M035ST CDE-SK221M035ST Datasheet
434Kb / 6P
   85 ?C Radial Leaded Aluminum Electorlytic Capacitors
More results

Similar Description - SK221M035ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SH470M6R3ST CDE-SH470M6R3ST_15 Datasheet
364Kb / 7P
   2000 Hour Long Life, Aluminum Electrolytic
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M_16 Datasheet
310Kb / 3P
   Extended life 2000 hour
logo
Cornell Dubilier Electr...
MLP CDE-MLP_18 Datasheet
495Kb / 6P
   Ultra Long Life, Aluminum Electrolytic
500C CDE-500C Datasheet
591Kb / 12P
   Long-Life, Screw Terminal, Aluminum Electrolytic
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
logo
Cornell Dubilier Electr...
400C CDE-400C Datasheet
343Kb / 6P
   Long-Life, C Radial Leaded, Aluminum Electrolytic
logo
Vishay Siliconix
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com