Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS010M050ST Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # SS010M050ST
Description  Radial Leaded, General Purpose Aluminum Electrolytic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SS010M050ST Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  SS010M050ST Datasheet HTML 1Page - Cornell Dubilier Electronics SS010M050ST Datasheet HTML 2Page - Cornell Dubilier Electronics SS010M050ST Datasheet HTML 3Page - Cornell Dubilier Electronics SS010M050ST Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SS 85 ºC Sub-Miniature Aluminum Electrolytic Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SS 85 ºC Sub-Miniature Aluminum Electrolytic Capacitors
Radial Leaded, General Purpose Aluminum Electrolytic
Type SS is a sub-miniature radial leaded aluminum
electrolytic capacitor with a +85 ºC, 1000 hour long life
rating. The SS has a small size and is ideal for high
density packaging applications.
Highlights
Sub-miniature
+85 ºC
Great for high density packaging
Available in T&R and ammo pack
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
DC Leakage Current:
Ripple Multipliers for Voltage and Temperature:
Dissipation Factor @ 120 Hz, +20 ºC:
Load Life Test:
Shelf Life:
0.1 to 100 µF
6.3 to 63 Vdc
±20%
–40 ºC to +85 ºC
After 2 minutes, +25 ºC at rated voltage
I = .01CV or 3 µA Max, whichever is greater
C = Capacitance in (µF)
V = Rated voltage
I = Leakage current in µA
Rated
Ripple Multipliers
WVdc
60 Hz
120 Hz
1 kHz
6 to 25
0.85
1.0
1.10
35 to 63
0.80
1.0
1.15
Ambient
Ripple
Temperature Multiplier
+85 ºC
1.00
+75 ºC
1.14
+65 ºC
1.25
Apply WVdc for 1,000 hours at +85 ºC
Capacitance change within 20% of initial limit
DC leakage current meets initial limits
ESR ≤ 200% of initial value
1000 hrs with no voltage applied
Cap change within 20% of initial values
DC leakage meets initial requirement
DF 200%, meets initial requirement
Outline Drawing
Dimensions in (millimeters)
For capacitors whose capacitance values exceed 1000 µF, the
value of DF (%) is increased 2% for every additional 1000 µF
WVdc
6.3
10
16
25
35
50
63
DF (%)
24
20
16
14
12
10
10
L
S 0.5
15 Min.
D
5
PVC Sleeve
d 0.05
+
-
Vinyl sleeve adds .5 Max. to diameter
and 2.0 Max. to length.
Case vented on
diameters 6.3 and greater.
Radial Leaded, General Purpose Aluminum Electrolytic
Type SS is a sub-miniature radial leaded aluminum
electrolytic capacitor with a +85 ºC, 1000 hour long life
rating. The SS has a small size and is ideal for high
density packaging applications.
Highlights
Sub-miniature
+85 ºC
Great for high density packaging
Available in T&R and ammo pack
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
DC Leakage Current:
Ripple Multipliers for Voltage and Temperature:
Dissipation Factor @ 120 Hz, +20 ºC:
Load Life Test:
Shelf Life:
0.1 to 100 µF
6.3 to 63 Vdc
±20%
–40 ºC to +85 ºC
After 2 minutes, +25 ºC at rated voltage
I = .01CV or 3 µA Max, whichever is greater
C = Capacitance in (µF)
V = Rated voltage
I = Leakage current in µA
Rated
Ripple Multipliers
WVdc
60 Hz
120 Hz
1 kHz
6 to 25
0.85
1.0
1.10
35 to 63
0.80
1.0
1.15
Ambient
Ripple
Temperature Multiplier
+85 ºC
1.00
+75 ºC
1.14
+65 ºC
1.25
Apply WVdc for 1,000 hours at +85 ºC
Capacitance change within 20% of initial limit
DC leakage current meets initial limits
ESR ≤ 200% of initial value
1000 hrs with no voltage applied
Cap change within 20% of initial values
DC leakage meets initial requirement
DF 200%, meets initial requirement
Outline Drawing
For capacitors whose capacitance values exceed 1000 µF, the
value of DF (%) is increased 2% for every additional 1000 µF
WVdc
6.3
10
16
25
35
50
63
DF (%)
24
20
16
14
12
10
10


Similar Part No. - SS010M050ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SS010M050ST CDE-SS010M050ST Datasheet
405Kb / 3P
   85 쨘C Sub-Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - SS010M050ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VPR881U6R3E1A ETC2-VPR881U6R3E1A Datasheet
157Kb / 4P
   Radial Leaded Aluminum Electrolytic
logo
Cornell Dubilier Electr...
VPR881U6R3E1A CDE-VPR881U6R3E1A Datasheet
157Kb / 4P
   Radial Leaded Aluminum Electrolytic
logo
AVX Corporation
REF AVX-REF Datasheet
519Kb / 7P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REH AVX-REH Datasheet
500Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1E331 PANASONIC-EEU-FR1E331 Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REA AVX-REA Datasheet
410Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
logo
AVX Corporation
RHD AVX-RHD Datasheet
443Kb / 4P
   Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
RHA AVX-RHA Datasheet
346Kb / 4P
   Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com