Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HZA336M063F24VT-F Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # HZA336M063F24VT-F
Description  SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

HZA336M063F24VT-F Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  HZA336M063F24VT-F Datasheet HTML 1Page - Cornell Dubilier Electronics HZA336M063F24VT-F Datasheet HTML 2Page - Cornell Dubilier Electronics HZA336M063F24VT-F Datasheet HTML 3Page - Cornell Dubilier Electronics HZA336M063F24VT-F Datasheet HTML 4Page - Cornell Dubilier Electronics HZA336M063F24VT-F Datasheet HTML 5Page - Cornell Dubilier Electronics HZA336M063F24VT-F Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Ratings
Capacitance
(uF)
Voltage
Rating
(Vdc)
CDE Part Number
Max. DCL
(uA)
Max. DF
@120
Hz/20°C
Max. E.S.R.
@
100kHz/+20°C
(ohms)
Max. Ripple
Current
@
100kHz/+105°C
(A rms)
D
(mm)
L
(mm)
Case
Code
QTY/
reel
25Vdc ( 32 Vdc Surge )
220
25
HZA227M025F24VT-F
55.0
0.14
0.027
2.3
8
10.5
F
500
330
25
HZA337M025G24VT-F
82.5
0.14
0.020
2.5
10
10.5
G
500
35Vdc ( 44 Vdc Surge )
150
35
HZA157M035F24VT-F
52.5
0.12
0.027
2.3
8
10.5
F
500
270
35
HZA277M035G24VT-F
94.5
0.12
0.020
2.5
10
10.5
G
500
50Vdc ( 63 Vdc Surge )
68
50
HZA686M050F24VT-F
34.0
0.10
0.030
1.8
8
10.5
F
500
100
50
HZA107M050G24VT-F
50.0
0.10
0.028
2.0
10
10.5
G
500
63Vdc ( 79 Vdc Surge )
33
63
HZA336M063F24VT-F
20.7
0.08
0.040
1.7
8
10.5
F
500
56
63
HZA566M063G24VT-F
35.2
0.08
0.030
1.8
10
10.5
G
500
80Vdc ( 100 Vdc Surge )
22
80
HZA226M080F24VT-F
17.6
0.08
0.045
1.55
8
10.5
F
500
33
80
HZA336M080G24VT-F
26.4
0.08
0.036
1.70
10
10.5
G
500
HZA
227
M
025
F
24VT
–F
RoHS
Compliant
Indicator
Packaging
Type
Capacitance
Capacitance Tolerance
Voltage Code
Case Code
Code
227 = 220 µF
M = ±20%
025 = 25 Vdc
See Ratings Table
24 = Tape
carrier
width (mm)
T = Tape & Reel
V = High Vibration
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Part Numbering System
High Vibration
Type HZA_V -55 ºC to +105 ºC
SMT Hybrid Polymer-Aluminum Electrolytic Capacitors


Similar Part No. - HZA336M063F24VT-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
HZA336M063F24VT-F CDE-HZA336M063F24VT-F Datasheet
788Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZA336M063F24VT-F CDE-HZA336M063F24VT-F Datasheet
788Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors For fi ltering, Bypassing and Power Supply Decoupling with Long Life Requirements
More results

Similar Description - HZA336M063F24VT-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
HZC CDE-HZC_17 Datasheet
416Kb / 8P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZA CDE-HZA_17 Datasheet
395Kb / 7P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
HZC277M035G24VT-F ETC2-HZC277M035G24VT-F Datasheet
793Kb / 1P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZA336M025C12T-F ETC2-HZA336M025C12T-F Datasheet
777Kb / 7P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
HZA336M080G24VT-F CDE-HZA336M080G24VT-F Datasheet
788Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZC336M050X16T-F CDE-HZC336M050X16T-F Datasheet
825Kb / 8P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZC_V CDE-HZC_V Datasheet
297Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
HHXA350ARA470 CHEMI-CON-HHXA350ARA470 Datasheet
451Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXC350ARA220 CHEMI-CON-HHXC350ARA220 Datasheet
418Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nichicon corporation
GYA NICHICON-GYA Datasheet
1Mb / 1P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com