Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HZC226M035C12T-F Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part No. HZC226M035C12T-F
Description  SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

HZC226M035C12T-F Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  HZC226M035C12T-F Datasheet HTML 1Page - Cornell Dubilier Electronics HZC226M035C12T-F Datasheet HTML 2Page - Cornell Dubilier Electronics HZC226M035C12T-F Datasheet HTML 3Page - Cornell Dubilier Electronics HZC226M035C12T-F Datasheet HTML 4Page - Cornell Dubilier Electronics HZC226M035C12T-F Datasheet HTML 5Page - Cornell Dubilier Electronics HZC226M035C12T-F Datasheet HTML 6Page - Cornell Dubilier Electronics HZC226M035C12T-F Datasheet HTML 7Page - Cornell Dubilier Electronics HZC226M035C12T-F Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
HZC
227
M
25
F
24T
–F
RoHS
Compliant
Indicator
Packaging
Type
Capacitance
Capacitance Tolerance
Voltage Code
Case Code
Code
227 = 220 µF
M = ±20%
25 = 25 Vdc
See Ratings Table
24 = Tape
carrier
width (mm)
T = Tape & Reel
Type HZC -55 ºC to +125 ºC
SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
Test
Apply the maximum rated voltage for 4,000 hrs at +125 °C with full rated ripple current. After
the test measure the capacitance, DF, DCL and ESR at +20 °C. Also measure the ESR at -40 °C and
100kHz.
∆C at 120Hz
Capacitance will be within ±30% of the initial measured value
DF at 120 Hz
DF will be ≤ 200% of the initial specified value
DCL after 2 minute charge Leakage current will be ≤ the initial specified value
ESR at 100kHz/+20 °C
ESR will be ≤ 200% of the initial specified value
Max. ESR at 100kHz/-40 °C
after Load Life test
Case Code C : 2.0 Ω; Case Code D : 1.4 Ω; Case Code X : 0.8 Ω;
Case Code F : 0.4 Ω; Case Code G : 0.3 Ω
Load Life Test
Shelf Life Test
Test
Subject the capacitor to 1000 hrs at +125 °C without voltage. After the test, return the capacitor
to room temperature for two hours and then apply rated voltage for 30 minutes. The after test
measurements for capacitance, DF, DCL and ESR at +20 °C will meet the following.
∆C at 120 Hz
Capacitance will be within ±30% of the initial measured value
DF at 120 Hz
DF will be ≤ 200% of the initial specified value
DCL after 2 minute charge Leakage current will be ≤ the initial specified value
ESR at 100Khz/+20 °C
ESR will be ≤ 200% of the initial specified value
Moisture Resistance Test
Test
Subject the capacitor to 2000 hrs at +85 °C/85%RH with rated voltage. After the test, return the
capacitor to room temperature and humidity for two hours. The after test measurements for
capacitance, DF, DCL and ESR at +20 °C will meet the following.
∆C at 120 Hz
Capacitance will be within ±30% of the initial measured value
DF at 120 Hz
DF will be ≤ 200% of the initial specified value
DCL after 2 minute charge Leakage current will be ≤ the initial specified value
ESR at 100Khz/+20 °C
ESR will be ≤ 200% of the initial specified value
Temperature Cycle Test
Test
Subject the capacitor to 1000 cycles of temperature change from -55 °C to +125 °C using the
following sequence and durations.
Step
Temperature
Time at Temperature
1
-55 ºC
30 minutes
2
+20 ºC
3 minutes max
3
+125 ºC
30 minutes
4
+20 ºC
3 minutes max
After the test, return the capacitor to +20°C for one to two hours before measurement. The after
test measurements for capacitance, DF, and DCL at +20 °C will meet the following;
∆C at 120 Hz
Capacitance will be within ±20% of the initial measured value
DF at 120 Hz
DF will be ≤ 200% of the initial specified value
DCL after 2 minute charge Leakage current will be ≤ the initial specified value
Appearance
No significant change in appearance


Similar Part No. - HZC226M035C12T-F

ManufacturerPart No.DatasheetDescription
Cornell Dubilier Electronics
Cornell Dubilier Electr...
HZC226M035C12T-F CDE-HZC226M035C12T-F Datasheet
825Kb / 8P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZC226M035C12T-F CDE-HZC226M035C12T-F Datasheet
825Kb / 8P
   Low Leakage Current
More results

Similar Description - HZC226M035C12T-F

ManufacturerPart No.DatasheetDescription
Cornell Dubilier Electronics
Cornell Dubilier Electr...
HZA CDE-HZA_17 Datasheet
395Kb / 7P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
List of Unclassifed Manufacturers
List of Unclassifed Man...
HZC277M035G24VT-F ETC2-HZC277M035G24VT-F Datasheet
793Kb / 1P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
Cornell Dubilier Electronics
Cornell Dubilier Electr...
HZC336M050X16T-F CDE-HZC336M050X16T-F Datasheet
825Kb / 8P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
List of Unclassifed Manufacturers
List of Unclassifed Man...
HZA336M025C12T-F ETC2-HZA336M025C12T-F Datasheet
777Kb / 7P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
Cornell Dubilier Electronics
Cornell Dubilier Electr...
HZA336M080G24VT-F CDE-HZA336M080G24VT-F Datasheet
788Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZA_V CDE-HZA_V Datasheet
295Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZC_V CDE-HZC_V Datasheet
297Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
Nichicon corporation
Nichicon corporation
GYA NICHICON-GYA Datasheet
1Mb / 1P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
United Chemi-Con, Inc.
United Chemi-Con, Inc.
HHXA350ARA470 CHEMI-CON-HHXA350ARA470 Datasheet
451Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXC350ARA220 CHEMI-CON-HHXC350ARA220 Datasheet
418Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz