Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HZC337M025G24T-F Datasheet(PDF) 7 Page - Cornell Dubilier Electronics

Part # HZC337M025G24T-F
Description  SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

HZC337M025G24T-F Datasheet(HTML) 7 Page - Cornell Dubilier Electronics

  HZC337M025G24T-F Datasheet HTML 1Page - Cornell Dubilier Electronics HZC337M025G24T-F Datasheet HTML 2Page - Cornell Dubilier Electronics HZC337M025G24T-F Datasheet HTML 3Page - Cornell Dubilier Electronics HZC337M025G24T-F Datasheet HTML 4Page - Cornell Dubilier Electronics HZC337M025G24T-F Datasheet HTML 5Page - Cornell Dubilier Electronics HZC337M025G24T-F Datasheet HTML 6Page - Cornell Dubilier Electronics HZC337M025G24T-F Datasheet HTML 7Page - Cornell Dubilier Electronics HZC337M025G24T-F Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Type HZC -55 ºC to +125 ºC
SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Capacitor Temperature Characteristics
330 µF/25V at +125 ºC with rated voltage
Life Test Results
-40
-30
-20
-10
0
10
0
1000
2000
3000
4000
hours
Spec. Limit: ±30%
0
20
40
60
80
100
0
1000
2000
3000
4000
hours
Spec. Limit: 82.5 uA
0
0.1
0.2
0.3
0.4
0.5
0
1000
2000
3000
4000
hours
Spec. Limit: 0.28


Similar Part No. - HZC337M025G24T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
HZC337M025G24T-F CDE-HZC337M025G24T-F Datasheet
825Kb / 8P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZC337M025G24T-F CDE-HZC337M025G24T-F Datasheet
825Kb / 8P
   Low Leakage Current
More results

Similar Description - HZC337M025G24T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
HZA CDE-HZA_17 Datasheet
395Kb / 7P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
HZC277M035G24VT-F ETC2-HZC277M035G24VT-F Datasheet
793Kb / 1P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZA336M025C12T-F ETC2-HZA336M025C12T-F Datasheet
777Kb / 7P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
HZA336M080G24VT-F CDE-HZA336M080G24VT-F Datasheet
788Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZA_V CDE-HZA_V Datasheet
295Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZC336M050X16T-F CDE-HZC336M050X16T-F Datasheet
825Kb / 8P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZC_V CDE-HZC_V Datasheet
297Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
HHXA350ARA470 CHEMI-CON-HHXA350ARA470 Datasheet
451Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXC350ARA220 CHEMI-CON-HHXC350ARA220 Datasheet
418Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nichicon corporation
GYA NICHICON-GYA Datasheet
1Mb / 1P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com