Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXR122M6R3ST Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # SXR122M6R3ST
Description  Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SXR122M6R3ST Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  SXR122M6R3ST Datasheet HTML 1Page - Cornell Dubilier Electronics SXR122M6R3ST Datasheet HTML 2Page - Cornell Dubilier Electronics SXR122M6R3ST Datasheet HTML 3Page - Cornell Dubilier Electronics SXR122M6R3ST Datasheet HTML 4Page - Cornell Dubilier Electronics SXR122M6R3ST Datasheet HTML 5Page - Cornell Dubilier Electronics SXR122M6R3ST Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Type SXR 105 ºC Long Life Aluminum Electrolytic Capacitors
Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Max ESR
Max Ripple
Catalog
100 kHz
100 kHz
Size in. (mm)
Cap
Part Number
25 ºC
105 ºC
Diameter
Length
Lead Space
Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
35 Vdc (44 Volts Surge)
100
SXR101M035ST
1.59
400
.394 (10.0)
.472 (12.0)
.197 (5.0)
.0236 (0.6)
120
SXR121M035ST
1.33
510
.394 (10.0)
.472 (12.0)
.197 (5.0)
.0236 (0.6)
150
SXR151M035ST
1.06
550
.394 (10.0)
.472 (12.0)
.197 (5.0)
.0236 (0.6)
220
SXR221M035ST
0.72
650
.394 (10.0)
.630 (16.0)
.197 (5.0)
.0236 (0.6)
330
SXR331M035ST
0.48
860
.394 (10.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
470
SXR471M035ST
0.34
1150
.394 (10.0)
1.18 (30.0)
.197 (5.0)
.0236 (0.6)
680
SXR681M035ST
0.23
1320
.472 (12.0)
.984 (25.0)
.197 (5.0)
.0236 (0.6)
820
SXR821M035ST
0.19
1400
.472 (12.0)
1.18 (30.0)
.197 (5.0)
.0236 (0.6)
1000
SXR102M035ST
0.16
1540
.472 (12.0)
1.18 (30.0)
.197 (5.0)
.0236 (0.6)
1200
SXR122M035ST
0.13
1770
.472 (12.0)
1.38 (35.0)
.197 (5.0)
.0236 (0.6)
1500
SXR152M035ST
0.12
1980
.472 (12.0)
1.57 (40.0)
.197 (5.0)
.0236 (0.6)
2200
SXR222M035ST
0.08
2030
.630 (16.0)
1.40 (36.0)
.295 (7.5)
.0315 (0.8)
3300
SXR332M035ST
0.47
2460
.709 (18.0)
1.57 (40.0)
.295 (7.5)
.0315 (0.8)
50 Vdc (63 Volts Surge)
68
SXR680M050ST
1.95
400
.394 (10.0)
.472 (12.0)
.197 (5.0)
.0236 (0.6)
100
SXR101M050ST
1.33
635
.394 (10.0)
.630 (16.0)
.197 (5.0)
.0236 (0.6)
120
SXR121M050ST
1.11
650
.394 (10.0)
.630 (16.0)
.197 (5.0)
.0236 (0.6)
150
SXR151M050ST
0.88
860
.394 (10.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
220
SXR221M050ST
0.60
1030
.394 (10.0)
.984 (25.0)
.197 (5.0)
.0236 (0.6)
330
SXR331M050ST
0.40
1150
.394 (10.0)
1.18 (30.0)
.197 (5.0)
.0236 (0.6)
470
SXR471M050ST
0.28
1320
.472(12.0)
.984 (25.0)
.197 (5.0)
.0236 (0.6)
680
SXR681M050ST
0.20
1770
.472 (12.0)
1.38 (35.0)
.197 (5.0)
.0236 (0.6)
820
SXR821M050ST
0.16
1980
.472 (12.0)
1.57 (40.0)
.197 (5.0)
.0236 (0.6)
1000
SXR102M050ST
0.13
1810
.630 (16.0)
1.26 (32.0)
.295 (7.5)
.0315 (0.8)
1200
SXR122M050ST
0.11
2030
.630 (16.0)
1.40 (36.0)
.295 (7.5)
.0315 (0.8)
1500
SXR152M050ST
0.10
2320
.630 (16.0)
1.57 (40.0)
.295 (7.5)
.0315 (0.8)
63 Vdc (79 Volts Surge)
47
SXR470M063ST
2.26
305
.394 (10.0)
.472 (12.0)
.197 (5.0)
.0236 (0.6)
68
SXR680M063ST
1.56
500
.394 (10.0)
.630 (16.0)
.197 (5.0)
.0236 (0.6)
100
SXR101M063ST
1.06
550
.394 (10.0)
.630 (16.0)
.197 (5.0)
.0236 (0.6)
120
SXR121M063ST
0.88
620
.394 (10.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
150
SXR151M063ST
0.71
795
.394 (10.0)
.984 (25.0)
.197 (5.0)
.0236 (0.6)
220
SXR221M063ST
0.48
890
.472 (12.0)
.984 (25.0)
.197 (5.0)
.0236 (0.6)
330
SXR331M063ST
0.32
1320
.472 (12.0)
1.18 (30.0)
.197 (5.0)
.0236 (0.6)
470
SXR471M063ST
0.23
1450
.472 (12.0)
1.38 (35.0)
.197 (5.0)
.0236 (0.6)
680
SXR681M063ST
0.16
1790
.630 (16.0)
1.26 (32.0)
.295 (7.5)
.0315 (0.8)
1000
SXR102M063ST
0.11
2200
.709 (18.0)
1.40 (36.0)
.295 (7.5)
.0315 (0.8)
1200
SXR122M063ST
0.09
2370
.709 (18.0)
1.57 (40.0)
.295 (7.5)
.0315 (0.8)
100 Vdc (125 Volts Surge)
22
SXR220M100ST
4.22
305
.394 (10.0)
.472 (12.0)
.197 (5.0)
.0236 (0.6)
33
SXR330M100ST
2.81
500
.394 (10.0)
.630 (16.0)
.197 (5.0)
.0236 (0.6)
47
SXR470M100ST
1.98
600
.394 (10.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
68
SXR680M100ST
1.37
795
.394 (10.0)
.984 (25.0)
.197 (5.0)
.0236 (0.6)
100
SXR101M100ST
0.93
905
.394 (10.0)
1.18 (30.0)
.197 (5.0)
.0236 (0.6)
120
SXR121M100ST
0.77
1040
.472 (12.0)
1.18 (30.0)
.197 (5.0)
.0236 (0.6)
150
SXR151M100ST
0.62
1200
.472 (12.0)
1.18 (30.0)
.197 (5.0)
.0236 (0.6)
220
SXR221M100ST
0.42
1440
.630 (16.0)
1.26 (32.0)
.295 (7.5)
.0315 (0.8)
330
SXR331M100ST
0.28
1790
.709 (18.0)
1.40 (36.0)
.295 (7.5)
.0315 (0.8)


Similar Part No. - SXR122M6R3ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SXR121M6R3ST CDE-SXR121M6R3ST Datasheet
355Kb / 4P
   105 쨘C Long Life Aluminum Electrolytic Capacitors
More results

Similar Description - SXR122M6R3ST

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
REF AVX-REF Datasheet
519Kb / 7P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REH AVX-REH Datasheet
500Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1E331 PANASONIC-EEU-FR1E331 Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REA AVX-REA Datasheet
410Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
RFE international
RZD102M1CBK100200 RFE-RZD102M1CBK100200 Datasheet
120Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS RZD Series: Radial Low ESR
logo
AVX Corporation
RHD AVX-RHD Datasheet
443Kb / 4P
   Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
RHA AVX-RHA Datasheet
346Kb / 4P
   Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
logo
List of Unclassifed Man...
VPR881U6R3E1A ETC2-VPR881U6R3E1A Datasheet
157Kb / 4P
   Radial Leaded Aluminum Electrolytic
logo
RFE international
RXK221M1HBK100250 RFE-RXK221M1HBK100250 Datasheet
145Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS RXK Series: Radial Low Impedance & ESR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com