Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN330M6R3ST Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # SN330M6R3ST
Description  Radial Leaded Non-Polar Aluminum Electrolytic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SN330M6R3ST Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  SN330M6R3ST Datasheet HTML 1Page - Cornell Dubilier Electronics SN330M6R3ST Datasheet HTML 2Page - Cornell Dubilier Electronics SN330M6R3ST Datasheet HTML 3Page - Cornell Dubilier Electronics SN330M6R3ST Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SN 85 ºC Non-Polar Aluminum Electrolytic Capacitors
Ratings
Cap
(µF)
Catalog
Part Number
Max ESR
120 Hz
+25 ºC
(Ω)
Max Ripple
120 Hz
+85 ºC
(mA)
Size in. (mm)
Diameter
(D)
Length
(L)
Lead Space
(S)
Lead Dia.
(d)
25 WVNP (32 VNP Surge)
1.0
2.2
4.7
10
22
SN010M025ST
SN2R2M025ST
SN4R7M025ST
SN100M025ST
SN220M025ST
199.04
90.47
42.35
19.90
9.05
17
25
34
50
86
.197 (5.0)
.197 (5.0)
.197 (5.0)
.236 (6.0)
.315 (8.0)
.433 (11.0)
.433 (11.0)
.433 (11.0)
.433 (11.0)
.453 (11.5)
.079 (2.0)
.079 (2.0)
.079 (2.0)
.098 (2.5)
.138 (3.5)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
33
47
100
220
330
470
SN330M025ST
SN470M025ST
SN101M025ST
SN221M025ST
SN331M025ST
SN471M025ST
6.03
4.23
1.99
0.90
0.60
0.42
105
140
240
390
580
690
.315 (8.0)
.394 (10.0)
.394 (10.0)
.512 (13.0)
.630 (16.0)
.630 (16.0)
.453 (11.5)
.472 (12.0)
.787 (20.0)
.787 (20.0)
.984 (25.0)
.984 (25.0)
.138 (3.5)
.197 (5.0)
.197 (5.0)
.197 (5.0)
.295 (7.5)
.295 (7.5)
.0197 (0.5)
.0236 (0.6)
.0236 (0.6)
.0236 (0.6)
.0315 (0.8)
.0315 (0.8)
35 WVNP (44 VNP Surge)
3.3
4.7
10
22
33
SN3R3M035ST
SN4R7M035ST
SN100M035ST
SN220M035ST
SN330M035ST
56.30
39.53
18.58
8.44
5.63
27
34
54
94
125
.197 (5.0)
.197 (5.0)
.236 (6.0)
.315 (8.0)
.394 (10.0)
.433 (11.0)
.433 (11.0)
.433 (11.0)
.453 (11.5)
.472 (12.0)
.079 (2.0)
.079 (2.0)
.098 (2.5)
.138 (3.5)
.197 (5.0)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
.0236 (0.6)
47
100
220
330
470
SN470M035ST
SN101M035ST
SN221M035ST
SN331M035ST
SN471M035ST
3.95
1.86
0.84
0.56
0.40
165
285
520
630
820
.394 (10.0)
.512 (13.0)
.630 (16.0)
.630 (16.0)
.630 (16.0)
.630 (16.0)
.787 (20.0)
.984 (25.0)
.984 (25.0)
1.26 (32.0)
.197 (5.0)
.197 (5.0)
.197 (5.0)
.295 (7.5)
.295 (7.5)
.0236 (0.6)
.0236 (0.6)
.0236 (0.6)
.0315 (0.8)
.0315 (0.8)
50 WVNP (63 VNP Surge)
0.47
1.0
2.2
3.3
4.7
SNR47M050ST
SN010M050ST
SN2R2M050ST
SN3R3M050ST
SN4R7M050ST
338.80
159.24
72.38
48.25
33.88
11
17
25
31
41
.197 (5.0)
.197 (5.0)
.197 (5.0)
.236 (6.0)
.236 (6.0)
.433 (11.0)
.433 (11.0)
.433 (11.0)
.433 (11.0)
.433 (11.0)
.079 (2.0)
.079 (2.0)
.079 (2.0)
.098 (2.5)
.098 (2.5)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
10
22
33
47
100
SN100M050ST
SN220M050ST
SN330M050ST
SN470M050ST
SN101M050ST
15.92
7.24
4.83
3.39
1.59
70
115
150
190
310
.315 (8.0)
.394 (10.0)
.394 (10.0)
.394 (10.0)
.512 (13.0)
.453 (11.5)
.472 (12.0)
.630 (16.0)
.787 (20.0)
.787 (20.0)
.138 (3.5)
.197 (5.0)
.197 (5.0)
.197 (5.0)
.197 (5.0)
.0197 (0.5)
.0236 (0.6)
.0236 (0.6)
.0236 (0.6)
.0236 (0.6)
220
330
SN221M050ST
SN331M050ST
0.72
0.48
570
790
.630 (16.0)
.630 (16.0)
.984 (25.0)
1.42 (36.0)
.295 (7.5)
.295 (7.5)
.0315 (0.8)
.0315 (0.8)
63 WVNP (79 VNP Surge)
1.0
2.2
3.3
4.7
10.0
SN010M063ST
SN2R2M063ST
SN3R3M063ST
SN4R7M063ST
SN100M063ST
159.24
72.38
48.25
33.88
15.92
17
25
37
44
74
.197 (5.0)
.197 (5.0)
.197 (5.0)
.236 (6.0)
.315 (8.0)
.433 (11.0)
.433 (11.0)
.433 (11.0)
.433 (11.0)
.453 (11.5)
.079 (2.0)
.079 (2.0)
.098 (2.5)
.098 (2.5)
.138 (3.5)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
.0197 (0.5)
22
33
47
100
220
SN220M063ST
SN330M063ST
SN470M063ST
SN101M063ST
SN221M063ST
7.24
4.83
3.39
1.59
0.72
130
175
230
410
660
.394 (10.0)
.394 (10.0)
.512 (13.0)
.630 (16.0)
.630 (16.0)
.630 (16.0)
.787 (20.0)
.787 (20.0)
.984 (25.0)
1.26 (32.0)
.197 (5.0)
.197 (5.0)
.197 (5.0)
.295 (7.5)
.295 (7.5)
.0236 (0.6)
.0236 (0.6)
.0236 (0.6)
.0315 (0.8)
.0315 (0.8)
Parts highlighted in yellow are obsolete.


Similar Part No. - SN330M6R3ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST Datasheet
419Kb / 4P
   85 쨘C Non-Polar Aluminum Electrolytic Capacitors
More results

Similar Description - SN330M6R3ST

ManufacturerPart #DatasheetDescription
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
logo
Illinois Capacitor, Inc...
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M_13 Datasheet
246Kb / 2P
   85C Non-polar Radial Lead Aluminum Electrolytic Capacitors
logo
Dubilier
CEBNP DUBILIER-CEBNP Datasheet
250Kb / 2P
   ALUMINIUM ELECTROLYTIC NON - POLAR RADIAL
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
logo
RFE international
SN010M1HBK040070 RFE-SN010M1HBK040070 Datasheet
87Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS SN Series: Radial Non-Polar, Miniature
logo
NIC-Components Corp.
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR_14 Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
logo
NTE Electronics
NPR47M50 NTE-NPR47M50 Datasheet
81Kb / 2P
   NON−POLAR ALUMINUM ELECTROLYTIC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com