Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXR221M6R3ST Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # SXR221M6R3ST
Description  Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SXR221M6R3ST Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  SXR221M6R3ST Datasheet HTML 1Page - Cornell Dubilier Electronics SXR221M6R3ST Datasheet HTML 2Page - Cornell Dubilier Electronics SXR221M6R3ST Datasheet HTML 3Page - Cornell Dubilier Electronics SXR221M6R3ST Datasheet HTML 4Page - Cornell Dubilier Electronics SXR221M6R3ST Datasheet HTML 5Page - Cornell Dubilier Electronics SXR221M6R3ST Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Type SXR is a radial leaded aluminum electrolytic capacitor with a
+105 ºC, 2000 to 5000 hours long life ratings. The low ESR and high
ripple current ratings make it ideal for output filtering applications in
switching power supplies.
Highlights
- +105 ºC
- 2000 to 5000 hours - long life
- Low ESR
- High ripple current
- Available in T & R and ammo pack
Specifications
Temperature Range
–40 ºC to +105 ºC
Rated Voltage Range
6.3 to 100 Vdc
Capacitance Range
22 to 15,000 µF
Capacitance Tolerance
± 20%
DC Leakage Current
I ≤ .01CV or 3 µA after 2 minutes @ +20 ºC, whichever is greater
C = Capacitance in (µF)
V = Rated voltage
I = Leakage current in µA
Ripple Current Multipliers
Dissipation Factor @ 120 Hz, +25 ºC
For capacitors whose capacitance value exceeds 1000 µF, the value of DF
(%) is increased 2% for every additional 1000 µF
Load Life Test
Apply WVDC for:
Capacitance change within 25% of initial value
DC leakage current meets initial limits
DF ≤ 200% of initial limit
Shelf Life
1000 hrs with no voltage applied at +105 ºC
Cap change within 25% of initial values
DF ≤ 200% of initial limit
DC leakage current meets initial limits
RoHS Compliant
Type SXR 105 ºC Long Life Aluminum Electrolytic Capacitors
Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
WV (V)
6.3
10 16 25 35 50
63
100
DF(%)
22 19 16 14 12 10
9
8
Rated
Ripple Multipliers
WVDC
60Hz
120Hz
400 Hz
1 kHz
10 kHz
100 kHz
10 - 16
0.45
0.60
0.83
0.94
0.98
1.00
25 - 35
0.38
0.50
0.75
0.90
0.97
1.00
50 - 100
0.36
0.46
0.70
0.88
0.94
1.00
Temperature (ºC)
+65
+75
+85
+95
+105
Multiplier
2.12
1.92
1.69
1.50
1.00
Case Dia.
Lifetime (Hours)
≤ 6.3 mm
2000
8.0 mm
3000
10.0 mm
4000
≥13.0 mm
5000
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830


Similar Part No. - SXR221M6R3ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SXR100K101A1 CDE-SXR100K101A1 Datasheet
355Kb / 4P
   105 쨘C Long Life Aluminum Electrolytic Capacitors
SXR100K101A2 CDE-SXR100K101A2 Datasheet
355Kb / 4P
   105 쨘C Long Life Aluminum Electrolytic Capacitors
SXR100K101A4 CDE-SXR100K101A4 Datasheet
355Kb / 4P
   105 쨘C Long Life Aluminum Electrolytic Capacitors
SXR100K101AT CDE-SXR100K101AT Datasheet
355Kb / 4P
   105 쨘C Long Life Aluminum Electrolytic Capacitors
SXR100K101E1 CDE-SXR100K101E1 Datasheet
355Kb / 4P
   105 쨘C Long Life Aluminum Electrolytic Capacitors
More results

Similar Description - SXR221M6R3ST

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
REF AVX-REF Datasheet
519Kb / 7P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REH AVX-REH Datasheet
500Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1E331 PANASONIC-EEU-FR1E331 Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REA AVX-REA Datasheet
410Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
RFE international
RZD102M1CBK100200 RFE-RZD102M1CBK100200 Datasheet
120Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS RZD Series: Radial Low ESR
logo
AVX Corporation
RHD AVX-RHD Datasheet
443Kb / 4P
   Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
RHA AVX-RHA Datasheet
346Kb / 4P
   Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
logo
List of Unclassifed Man...
VPR881U6R3E1A ETC2-VPR881U6R3E1A Datasheet
157Kb / 4P
   Radial Leaded Aluminum Electrolytic
logo
RFE international
RXK221M1HBK100250 RFE-RXK221M1HBK100250 Datasheet
145Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS RXK Series: Radial Low Impedance & ESR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com