Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRC3P60E440R2 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # DRC3P60E440R2
Description  DIN Rail Mount
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRC3P60E440R2 Datasheet(HTML) 1 Page - Crydom Inc.,

  DRC3P60E440R2 Datasheet HTML 1Page - Crydom Inc., DRC3P60E440R2 Datasheet HTML 2Page - Crydom Inc., DRC3P60E440R2 Datasheet HTML 3Page - Crydom Inc., DRC3P60E440R2 Datasheet HTML 4Page - Crydom Inc., DRC3P60E440R2 Datasheet HTML 5Page - Crydom Inc., DRC3P60E440R2 Datasheet HTML 6Page - Crydom Inc., DRC3P60E440R2 Datasheet HTML 7Page - Crydom Inc., DRC3P60E440R2 Datasheet HTML 8Page - Crydom Inc., DRC3P60E440R2 Datasheet HTML 9Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DataSheet
DIN Rail Mount
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
Start / Stop
Reversing
DRC Series with
EMR Auxiliary Contacts
7.6 Amp AC Semiconductor Motor Controller
Load voltage range up to 600 VAC
Fits standard 35mm DIN Rail
LED input status indicator
AC or DC control
Zero Voltage (resistive loads) or instantaneous (inductive loads) turn-on output
C-UL-US Listed, IEC Rated, CE & RoHS Compliant, Horsepower Rated
Built-in Overvoltage Protection
Ultra-efficient thermal management design (Patented)
See DRC Series models with Solid State Auxiliary Contacts
Solicon DRC Series with EMR Auxiliary Contacts are Solid State
Contactors intended for frequently switching on and off three
phase loads up to 5 HP, 600 VAC 7.6 Amps. They are available in
both contactor versions DRC3P and reversing contactor versions
DRC3R.
The Solicon Contactor DRC3P is available in either instantaneous
turn-on (for Motor Control) or zero voltage turn-on (for Resistive
Loads). It is available in either 2 or 3 controlled leg versions. The
2 legs control version is particularly suitable for motor control
circuits where the neutral conductor is not utilized.
The Solicon Reversing Contactor DRC3R includes an interlock
control that allows only off, forward and reverse operation in a
safe mode while providing high space saving; it switches
instantaneously upon application of the control voltage unless an
instantaneous change of direction is commanded, then it will
delay the direction change by 100msec in order to prevent
simultaneous forward and reverse operations.
All the models of Solicon DRC Series with EMR Auxiliary Contacts
combine the benefits and advantages of a solid state contactor
with the functionality and simplicity of use of an
electromechanical contactor thanks to the proprietary thermal
management technology (Patented) and complete electrical
insulation (no grounding required); the embedded EMR auxiliary
contacts, normally open and/or normally closed, are intended to
be used at 110VDC/140VAC. All models include overvoltage
protection.
PRODUCT SELECTION
Control Voltage
1 NO + 1NC Auxiliary Contact
2 NO Auxiliary Contact
24 VAC/DC
DRC3P48D433, DRC3P60D433
24 VDC
DRC3P48D440, DRC3P60D440
DRC3R40E440, DRC3R48E440
AVAILABLE OPTIONS
Required for valid part number
For options only and not required for valid part number
DRC
Series
Operating Voltage
40: 400 VAC
(3R function only)
48: 480 VAC
60: 600 VAC
(3P function only)
Control Voltage
D: 18-30 VAC/DC
(3P function only)
E: 18-30 VDC
(3R function only)
Function
3P: Contactor
3R: Reversing Contactor
48
D
3P
Load Current per Phase
4: 7.6 Amp FLA
(x2 Controlled Legs
& 3R function);
4.8 Amp FLA
(x3 Controlled Legs only)
4
Auxiliary Contacts,
N.O. - N.C.
33: 1 Normally Open EMR ;
1 Normally Closed EMR
(3P function only)
40: 2 Normally Open EMR
33
Switching Mode
(3P function only)
Blank: Zero Voltage Turn-On
R: Instantaneous Turn-On
Controlled Legs
(3P function only)
Blank: 3 Controlled Legs
2: 2 Controlled Legs
R
2
FDE-07-01 REV. A


Similar Part No. - DRC3P60E440R2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRC3P60E440R2 CRYDOM-DRC3P60E440R2 Datasheet
536Kb / 2P
   DIN Rail Mount
More results

Similar Description - DRC3P60E440R2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
   DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
   DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
   DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
   DIN rail mount
DR24D06 CRYDOM-DR24D06_13 Datasheet
770Kb / 7P
   DIN rail mount
DRA3P48D2 CRYDOM-DRA3P48D2 Datasheet
976Kb / 5P
   DIN rail mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
   DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
   DIN Rail Mount
CKM CRYDOM-CKM Datasheet
545Kb / 4P
   DIN Rail Mount
DRA1MP CRYDOM-DRA1MP Datasheet
660Kb / 5P
   DIN Rail Mount
CMR60 CRYDOM-CMR60_17 Datasheet
611Kb / 5P
   DIN Rail Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com