Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRC3R48D440R2 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # DRC3R48D440R2
Description  DIN Rail Mount
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRC3R48D440R2 Datasheet(HTML) 2 Page - Crydom Inc.,

  DRC3R48D440R2 Datasheet HTML 1Page - Crydom Inc., DRC3R48D440R2 Datasheet HTML 2Page - Crydom Inc., DRC3R48D440R2 Datasheet HTML 3Page - Crydom Inc., DRC3R48D440R2 Datasheet HTML 4Page - Crydom Inc., DRC3R48D440R2 Datasheet HTML 5Page - Crydom Inc., DRC3R48D440R2 Datasheet HTML 6Page - Crydom Inc., DRC3R48D440R2 Datasheet HTML 7Page - Crydom Inc., DRC3R48D440R2 Datasheet HTML 8Page - Crydom Inc., DRC3R48D440R2 Datasheet HTML 9Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DataSheet
DIN Rail Mount
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
OUTPUT SPECIFICATIONS (1)
DRC3P48D4x2
DRC3P48D4x
Description
Load Current, General Use UL508 /AC51 @40°C [
ARMS] (4)
5
7.6
Load Current, Motor Controller UL508 /AC-53a @480VAC [
ARMS] (4)
4.8
7.6
Minimum Load Current [
ARMS]
0.15
0.15
Maximum Surge Current [Apk] 1 Cycle 60Hz
750
750
Maximum Surge Current [Apk] 1 Cycle 50Hz
716
716
Maximum I2t for Fusing (8.33msec)[A2sec]
2330
2330
Maximum I2t for Fusing (10msec)[A2sec]
2560
2560
Maximum On-State Voltage Drop @ Rated Current [
VRMS]
1.15 per channel
1.15 per channel
Minimum Power Factor (with Maximum Load)
0.5
0.5
Ratings according to UL 508/IEC60947-4-2 [HP/kW]: 240 VAC
1/.75
2/1.5
Ratings according to UL 508/IEC60947-4-2 [HP/kW]: 400 VAC
2/1.5
3/2.2
Ratings according to UL 508/IEC60947-4-2 [HP/kW]: 480 VAC
3/2.2
5/3.7
Operating Voltage (47-63Hz) [
VRMS]
48-530
48-530
Transient Overvoltage [Vpk] (2)(3)
1200
1200
Maximum Off-State Leakage Current @ Rated Voltage [mARMS]
3.0
3.0
Maximum Off-State dv/dt @ Maximum Rated Voltage [V/µsec]
500
500
DRC3P60D4x2
DRC3P60D4x
5
7.6
4.8
7.6
0.15
0.15
750
750
716
716
2330
2330
2560
2560
1.15 per channel
1.15 per channel
0.7
0.7
1/.75
2/1.5
2/1.5
3/2.2
3/2.2
5/3.7
48-600
48-600
1200
1200
1.0
1.0
500
500
DRC3R48E440
DRC3R40E440
7.6
7.6
7.6
7.6
0.15
0.15
750
625
716
597
2330
1621
2560
1779
1.3 per channel
1.3 per channel
0.5
0.5
2/1.5
2/1.5
3/2.2
3/2.2
-
5/3.7
Motor Ratings @ 600 VAC [HP/kW]
-
-
3/2.2
5/3.7
-
-
48-415
48-510
1200
1600
5.5
5.5
500
500
INPUT SPECIFICATIONS (1)
Description
Control Voltage Range
Minimum Turn-On Voltage (5)
Must Turn-Off Voltage
Minimum Input Current (for on-state) [mA]
Maximum Input Current [mA]
Nominal Input Impedance [Ohms]
Maximum Delay to Turn-On [msec] (6)
Maximum Turn-Off Time [msec] (7)
Option D
18-30 VAC / VDC
18 VAC / VDC
4 VAC / VDC
12.5
32
Current Regulated
20
30
Option E
18-30 VDC
18 VDC
4 VDC
12.5
32
Current Regulated
100
± 30
20
AUXILIARY CONTACTS(1)
Description
Maximum Operating Voltage
Transient Overvoltage [Vpk]
Maximum Load Current [Adc/Arms] (8)
Maximum Contact Rating [W] (8)
Normally Open Suffix 40 [3P]
110VDC/ 140VAC
250
0.5/0.35
10/7
Normally Closed / Normally Open Suffix 33
110VDC/ 250VAC
250
0.3/0.25
33/62.5
Normally Open Suffix 40 [3R]
110VDC/ 140VAC
250
0.5/0.35
10/7
Maximum Turn-Off Time [msec]
30
20
30
Maximum Delay to Turn-On [msec]
20
100±30
20
Minimum Load Current [mA]
10
10
10
Mechanical Life Expectancy [Ops.]
108
108
108
Maximum Delay to Turn-On [msec]
20
100±30
20
Electrical Life Expectancy [Ops.]
105
105
105
GENERAL SPECIFICATIONS(1)
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz) (9)
3750 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohms
Maximum Capacitance, Input/Output
20 pF
Ambient Operating Temperature Range (10)
-20 to 60 °C
Ambient Storage Temperature Range
-30 to 85 °C
Weight (typical)
2 Controlled Legs (6.9 oz [197 g]) / 3 Controlled Legs (8.0 oz [228 g])
Housing Material
UL94 V-0
Housing Color
Black and Light Gray
LED Status Indicator (color) (11)
Forward (Green) / Reverse (Amber)
Short Circuit Current Rating (12)
100kA
Control and Auxiliary Contact Terminal Screw Torque Range (lb-in/Nm)
12 / 1.36
Load Terminal Screw Torque Range (lb-in/Nm)
15 / 1.7
Input Terminal Wire Capacity
18-12 AWG (IEC 1-4 mm2) (stranded /solid)
Output Terminal Wire Capacity
18-10 AWG (IEC 1-6 mm2 ) (stranded /solid)
Humidity
85% non-condensing
Protection Degree (13)
IP20
Pollution Degree
2


Similar Part No. - DRC3R48D440R2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRC3R48D440R2 CRYDOM-DRC3R48D440R2 Datasheet
536Kb / 2P
   DIN Rail Mount
More results

Similar Description - DRC3R48D440R2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
   DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
   DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
   DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
   DIN rail mount
DR24D06 CRYDOM-DR24D06_13 Datasheet
770Kb / 7P
   DIN rail mount
DRA3P48D2 CRYDOM-DRA3P48D2 Datasheet
976Kb / 5P
   DIN rail mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
   DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
   DIN Rail Mount
CKM CRYDOM-CKM Datasheet
545Kb / 4P
   DIN Rail Mount
DRA1MP CRYDOM-DRA1MP Datasheet
660Kb / 5P
   DIN Rail Mount
CMR60 CRYDOM-CMR60_17 Datasheet
611Kb / 5P
   DIN Rail Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com