Electronic Components Datasheet Search |
|
DRC3P60D433R2 Datasheet(PDF) 2 Page - Crydom Inc., |
|
DRC3P60D433R2 Datasheet(HTML) 2 Page - Crydom Inc., |
2 / 11 page DataSheet DIN Rail Mount Do not forget to visit us at: www.crydom.com Copyright © 2017 Crydom Inc. Specifications subject to change without notice. OUTPUT SPECIFICATIONS (1) DRC3P48D4x2 DRC3P48D4x Description Load Current, General Use UL508 /AC51 @40°C [ ARMS] (4) 5 7.6 Load Current, Motor Controller UL508 /AC-53a @480VAC [ ARMS] (4) 4.8 7.6 Minimum Load Current [ ARMS] 0.15 0.15 Maximum Surge Current [Apk] 1 Cycle 60Hz 750 750 Maximum Surge Current [Apk] 1 Cycle 50Hz 716 716 Maximum I2t for Fusing (8.33msec)[A2sec] 2330 2330 Maximum I2t for Fusing (10msec)[A2sec] 2560 2560 Maximum On-State Voltage Drop @ Rated Current [ VRMS] 1.15 per channel 1.15 per channel Minimum Power Factor (with Maximum Load) 0.5 0.5 Ratings according to UL 508/IEC60947-4-2 [HP/kW]: 240 VAC 1/.75 2/1.5 Ratings according to UL 508/IEC60947-4-2 [HP/kW]: 400 VAC 2/1.5 3/2.2 Ratings according to UL 508/IEC60947-4-2 [HP/kW]: 480 VAC 3/2.2 5/3.7 Operating Voltage (47-63Hz) [ VRMS] 48-530 48-530 Transient Overvoltage [Vpk] (2)(3) 1200 1200 Maximum Off-State Leakage Current @ Rated Voltage [mARMS] 3.0 3.0 Maximum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] 500 500 DRC3P60D4x2 DRC3P60D4x 5 7.6 4.8 7.6 0.15 0.15 750 750 716 716 2330 2330 2560 2560 1.15 per channel 1.15 per channel 0.7 0.7 1/.75 2/1.5 2/1.5 3/2.2 3/2.2 5/3.7 48-600 48-600 1200 1200 1.0 1.0 500 500 DRC3R48E440 DRC3R40E440 7.6 7.6 7.6 7.6 0.15 0.15 750 625 716 597 2330 1621 2560 1779 1.3 per channel 1.3 per channel 0.5 0.5 2/1.5 2/1.5 3/2.2 3/2.2 - 5/3.7 Motor Ratings @ 600 VAC [HP/kW] - - 3/2.2 5/3.7 - - 48-415 48-510 1200 1600 5.5 5.5 500 500 INPUT SPECIFICATIONS (1) Description Control Voltage Range Minimum Turn-On Voltage (5) Must Turn-Off Voltage Minimum Input Current (for on-state) [mA] Maximum Input Current [mA] Nominal Input Impedance [Ohms] Maximum Delay to Turn-On [msec] (6) Maximum Turn-Off Time [msec] (7) Option D 18-30 VAC / VDC 18 VAC / VDC 4 VAC / VDC 12.5 32 Current Regulated 20 30 Option E 18-30 VDC 18 VDC 4 VDC 12.5 32 Current Regulated 100 ± 30 20 AUXILIARY CONTACTS(1) Description Maximum Operating Voltage Transient Overvoltage [Vpk] Maximum Load Current [Adc/Arms] (8) Maximum Contact Rating [W] (8) Normally Open Suffix 40 [3P] 110VDC/ 140VAC 250 0.5/0.35 10/7 Normally Closed / Normally Open Suffix 33 110VDC/ 250VAC 250 0.3/0.25 33/62.5 Normally Open Suffix 40 [3R] 110VDC/ 140VAC 250 0.5/0.35 10/7 Maximum Turn-Off Time [msec] 30 20 30 Maximum Delay to Turn-On [msec] 20 100±30 20 Minimum Load Current [mA] 10 10 10 Mechanical Life Expectancy [Ops.] 108 108 108 Maximum Delay to Turn-On [msec] 20 100±30 20 Electrical Life Expectancy [Ops.] 105 105 105 GENERAL SPECIFICATIONS(1) Description Parameters Dielectric Strength, Input/Output/Base (50/60Hz) (9) 3750 Vrms Minimum Insulation Resistance (@ 500 VDC) 109 Ohms Maximum Capacitance, Input/Output 20 pF Ambient Operating Temperature Range (10) -20 to 60 °C Ambient Storage Temperature Range -30 to 85 °C Weight (typical) 2 Controlled Legs (6.9 oz [197 g]) / 3 Controlled Legs (8.0 oz [228 g]) Housing Material UL94 V-0 Housing Color Black and Light Gray LED Status Indicator (color) (11) Forward (Green) / Reverse (Amber) Short Circuit Current Rating (12) 100kA Control and Auxiliary Contact Terminal Screw Torque Range (lb-in/Nm) 12 / 1.36 Load Terminal Screw Torque Range (lb-in/Nm) 15 / 1.7 Input Terminal Wire Capacity 18-12 AWG (IEC 1-4 mm2) (stranded /solid) Output Terminal Wire Capacity 18-10 AWG (IEC 1-6 mm2 ) (stranded /solid) Humidity 85% non-condensing Protection Degree (13) IP20 Pollution Degree 2 |
Similar Part No. - DRC3P60D433R2 |
|
Similar Description - DRC3P60D433R2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |