Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRH3P60D20 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # DRH3P60D20
Description  DIN Rail Mount
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRH3P60D20 Datasheet(HTML) 2 Page - Crydom Inc.,

  DRH3P60D20 Datasheet HTML 1Page - Crydom Inc., DRH3P60D20 Datasheet HTML 2Page - Crydom Inc., DRH3P60D20 Datasheet HTML 3Page - Crydom Inc., DRH3P60D20 Datasheet HTML 4Page - Crydom Inc., DRH3P60D20 Datasheet HTML 5Page - Crydom Inc., DRH3P60D20 Datasheet HTML 6Page - Crydom Inc., DRH3P60D20 Datasheet HTML 7Page - Crydom Inc., DRH3P60D20 Datasheet HTML 8Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DERATE INFORMATION
(10)
20
15
10
5
20
30
40
50
60
70
0
Ambient Temperature (ºC)
DRH3P60x20
Single unit
Multiple units
(10)
18
15
12
9
6
3
20
30
40
50
60
70
0
Ambient Temperature (ºC)
DRH3P60x18
Single unit
Multiple units
POWER SUPPLY SPECIFICATIONS (1)
Description
Minimum Turn-On Voltage
Must Turn-Off Voltage
Maximum Source Current [mA]
Maximun Start Up Time [msec]
8-32 VDC
8 VDC
3 VDC
125
20
DRH3P60Dx
Voltage Range
Maximun Shut Off Time [msec]
40
90-265 VAC/VDC
90 VAC/VDC
5 VAC/VDC
40
50
DRH3P60Ax
500
ALARM OUTPUT (1)
Description
Maximum Contact Switching Voltage [Volts]
Rated Current Resistive [A] (5)
Minimum Recommended Contact Load [mA]
Static Contact Resistance (max. init.)[Ohms]
Turn-On / Off Condition
DRH3P60xxx
200 VDC, 120 VAC
0.5
10
0.2
See Status Chart
GENERAL SPECIFICATIONS (1)
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz) (6)
3750 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohm
Maximum Capacitance, Input/Output
20 pF
Ambient Operating Temperature Range (7)
-10 to 70 °C
Ambient Storage Temperature Range
-40 to 70 °C
Weight (typical)
2 Controlled Legs (7.4 oz [210 g]) / 3 Controlled Legs (8.5 oz [242 g])
Housing Material
UL94 V-0
Housing Color
Black and Light Gray
LED Status Indicator (color)
See Status Chart
Short Circuit Current Rating (8)
100kA
Control and Auxiliary Contact Terminal Screw Torque Range (in-lb/Nm)
12 / 1.36
Load Terminal Screw Torque Range (in-lb/Nm)
15 / 1.7
Input Terminal Wire Capacity
18-12 AWG (IEC 1-4 mm2) (stranded /solid)
Output Terminal Wire Capacity
18-10 AWG (IEC 1-6 mm2) (stranded /solid)
Humidity
85% non-condensing
Protection Degree (9)
IP20
Pollution Degree
2
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
Datasheet
DIN Rail Mount


Similar Part No. - DRH3P60D20

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRH3P60D20 CRYDOM-DRH3P60D20 Datasheet
603Kb / 8P
   DRH Series
logo
Sensata Technologies, I...
DRH3P60D20 SENSATA-DRH3P60D20 Datasheet
527Kb / 9P
   DIN RAIL MOUNT SOLID STATE CONTACTORS
logo
Crydom Inc.,
DRH3P60D20R CRYDOM-DRH3P60D20R Datasheet
578Kb / 2P
   DIN Rail Mount
More results

Similar Description - DRH3P60D20

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
   DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
   DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
   DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
   DIN rail mount
DR24D06 CRYDOM-DR24D06_13 Datasheet
770Kb / 7P
   DIN rail mount
DRA3P48D2 CRYDOM-DRA3P48D2 Datasheet
976Kb / 5P
   DIN rail mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
   DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
   DIN Rail Mount
CKM CRYDOM-CKM Datasheet
545Kb / 4P
   DIN Rail Mount
DRA1MP CRYDOM-DRA1MP Datasheet
660Kb / 5P
   DIN Rail Mount
CMR60 CRYDOM-CMR60_17 Datasheet
611Kb / 5P
   DIN Rail Mount
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com