Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRH3P60A20 Datasheet(PDF) 5 Page - Crydom Inc.,

Part # DRH3P60A20
Description  DIN Rail Mount
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRH3P60A20 Datasheet(HTML) 5 Page - Crydom Inc.,

  DRH3P60A20 Datasheet HTML 1Page - Crydom Inc., DRH3P60A20 Datasheet HTML 2Page - Crydom Inc., DRH3P60A20 Datasheet HTML 3Page - Crydom Inc., DRH3P60A20 Datasheet HTML 4Page - Crydom Inc., DRH3P60A20 Datasheet HTML 5Page - Crydom Inc., DRH3P60A20 Datasheet HTML 6Page - Crydom Inc., DRH3P60A20 Datasheet HTML 7Page - Crydom Inc., DRH3P60A20 Datasheet HTML 8Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STATUS CHART
MECHANICAL SPECIFICATIONS
Tolerances: ±0.02 in / 0.5 mm
All dimensions are in: inches [millimeters]
Top/Bottom view (Fig. 1)
Fig. 1
TERMINAL SCREW TYPE
INPUT
STATUS
XXXX
IND. CONT. EQ.
DRH3
1.23
[31.3]
2.29
[58.3]
2.58
[65.5]
1.68
[42.7]
3.41
[86.7]
1.78
[45.3]
3.76
[95.6]
3.51
[89]
2.91
[73.9]
0.23
[5.8]
+A1
-A2
13
+A3
14
-A4
Blue
LED Color
Green
Red
1, 15
2, 14
3
4, 12
5, 11
6, 10
7
8
9
13
Initial Condition
Stand by condition. LED is blinking Blue. Fan is activated at full speed for 2 seconds after power is applied to A3
A1 is On, Output is activated, temperature rises. LED is Green
Fan is activated at 50% speed. If A1 is disabled, LED changes to blinking Blue
Fan is at 75% speed
LED changes to blinking Red, fan is at full speed
Output is Off, Alarm Output is On, LED changes to solid Red
If A1 is disabled while alarm output is active, LED alternates between Blue and Red
LED is solid Red, temperature starts to fall
Fan is activated at 50% speed, temperature is steady
Description
Step
Fan Speed
LED Color
Alarm Output
Over Temperature
Output
Power Supply A3
Control Input A1
Alarm
Pre-alarm
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
3s
3s
2s
50%
50%
75%
75%
100%
100%
0%
3s
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
Datasheet
DIN Rail Mount


Similar Part No. - DRH3P60A20

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
DRH3P60A20 SENSATA-DRH3P60A20 Datasheet
527Kb / 9P
   DIN RAIL MOUNT SOLID STATE CONTACTORS
logo
Crydom Inc.,
DRH3P60A20R CRYDOM-DRH3P60A20R Datasheet
578Kb / 2P
   DIN Rail Mount
More results

Similar Description - DRH3P60A20

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
   DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
   DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
   DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
   DIN rail mount
DR24D06 CRYDOM-DR24D06_13 Datasheet
770Kb / 7P
   DIN rail mount
DRA3P48D2 CRYDOM-DRA3P48D2 Datasheet
976Kb / 5P
   DIN rail mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
   DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
   DIN Rail Mount
CKM CRYDOM-CKM Datasheet
545Kb / 4P
   DIN Rail Mount
DRA1MP CRYDOM-DRA1MP Datasheet
660Kb / 5P
   DIN Rail Mount
CMR60 CRYDOM-CMR60_17 Datasheet
611Kb / 5P
   DIN Rail Mount
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com