Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRH3P60D18 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # DRH3P60D18
Description  DIN Rail Mount
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRH3P60D18 Datasheet(HTML) 1 Page - Crydom Inc.,

  DRH3P60D18 Datasheet HTML 1Page - Crydom Inc., DRH3P60D18 Datasheet HTML 2Page - Crydom Inc., DRH3P60D18 Datasheet HTML 3Page - Crydom Inc., DRH3P60D18 Datasheet HTML 4Page - Crydom Inc., DRH3P60D18 Datasheet HTML 5Page - Crydom Inc., DRH3P60D18 Datasheet HTML 6Page - Crydom Inc., DRH3P60D18 Datasheet HTML 7Page - Crydom Inc., DRH3P60D18 Datasheet HTML 8Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DRH Series
Ratings up to 18 & 20 Amps at 600 VAC
Fits standard 35 mm DIN Rail
Integrated over-temperature protection
Alarm output in case of over-temperature
Multicolor LED with input status and alarm indicator
AC or DC control
Zero Voltage (resistive loads) or instantaneous (inductive loads) turn-on output
C-UL-US Listed, CCC Certified, IEC Rated, CE & RoHS Compliant, Horsepower Rated
Built-in Overvoltage Protection
Fan controlled through thermistor and microprocessor to optimize fan operation
PRODUCT SELECTION
Control Voltage
18 A
90-280 VAC/VDC
DRH3P60A18
4-32 VDC
DRH3P60D18
20 A
DRH3P60A20
DRH3P60D20
AVAILABLE OPTIONS
Required for valid part number
For options only and not required for valid part number
Function
3P: Contactor
Switching Type
Blank: Zero Voltage Turn-On
R: Instantaneous Turn-On
Operating Voltage
60: 48-600 VAC
Series
DRH
3P
60
R
Control Voltage
A: 90-280 VAC/VDC
D: 4-32 VDC
U
Rated Load Current
18: 18 Amps (3 Controlled legs)
20: 20 Amps (2 Controlled legs)
18
A
OUTPUT SPECIFICATIONS (1)
Description
Operating Voltage (47-63Hz) [VRMS]
Transient Overvoltage [Vpk] (2)
Maximum Off-State Leakage Current @ Rated Voltage [mARMS]
Minimum Off-State dV/dt @ Maximum Rated Voltage [V/sec]
Load Current, General Use UL508/IEC62314 @ 40°C [ARMS] (3)
Minimum Load Current [ARMS]
Maximum Surge Current [Apk] 1Cycle 60Hz
Maximum Surge Current [Apk] 1Cycle 50Hz
Maximum I²t for Fusing (8.33 msec) [A²sec]
20 A
18 A
48-600
48-600
1200
1200
3
3
500
500
18
20
Load Current, Motor Starting UL508 FLA/IEC62314 @ 40°C [ARMS] (3)
7.6
7.6
0.15
0.15
750
750
716
716
2330
2330
Maximum I²t for Fusing (10 msec) [A²sec]
2560
2560
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.35 per channel
1.35 per channel
Minimum Power Factor (with Maximum Load)
0.5
0.5
Motor Rating UL 508/ IEC60947-4-2 [HP/kW] :240 VAC
2/1.5
2/1.5
Motor Rating UL 508/ IEC60947-4-2 [HP/kW] :380 VAC
3/2.2
3/2.2
Motor Rating UL 508/ IEC60947-4-2 [HP/kW] :480 VAC
5/3.7
5/3.7
INPUT SPECIFICATIONS (1)
Description
DRH3P60Ax
Control Voltage Range
90-280 VAC/VDC
Minimum Turn-On Voltage
90 VAC/VDC
Must Turn-Off Voltage
10 VAC
Minimum Input Current (for on-state)
1 mA
Maximum Input Current
3 mA
Nominal Input Impedance [Ohms]
100k
Maximum Turn-On Time [msec]
30
Maximum Turn-Off Time [msec]
40
DRH3P60Dx
4-32 VDC
4 VDC
1 VDC
2 mA
17 mA
2k
1 Cycle
1 Cycle
(4)
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
Datasheet
DIN Rail Mount


Similar Part No. - DRH3P60D18

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
DRH3P60D18 SENSATA-DRH3P60D18 Datasheet
527Kb / 9P
   DIN RAIL MOUNT SOLID STATE CONTACTORS
logo
Crydom Inc.,
DRH3P60D18R CRYDOM-DRH3P60D18R Datasheet
578Kb / 2P
   DIN Rail Mount
More results

Similar Description - DRH3P60D18

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
   DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
   DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
   DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
   DIN rail mount
DR24D06 CRYDOM-DR24D06_13 Datasheet
770Kb / 7P
   DIN rail mount
DRA3P48D2 CRYDOM-DRA3P48D2 Datasheet
976Kb / 5P
   DIN rail mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
   DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
   DIN Rail Mount
CKM CRYDOM-CKM Datasheet
545Kb / 4P
   DIN Rail Mount
DRA1MP CRYDOM-DRA1MP Datasheet
660Kb / 5P
   DIN Rail Mount
CMR60 CRYDOM-CMR60_17 Datasheet
611Kb / 5P
   DIN Rail Mount
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com