Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRD48D06XR Datasheet(PDF) 1 Page - Crydom Inc.,

Part # DRD48D06XR
Description  DIN Rail Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRD48D06XR Datasheet(HTML) 1 Page - Crydom Inc.,

  DRD48D06XR Datasheet HTML 1Page - Crydom Inc., DRD48D06XR Datasheet HTML 2Page - Crydom Inc., DRD48D06XR Datasheet HTML 3Page - Crydom Inc., DRD48D06XR Datasheet HTML 4Page - Crydom Inc., DRD48D06XR Datasheet HTML 5Page - Crydom Inc., DRD48D06XR Datasheet HTML 6Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SeriesOne DR Dual Series
Dual Output with Ratings of 6 Amps each channel
Load voltage ratings of 24-280VAC and 48-600VAC
Fits standard 35mm DIN Rail
LED input status indicator
DC control (4-32V)
Zero Voltage (resistive loads) or Instantaneous (inductive loads) turn-on output
UL and cUL Listed, HP Rated (General Purpose and Motor Control)
CE & RoHs Compliant
UL 508 Endurance Rating for Enhanced Reliability
UL Class I and II, Division 2, for Hazardous Locations
PRODUCT SELECTION
Control Voltage
280V, 6A
600V, 6A
4-32 VDC
DRD48D06
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS AC Output (1)
Description
DRD24D06
DRD48D06
Operating Voltage (47-63Hz) [Vrms]
24-280
48-600
Transient Overvoltage [Vpk]
600
1200
Maximum Load Current per channel, resistive [mArms] (2)
6
6
150
150
0.1
0.25
Minimum Load Current [mArms]
500
500
Maximum Surge Current (50/60Hz, 1 cycle) [Apk]
1.3
1.3
Maximum On-State Voltage Drop @ Rated Current [Vpk]
715/750
715/750
2560/2330
2560/2330
Maximum I²t for Fusing (50/60 Hz, 1/2 cycle) [A² sec]
1/2 (.37)
1/2 (.37)
N/A
1 (.75)
DRD24D06
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/
µsec] (3)
HP Rating UL 508/IEC60947 [HP (KW)] @ 240V
Minimum Power Factor (at Maximum Load)
Min/Max stranded wire
HP Rating UL 508/IEC60947 [HP (KW)] @ 380V
HP Rating UL 508/IEC60947 [HP (KW)] @ 480V
Min/Max solid wire
N/A
2 (1.5)
0.5
0.5
22/14 AWG
22/14 AWG
22/14 AWG
22/14 AWG
Series
Operating Voltage
24: 24-280 VAC
48: 48-600 VAC
Rated Load Current
06: 6 Amps
Control Voltage
D: 4-32 VDC
06
24
D
DRD
X
Agency Approvals
X: ATEX II 3G Ex nA IIC T4 Gc
approved
Switching Type
Blank: Zero Voltage Turn-On
R: Instantaneous Turn-On
R
Required for valid part number
For options only and not required for valid part number
Datasheet
DIN Rail Mount
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
FDE-07-01 REV. A


Similar Part No. - DRD48D06XR

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRD48D06XR CRYDOM-DRD48D06XR Datasheet
685Kb / 6P
   DIN Rail Mount
More results

Similar Description - DRD48D06XR

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
   DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
   DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
   DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
   DIN rail mount
DR24D06 CRYDOM-DR24D06_13 Datasheet
770Kb / 7P
   DIN rail mount
DRA3P48D2 CRYDOM-DRA3P48D2 Datasheet
976Kb / 5P
   DIN rail mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
   DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
   DIN Rail Mount
CKM CRYDOM-CKM Datasheet
545Kb / 4P
   DIN Rail Mount
DRA1MP CRYDOM-DRA1MP Datasheet
660Kb / 5P
   DIN Rail Mount
CMR60 CRYDOM-CMR60_17 Datasheet
611Kb / 5P
   DIN Rail Mount
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com