Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRC3R40E440 Datasheet(PDF) 4 Page - Crydom Inc.,

Part # DRC3R40E440
Description  DIN Rail Mount
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRC3R40E440 Datasheet(HTML) 4 Page - Crydom Inc.,

  DRC3R40E440 Datasheet HTML 1Page - Crydom Inc., DRC3R40E440 Datasheet HTML 2Page - Crydom Inc., DRC3R40E440 Datasheet HTML 3Page - Crydom Inc., DRC3R40E440 Datasheet HTML 4Page - Crydom Inc., DRC3R40E440 Datasheet HTML 5Page - Crydom Inc., DRC3R40E440 Datasheet HTML 6Page - Crydom Inc., DRC3R40E440 Datasheet HTML 7Page - Crydom Inc., DRC3R40E440 Datasheet HTML 8Page - Crydom Inc., DRC3R40E440 Datasheet HTML 9Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DataSheet
DIN Rail Mount
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
INSTALLATION INSTRUCTIONS
Install the contactor on the DIN rail (as shown in fig.1).
Wire the contactor to the input side. AWG #18 (1 mm2) minimum, AWG
#12 (4 mm2) x 2 maximum.
Wire the contactor to the output side. AWG #18 (1 mm2) minimum, AWG
#10 (6 mm2) x 2 (stranded/solid) maximum.
Maximum recommended terminal screw torque input 12 lb-in (1.36 Nm)
& output 15 lb-in (1.7 Nm).
If multiple units are installed be sure to follow derating curves
To remove from
DIN rail
To install on DIN rail
fig. 1
fig. 2 Terminal
screw type.
Top/Bottom view.
WARNING! Removing product from 35 mm rail incorrectly by not using the
appropriate tool could damage the latching system
DRC3P
(3 controlled legs model)
Main Circuit
L1
T1
L2
T2
L3
T3
A1
A2
13
14
23
24
DRC3Pxx4
40
(2 Normally Open)
Auxiliary Contacts
DRC3P
(2 controlled legs model)
Main Circuit
L1
T1
L2
T2
L3
T3
A1
A2
13
14
21
22
DRC3Pxx4
33
(1 Normally Open - 1 Normally Closed)
Auxiliary Contacts
L1
T1
L2
T2
L3
T3
DRC3R
A1
A2
13
14
Forward
23
24
L1
T1
L2
T2
L3
T3
A3
A2
Reverse
DRC3Rxx4
40
models only
Reverse
Forward
EQUIVALENT CIRCUIT BLOCK DIAGRAMS/WIRING DIAGRAM


Similar Part No. - DRC3R40E440

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRC3R40E440R2 CRYDOM-DRC3R40E440R2 Datasheet
536Kb / 2P
   DIN Rail Mount
More results

Similar Description - DRC3R40E440

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
   DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
   DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
   DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
   DIN rail mount
DR24D06 CRYDOM-DR24D06_13 Datasheet
770Kb / 7P
   DIN rail mount
DRA3P48D2 CRYDOM-DRA3P48D2 Datasheet
976Kb / 5P
   DIN rail mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
   DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
   DIN Rail Mount
CKM CRYDOM-CKM Datasheet
545Kb / 4P
   DIN Rail Mount
DRA1MP CRYDOM-DRA1MP Datasheet
660Kb / 5P
   DIN Rail Mount
CMR60 CRYDOM-CMR60_17 Datasheet
611Kb / 5P
   DIN Rail Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com