Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S34MS02G1 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # S34MS02G1
Description  1-bit ECC, x8 and x16 I/O, 1.8V VCC SLC NAND Flash for Embedded
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S34MS02G1 Datasheet(HTML) 1 Page - Cypress Semiconductor

  S34MS02G1 Datasheet HTML 1Page - Cypress Semiconductor S34MS02G1 Datasheet HTML 2Page - Cypress Semiconductor S34MS02G1 Datasheet HTML 3Page - Cypress Semiconductor S34MS02G1 Datasheet HTML 4Page - Cypress Semiconductor S34MS02G1 Datasheet HTML 5Page - Cypress Semiconductor S34MS02G1 Datasheet HTML 6Page - Cypress Semiconductor S34MS02G1 Datasheet HTML 7Page - Cypress Semiconductor S34MS02G1 Datasheet HTML 8Page - Cypress Semiconductor S34MS02G1 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 002-00330 Rev. *K
Revised April 20, 2017
S34MS01G1
S34MS02G1
S34MS04G1
1-bit ECC, x8 and x16 I/O, 1.8V VCC
SLC NAND Flash for Embedded
Distinctive Characteristics
 Density
– 1 Gb / 2 Gb / 4 Gb
 Architecture
– Input / Output Bus Width: 8 bits / 16 bits
– Page size:
– ×8 = 2112 (2048 + 64) bytes; 64 bytes is spare area
– ×16 = 1056 (1024 + 32) words; 32 words is spare area
– Block size: 64 pages
– ×8 = 128 KB + 4 KB
– ×16 = 64k + 2k words
– Plane size:
– 1 Gb / 2 Gb: 1024 Blocks per Plane
×8 = 128 MB + 4 MB
×16 = 64M + 2M words
– 4 Gb: 2048 blocks per plane
×8 = 256 MB + 8 MB
×16 = 128M + 4M words
– Device size:
– 1 Gb: 1 Plane per Device or 128 MB
– 2 Gb: 2 Planes per Device or 256 MB
– 4 Gb: 2 Planes per Device or 512 MB
 NAND flash interface
– Open NAND Flash Interface (ONFI) 1.0 compliant
– Address, Data, and Commands multiplexed
 Supply voltage
– 1.8-V device: Vcc = 1.7 V ~ 1.95 V
 Security
– One Time Programmable (OTP) area
– Hardware program/erase disabled during power transition
 Additional features
– 2 Gb and 4 Gb parts support Multiplane Program and Erase
commands
– Supports Copy Back Program
– 2 Gb and 4 Gb parts support Multiplane Copy Back Program
– Supports Read Cache
 Electronic signature
– Manufacturer ID: 01h
 Operating temperature
– Industrial: –40 °C to 85 °C
– Industrial Plus: –40 °C to 105 °C
Performance
 Page Read / Program
– Random access: 25 µs (Max)
– Sequential access: 45 ns (Min)
– Program time / Multiplane Program time: 250 µs (Typ)
 Block Erase (S34MS01G1)
– Block Erase time: 2.0 ms (Typ)
 Block Erase / Multiplane Erase (S34MS02G1, S34MS04G1)
– Block Erase time: 3.5 ms (Typ)
 Reliability
– 100,000 Program / Erase cycles (Typ)
(with 1-bit ECC per 528 bytes (×8) or 264 words (×16))
– 10-year Data retention (Typ)
– For one plane structure (1-Gb density)
– Block zero is valid and will be valid for at least 1,000 program-
erase cycles with ECC
– For two plane structures (2-Gb and 4-Gb densities)
– Blocks zero and one are valid and will be valid for at least
1,000 program-erase cycles with ECC
 Package options
– Pb-free and Low Halogen
– 48-Pin TSOP 12 x 20 x 1.2 mm
– 63-Ball BGA 9 x 11 x 1 mm


Similar Part No. - S34MS02G1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S34MS02G100 CYPRESS-S34MS02G100 Datasheet
779Kb / 6P
   1-Bit ECC
S34MS02G104 CYPRESS-S34MS02G104 Datasheet
779Kb / 6P
   1-Bit ECC
More results

Similar Description - S34MS02G1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S34ML08G1 CYPRESS-S34ML08G1 Datasheet
865Kb / 20P
   8 Gb, 1-bit ECC, x8 I/O, 3 V, VCC NAND Flash Memory for Embedded
S34MS08G2 CYPRESS-S34MS08G2 Datasheet
403Kb / 17P
   8 Gb, 4-Bit ECC, x8 I/O and 1.8 V VCC NAND Flash Memory for Embedded
S34ML08G2 CYPRESS-S34ML08G2 Datasheet
529Kb / 16P
   8 Gb, 4-bit ECC, x8 I/O and 3 V VCC NAND Flash Memory for Embedded
S34MS16G2 CYPRESS-S34MS16G2 Datasheet
647Kb / 17P
   16 Gb, 4-Bit ECC, 횞8 I/O, and 1.8 V VCC NAND Flash for Embedded
S34ML16G2 CYPRESS-S34ML16G2 Datasheet
440Kb / 18P
   16-Gbit, 4-Bit ECC, 횞8 I/O, 3 V VCC NAND Flash for Embedded
logo
SPANSION
S34ML01G200TFI000 SPANSION-S34ML01G200TFI000 Datasheet
2Mb / 68P
   1 Gb, 2 Gb, 4 Gb Densities: 4-bit ECC, x8 I/O and 3V VCC
S34ML01G1 SPANSION-S34ML01G1 Datasheet
2Mb / 73P
   Spansion짰 SLC NAND Flash Memory for Embedded
logo
Cypress Semiconductor
S34ML01G2 CYPRESS-S34ML01G2 Datasheet
7Mb / 76P
   1 Gb, 2 Gb, 4 Gb, 3 V, 4-bit ECC, SLC NAND Flash Memory for Embedded
S34MS01G2 CYPRESS-S34MS01G2 Datasheet
2Mb / 74P
   1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
logo
Micron Technology
MT29F2G16AADWPDTR MICRON-MT29F2G16AADWPDTR Datasheet
808Kb / 88P
   2Gb x8, x16: NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com