Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6336B Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. ISL6336B
Description  6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6336B Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL6336B Datasheet HTML 1Page - Renesas Technology Corp ISL6336B Datasheet HTML 2Page - Renesas Technology Corp ISL6336B Datasheet HTML 3Page - Renesas Technology Corp ISL6336B Datasheet HTML 4Page - Renesas Technology Corp ISL6336B Datasheet HTML 5Page - Renesas Technology Corp ISL6336B Datasheet HTML 6Page - Renesas Technology Corp ISL6336B Datasheet HTML 7Page - Renesas Technology Corp ISL6336B Datasheet HTML 8Page - Renesas Technology Corp ISL6336B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ISL6336B
FN6696 Rev 3.00
Page 3 of 32
May 5, 2016
Controller and Driver Recommendations
CONTROLLER
COMMENTS
ISL6336B
When PSI# is asserted (LOW), the controller generates a 3-level PWM pattern on the phases that are active in PSI# mode. The
active phases in PSI# mode must use VR11.1 drivers, ISL6622, ISL6620 for diode emulation.
DRIVER
GATE DRIVE
VOLTAGE
# OF GATE
DRIVES
DIODE
EMULATION
(DE)
GATE DRIVE
OPTIMIZATION
(GVOT)
COMMENTS
ISL6622, ISL6622A
12V
Dual Output
(Single Phase)
Yes
Yes
For phases that are active in PSI# mode and its coupled
channel in coupled inductor applications. Can also be
used on all channels.
ISL6620, ISL6620A
5V
Dual Output
(Single Phase)
Yes
No
For phases that are active in PSI# mode and its coupled
channel in coupled inductor applications. Can also be
used on all channels.
ISL6612, ISL6612A
12V
Dual Output
(Single Phase)
No
No
Can be used with phases that are inactive in PSI# mode
ISL6596, ISL6609
5V
Dual Output
(Single Phase)
No
No
Can be used with phases that are inactive in PSI# mode
ISL6614, ISL6614A
12V
Quad Output
(Two Phase)
No
No
Can be used with phases that are inactive in PSI# mode
ISL6610
5V
Quad Output
(Two Phase)
No
No
Can be used with phases that are inactive in PSI# mode
NOTE: Intersil 5V and 12V drivers are mostly pin-to-pin compatible and allow for dual footprint layout implementation to optimize MOSFET selection and
efficiency. Dual = One Synchronous Channel; Quad = Two Synchronous Channels.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn