Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6277AIRZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL6277AIRZ
Description  Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6277AIRZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL6277AIRZ Datasheet HTML 2Page - Renesas Technology Corp ISL6277AIRZ Datasheet HTML 3Page - Renesas Technology Corp ISL6277AIRZ Datasheet HTML 4Page - Renesas Technology Corp ISL6277AIRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6277AIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6277AIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6277AIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6277AIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL6277AIRZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
ISL6277A
FN8322 Rev 2.00
Page 6 of 38
December 4, 2015
Simplified Application Circuit for Low Power CPUs [1+1 Configuration]
FIGURE 6. TYPICAL APPLICATION CIRCUIT USING INDUCTOR DCR SENSING
BOOTX
UGATEX
PHASEX
LGATEX
BOOT2
UGATE2
PHASE2
LGATE2
BOOT1
UGATE1
PHASE1
LGATE1
PWM_Y
ISL6277A
ISUMP
ISUMN
VO1
ISEN1
ISEN2
ISEN3
VCORE
VO1
PH1
VIN
VO1
PH1
VIN
VNB
PWM2_NB
VNB1
NB_PH1
ISEN1_NB
ISEN2_NB
ISUMP_NB
ISUMN_NB
NB_PH1
VNB1
+5V
OPEN
OPEN
OPEN
OPEN
IMON
IMON_NB
PWROK
SVT
SVD
µP
SVC
VDDIO
NTC
VR_HOT
THERMAL INDICATOR
FB_NB
COMP_NB
VSEN_NB
VNB_SENSE
+5V
VCORE_SENSE
FB
COMP
VSEN
RTN
FB2
+5V
FCCM_NB
OPEN
OPEN
OPEN
NTC_NB
PH1
NTC
NTC
10kΩ*
* Resistor required or ISEN1_NB
will pull HIGH if left open and
disable Channel 1.
10kΩ*
* Resistor required or ISEN1
will pull HIGH if left open and
disable Channel 1.
Cn
Cn
Ri
Ri
*OPTIONAL
*
*
*OPTIONAL
*
*


Similar Part No. - ISL6277AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6277AIRZ INTERSIL-ISL6277AIRZ Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
ISL6277AIRZ INTERSIL-ISL6277AIRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
logo
Renesas Technology Corp
ISL6277AIRZ RENESAS-ISL6277AIRZ Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
logo
Intersil Corporation
ISL6277AIRZ-T INTERSIL-ISL6277AIRZ-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
logo
Renesas Technology Corp
ISL6277AIRZ-T RENESAS-ISL6277AIRZ-T Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
More results

Similar Description - ISL6277AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6277HRZ INTERSIL-ISL6277HRZ Datasheet
967Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
March 8, 2012
logo
Renesas Technology Corp
ISL62773A RENESAS-ISL62773A Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
logo
Intersil Corporation
ISL6277A INTERSIL-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
logo
Renesas Technology Corp
ISL6277A RENESAS-ISL6277A_V01 Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
ISL6277 RENESAS-ISL6277 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL62771 RENESAS-ISL62771 Datasheet
1Mb / 35P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL95712 RENESAS-ISL95712 Datasheet
1Mb / 35P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL62773 RENESAS-ISL62773 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL6377 RENESAS-ISL6377 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion Desktop CPUs Using SVI 2.0
logo
Intersil Corporation
ISL6377 INTERSIL-ISL6377 Datasheet
1,000Kb / 36P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com