Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6277A Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL6277A
Description  Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6277A Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL6277A Datasheet HTML 16Page - Renesas Technology Corp ISL6277A Datasheet HTML 17Page - Renesas Technology Corp ISL6277A Datasheet HTML 18Page - Renesas Technology Corp ISL6277A Datasheet HTML 19Page - Renesas Technology Corp ISL6277A Datasheet HTML 20Page - Renesas Technology Corp ISL6277A Datasheet HTML 21Page - Renesas Technology Corp ISL6277A Datasheet HTML 22Page - Renesas Technology Corp ISL6277A Datasheet HTML 23Page - Renesas Technology Corp ISL6277A Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
ISL6277A
FN8322 Rev 2.00
Page 20 of 38
December 4, 2015
In a 1-phase configuration, the ISEN2_NB pin is tied to +5V. The
Northbridge VR operates in 1-phase CCM and enters 1-phase DE
when both PSI0_L and PSI1_L are low.
The Northbridge VR can be disabled completely by tying
ISEN1_NB to 5V.
The Core and Northbridge VRs have an overcurrent threshold of
1.5V on IMON and IMON_NB respectively, and this level does not
vary based on channel configuration. See “Overcurrent” on
page 26 for more details.
Dynamic Operation
Core VR and Northbridge VR behave the same during dynamic
operation. The controller responds to VID-on-the-fly changes by
slewing to the new voltage at the slew rate programmed, see
Table 4 on page 21. During negative VID transitions, the output
voltage decays to the lower VID value at the slew rate determined
by the load.
The R3™ modulator intrinsically has voltage feed-forward. The
output voltage is insensitive to a fast slew rate input voltage
change.
FB2 Function
The Core VR features an FB2 pin. The FB2 function is only
available when the Core VR is in a 2-phase configuration.
Figure 20 shows the FB2 function. A switch (called FB2 switch)
turns on to short the FB and the FB2 pins when the controller is in
2-phase mode. Capacitors C3.1 and C3.2 are in parallel, serving
as part of the compensator. When the controller enters 1-phase
mode, the FB2 switch turns off, removing C3.2 and leaving only
C3.1 in the compensator. The compensator gain increases with
the removal of C3.2. By properly sizing C3.1 and C3.2, the
compensator can be optimal for both 2-phase mode and 1-phase
mode.
When the FB2 switch is off, C3.2 is disconnected from the FB pin.
However, the controller still actively drives the FB2 pin voltage to
follow the FB pin voltage such that C3.2 voltage always follows
C3.1 voltage. When the controller turns on the FB2 switch, C3.2
is reconnected to the compensator smoothly.
The FB2 function ensures excellent transient response in both
2-phase and 1-phase mode. If the FB2 function is not used,
populate C3.1 only.
Adaptive Body Diode Conduction Time
Reduction
In DCM, the controller turns off the low-side MOSFET when the
inductor current approaches zero. During on-time of the low-side
MOSFET, phase voltage is negative, and the amount is the
MOSFET rDS(ON) voltage drop, which is proportional to the
inductor current. A phase comparator inside the controller
monitors the phase voltage during on-time of the low-side
MOSFET and compares it with a threshold to determine the zero
crossing point of the inductor current. If the inductor current has
not reached zero when the low-side MOSFET turns off, it will flow
through the low-side MOSFET body diode, causing the phase
node to have a larger voltage drop until it decays to zero. If the
inductor current has crossed zero and reversed the direction
when the low-side MOSFET turns off, it will flow through the
high-side MOSFET body diode, causing the phase node to have a
spike until it decays to zero. The controller continues monitoring
the phase voltage after turning off the low-side MOSFET. To
minimize the body diode-related loss, the controller also adjusts
the phase comparator threshold voltage accordingly in iterative
steps such that the low-side MOSFET body diode conducts for
approximately 40ns.
Resistor Configuration Options
The ISL6277A uses the COMP, COMP_NB and FCCM_NB pins to
configure some functionality within the IC. Resistors from these
pins to GND are read during the first portion of the soft-start
sequence. The following sections outline how to select the
resistor values for each of these pins to correctly program the
output voltage offset of each output, the configuration of the
floating DriverX and PWM_Y output, VID-on-the-fly slew rate and
switching frequency used for both VRs.
VR Offset Programming
A positive or negative offset is programmed for the Core VR using
a resistor to ground from the COMP pin and the Northbridge in a
similar manner from the COMP_NB pin. Table 3 on page 21
provides the resistor value to select the desired output voltage
offset. The 1% tolerance resistor value shown in the table must be
used to program the corresponding Core or NB output voltage
offset. The MIN and MAX tolerance values provide margin to insure
the 1% tolerance resistor will be read correctly.
TABLE 2. NORTHBRIDGE VR MODES OF OPERATION
ISEN2_NB
CONFIG.
PSL0_L
AND
PSI1_L
MODE
IMON OCP
THRESHOLD
To Power
Stage
2-phase NB
VR Config.
11
2-phase CCM
1.5V
01
1-phase DE
00
1-phase DE
Tied to 5V
1-phase NB
VR Config.
11
1-phase CCM
1.5V
01
1-phase DE
00
1-phase DE
R1
E/A
R3
C2
C1
VREF
R2
C3.2
C3.1
FB
FB2
COMP
VSEN
R1
E/A
R3
C2
C1
VREF
R2
C3.2
C3.1
FB
FB2
COMP
VSEN
CONTROLLER IN
2-PHASE MODE
CONTROLLER IN
1-PHASE MODE
FIGURE 20. FB2 FUNCTION


Similar Part No. - ISL6277A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6277A INTERSIL-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
logo
Renesas Technology Corp
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
logo
Intersil Corporation
ISL6277AHRZ INTERSIL-ISL6277AHRZ Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
ISL6277AHRZ INTERSIL-ISL6277AHRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
logo
Renesas Technology Corp
ISL6277AHRZ RENESAS-ISL6277AHRZ Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
More results

Similar Description - ISL6277A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6277HRZ INTERSIL-ISL6277HRZ Datasheet
967Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
March 8, 2012
logo
Renesas Technology Corp
ISL62773A RENESAS-ISL62773A Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
logo
Intersil Corporation
ISL6277A INTERSIL-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
logo
Renesas Technology Corp
ISL6277A RENESAS-ISL6277A_V01 Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
ISL6277 RENESAS-ISL6277 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL62771 RENESAS-ISL62771 Datasheet
1Mb / 35P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL95712 RENESAS-ISL95712 Datasheet
1Mb / 35P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL62773 RENESAS-ISL62773 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL6377 RENESAS-ISL6377 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion Desktop CPUs Using SVI 2.0
logo
Intersil Corporation
ISL6377 INTERSIL-ISL6377 Datasheet
1,000Kb / 36P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com