Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6277 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part No. ISL6277
Description  Multiphase PWM Regulator for AMD Fusion™ Mobile CPUs Using SVI 2.0
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6277 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6277 Datasheet HTML 9Page - Renesas Technology Corp ISL6277 Datasheet HTML 10Page - Renesas Technology Corp ISL6277 Datasheet HTML 11Page - Renesas Technology Corp ISL6277 Datasheet HTML 12Page - Renesas Technology Corp ISL6277 Datasheet HTML 13Page - Renesas Technology Corp ISL6277 Datasheet HTML 14Page - Renesas Technology Corp ISL6277 Datasheet HTML 15Page - Renesas Technology Corp ISL6277 Datasheet HTML 16Page - Renesas Technology Corp ISL6277 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
ISL6277
FN8270 Rev 1.00
Page 13 of 37
Mar 8, 2012
Gate Driver Timing Diagram
THERMAL MONITOR
NTC Source Current
NTC = 0.6V
27
30
33
µA
NTC Thermal Warning Voltage
600
640
680
mV
NTC Thermal Warning Voltage
Hysteresis
20
mV
NTC Thermal Shutdown Voltage
530
580
630
mV
SLEW RATE
VID-on-the-Fly Slew Rate
Maximum Programmed
16
20
24
mV/µs
Minimum Programmed
8
10
12
mV/µs
NOTE:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications Operating Conditions: VDD =5V,TA = -10°C to +100°C (HRZ), TA = -40°C to +85°C (IRZ), fSW= 300kHz, unless
otherwise noted. Boldface limits apply over the operating temperature range, -40°C to +100°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
PWM
UGATE
LGATE
1V
1V
tUGFLGR
tRL
tFU
tRU
tFL
tLGFUGR


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn