Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6277 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part No. ISL6277
Description  Multiphase PWM Regulator for AMD Fusion™ Mobile CPUs Using SVI 2.0
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6277 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button ISL6277 Datasheet HTML 29Page - Renesas Technology Corp ISL6277 Datasheet HTML 30Page - Renesas Technology Corp ISL6277 Datasheet HTML 31Page - Renesas Technology Corp ISL6277 Datasheet HTML 32Page - Renesas Technology Corp ISL6277 Datasheet HTML 33Page - Renesas Technology Corp ISL6277 Datasheet HTML 34Page - Renesas Technology Corp ISL6277 Datasheet HTML 35Page - Renesas Technology Corp ISL6277 Datasheet HTML 36Page - Renesas Technology Corp ISL6277 Datasheet HTML 37Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 37 / 37 page
background image
ISL6277
FN8270 Rev 1.00
Page 37 of 37
Mar 8, 2012
Package Outline Drawing
L48.6x6B
48 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 0, 9/09
TYPICAL RECOMMENDED LAND PATTERN
DETAIL "X"
SIDE VIEW
TOP VIEW
BOTTOM VIEW
located within the zone indicated. The pin #1 indentifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
6.00
A
B
PIN 1
INDEX AREA
(4X)
0.15
6
4.4
37
44X 0.40
4X
PIN #1 INDEX AREA
48
6
4 .40 ± 0.15
1
AB
48X 0.45 ± 0.10
24
13
48X 0.20
4
0.10
C
M
36
25
12
MAX 1.00
SEATING PLANE
BASE PLANE
5
C
0 . 2 REF
0 . 00 MIN.
0 . 05 MAX.
0.10 C
0.08 C
C
SEE DETAIL "X"
( 5. 75 TYP )
( 4. 40 )
( 48X 0 . 20 )
( 48X 0 . 65 )
( 44 X 0 . 40 )
0.05 M C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn