Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADMV7810-SX Datasheet(PDF) 4 Page - Analog Devices

Part # ADMV7810-SX
Description  Amplifier with Power Detector
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7810-SX Datasheet(HTML) 4 Page - Analog Devices

  ADMV7810-SX Datasheet HTML 1Page - Analog Devices ADMV7810-SX Datasheet HTML 2Page - Analog Devices ADMV7810-SX Datasheet HTML 3Page - Analog Devices ADMV7810-SX Datasheet HTML 4Page - Analog Devices ADMV7810-SX Datasheet HTML 5Page - Analog Devices ADMV7810-SX Datasheet HTML 6Page - Analog Devices ADMV7810-SX Datasheet HTML 7Page - Analog Devices ADMV7810-SX Datasheet HTML 8Page - Analog Devices ADMV7810-SX Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ADMV7810
Data Sheet
Rev. 0 | Page 4 of 17
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Drain Bias Voltage (VDD1A to VDD4A, VDD1B
to VDD4B)
4.5 V
Gate Bias Voltage (VGG1A to VGG4A,
VGG1B to VGG4B)
−3 V to 0 V
Maximum Junction Temperature (to Maintain
1 Million Hours Mean Time to Failure (MTTF))
175°C
Operating Temperature Range
−55°C to +85°C
Storage Temperature Range
−65°C to +150°C
Electrostatic Discharge (ESD) Sensitivity
Human Body Model (HBM)
250 V
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJC is the junction to case (or die to package) thermal resistance.
Table 3. Thermal Resistance
Package Type
θJC1
Unit
C-40-3
24.2
°C/W
1 Based on the ATROX 800HT1V ® as the die attach epoxy.
ESD CAUTION


Similar Part No. - ADMV7810-SX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV7310 AD-ADMV7310 Datasheet
437Kb / 29P
   E-Band Upconverter SiP, 71 GHz to 76 GHz
ADMV7310-EVALZ AD-ADMV7310-EVALZ Datasheet
437Kb / 29P
   E-Band Upconverter SiP, 71 GHz to 76 GHz
ADMV7310BCEZ AD-ADMV7310BCEZ Datasheet
437Kb / 29P
   E-Band Upconverter SiP, 71 GHz to 76 GHz
ADMV7320 AD-ADMV7320 Datasheet
422Kb / 29P
   E-Band Upconverter SiP, 81 GHz to 86 GHz
ADMV7320-EVALZ AD-ADMV7320-EVALZ Datasheet
422Kb / 29P
   E-Band Upconverter SiP, 81 GHz to 86 GHz
More results

Similar Description - ADMV7810-SX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV7710 AD-ADMV7710 Datasheet
297Kb / 17P
   Power Amplifier with Power Detector
HMC7543 AD-HMC7543 Datasheet
248Kb / 16P
   E-Band Power Amplifier With Power Detector
logo
SiGe Semiconductor, Inc...
SE2528L SIGE-SE2528L Datasheet
59Kb / 2P
   2.4 GHz Power Amplifier with Power Detector
logo
Analog Devices
HMC8142 AD-HMC8142 Datasheet
318Kb / 16P
   E-Band Power Amplifier With Power Detector
logo
SiGe Semiconductor, Inc...
SE2537L SIGE-SE2537L Datasheet
65Kb / 2P
   5 GHz Power Amplifier with Power Detector
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
   RangeCharger??2.4 GHz Power Amplifier with Power Detector
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary
logo
Skyworks Solutions Inc.
SE5023L SKYWORKS-SE5023L Datasheet
236Kb / 11P
   5 GHz, 26dBm Power Amplifier with Power Detector
logo
SiGe Semiconductor, Inc...
SE2567L SIGE-SE2567L Datasheet
69Kb / 2P
   5 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com