Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP34063A Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP34063A
Description  1.5A Buck/Boost/Inverting DC-DC Switching Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP34063A Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP34063A Datasheet HTML 2Page - Sipex Corporation SP34063A Datasheet HTML 3Page - Sipex Corporation SP34063A Datasheet HTML 4Page - Sipex Corporation SP34063A Datasheet HTML 5Page - Sipex Corporation SP34063A Datasheet HTML 6Page - Sipex Corporation SP34063A Datasheet HTML 7Page - Sipex Corporation SP34063A Datasheet HTML 8Page - Sipex Corporation SP34063A Datasheet HTML 9Page - Sipex Corporation SP34063A Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Date: 1/11/05
SP34063A 1.5A Buck/Boost/Inverting DC-DC Switching Regulator
© Copyright 2005 Sipex Corporation
TYPICAL INVERTING CONVERTER CIRCUIT
This is a typical boost converter configuration. The working process in the steady state is similar to a boost converter,
the difference in this situation is that the voltage at the non-inverting pin of the comparator is equal to 1.25V +V
OUT,
then Vpin5 = V
OUT
*R2/(R1+R2) = 1.25V, + V
OUT.
The output voltage can be decided by V
OUT
= -1.25V*(R1+R2)/R1
(V).
S
Q
R
B
A
Ipk
OSC
CT
+
-
1.25V
Reference
Regulator
5
7
8
4
1
2
3
L2 1.0 µH
VOUT
Optional
Filter
C3
100 µF
C2
1000 µF
VOUT
-12V/100mA
R1 953k
R2 8.2k
C1
100µF
VIN = 4.5V - 6V
RSC
0.24
D1
1N5819
L1
88 µH
+
+
+
6
CT
1500 pF
SP34063A


Similar Part No. - SP34063A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP34063A EXAR-SP34063A Datasheet
473Kb / 9P
   1.5A Buck/Boost/Inverting DC-DC Regulator
SP34063AEN-L EXAR-SP34063AEN-L Datasheet
473Kb / 9P
   1.5A Buck/Boost/Inverting DC-DC Regulator
SP34063AEN-TR EXAR-SP34063AEN-TR Datasheet
473Kb / 9P
   1.5A Buck/Boost/Inverting DC-DC Regulator
More results

Similar Description - SP34063A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP34063A EXAR-SP34063A Datasheet
473Kb / 9P
   1.5A Buck/Boost/Inverting DC-DC Regulator
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
logo
Linear Technology
LTM4625EY LINER-LTM4625EY Datasheet
454Kb / 8P
   Tiny 3A DC/DC Inverting Buck-Boost 關Module Regulator
LTM4623EY LINER-LTM4623EY Datasheet
441Kb / 8P
   Tiny 2A DC/DC Inverting Buck-Boost 關Module Regulator
logo
XLSEMI
XL6009 XLSEMI-XL6009 Datasheet
250Kb / 8P
   400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6008 XLSEMI-XL6008 Datasheet
278Kb / 8P
   400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6019 XLSEMI-XL6019 Datasheet
307Kb / 13P
   180KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
List of Unclassifed Man...
XL6019 ETC2-XL6019 Datasheet
615Kb / 13P
   220KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
XLSEMI
XL6007 XLSEMI-XL6007 Datasheet
176Kb / 8P
   400KHz 60V 2A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
List of Unclassifed Man...
XL6008 ETC2-XL6008 Datasheet
302Kb / 8P
   400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com