Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GNM1M2R71C473MA01 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # GNM1M2R71C473MA01
Description  CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GNM1M2R71C473MA01 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  GNM1M2R71C473MA01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GNM1M2R71C473MA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Temperature
Compensating Type
High Dielectric Type
11 Vibration
Appearance
No defects or abnormalities.
Solder the capacitor on the test jig (glass epoxy board) in
Resistance
the same manner and under the same conditions as (10).
Capacitance
Within the specified tolerance.
The capacitor should be subjected to a simple harmonic motion
having a total amplitude of 1.5mm, the frequency being varied
Q/D.F.
30pF and over:Q≧1000
[B1,R1,R6,R7]
uniformly between the approximate limits of 10 and 55Hz. The
30pF and beloow:Q≧400+20C W.V.: 25Vmin. :0.025max.
frequency range, from 10 to 55Hz and return to 10Hz, should be
W.V.:16V
:0.035max.
traversed in approximately 1 minute. This motion should be
C:Nominal Capacitance(pF)
W.V.:6.3V
:0.05max.
applied for a period of 2 hours in each 3 mutually perpendicular
directions(total of 6 hours).
[F1,F5]
W.V.:25Vmin : 0.05max.
W.V.:16V
: 0.07max.
12 Deflection
Appearance
No defects or abnormalities.
Solder the capacitor on the test jig (glass epoxy board) shown in
Fig.1 using an eutectic solder. Then apply a force in the direction
Capacitance
Within ±5% or± 0.5pF
Within ±10%
shown in Fig 2 for 5±1 seconds. The soldering should be done
Change
(Whichever is larger)
by the reflow method and should be conducted with care so that
the soldering is uniform and free of defects such as heat shock.
13 Solderability
75% of the terminations is to be soldered evenly and
Immerse the capacitor in a solution of ethanol (JIS-K-8101) and
of Termination
continuously.
rosin (JIS-K-5902) (25% rosin in weight propotion) .
Preheat at 80 to 120℃ for 10 to 30 seconds.
After preheating , immerse in an eutectic solder solution for
2±0.5 seconds at 230±5℃.
14 Resistance to
The measured and observed characteristics should satisfy
Preheat the capacitor at 120 to 150℃ for 1 minute.
Soldering Heat
the specifications in the following table.
Immerse the capacitor in an eutectic solder solution at
270±5℃ for 10±0.5 seconds.
Appearance
No defects or abnormalities.
Let Sit at room temperature for 24±2 hours, then measure.
Capacitance
Within ±2.5% or± 0.25pF
B1,R1,R6,R7 :Within ±7.5%
Change
(Whichever is larger)
F1,F5
:Within ±20%
· Initial measurement for high dielectric constant type
Q/D.F.
30pF and over:Q≧1000
[B1,R1,R6,R7]
Perform a heat treatment at 150+0/-10
C for one hour and
30pF and beloow:Q≧400+20C
W.V.: 25Vmin. :0.025max.
then set at room temperature for 24±2 hours.
W.V.:16V
:0.035max.
Perform the initial measurement.
C:Nominal Capacitance(pF)
W.V.:6.3V
:0.05max.
[F1,F5]
W.V.:25Vmin : 0.05max.
W.V.:16V
: 0.07max.
I.R.
More than 10,000M
W or 500W·F(Whichever is smaller)
Dielectric
No defects.
Strength
15 Temperature Cycle
The measured and observed characteristics should satisfy
Fix the capacitor to the supporting jig in the same
the specifications in the following table.
manner and under the same conditions as (10).
Perform the five cycles according to the four heat
Appearance
No defects or abnormalities.
treatments shown in the following table.
Set for 24±2 hours at room temperature, then measure.
Capacitance
Within ±2.5% or± 0.25pF
B1,R1,R6,R7 :Within ±7.5%
Change
(Whichever is larger)
F1,F5
:Within ±20%
Q/D.F.
30pF and over:Q≧1000
[B1,R1,R6,R7]
30pF and beloow:Q≧400+20C
W.V.: 25Vmin. :0.025max.
W.V.:16V
:0.035max.
C:Nominal Capacitance(pF)
W.V.:6.3V
:0.05max.
[F1,F5]
W.V.:25Vmin : 0.05max.
· Initial measurement for high dielectric constant type
W.V.:16V
: 0.07max.
Perform a heat treatment at 150+0/-10
C for one hour and
then set at room temperature for 24±2 hours.
I.R.
More than 10,000M
W or 500W·F(Whichever is smaller)
Perform the initial measurement.
Dielectric
No defects.
Strength
■SPECIFICATIONS AND TEST METHODS
No
Item
Specification
Test Method
Step
Temp.(
C)
Time (min)
1
Min.
Operating Temp.+0/-3
30±3
2
Room Temp
2 to 3
3
Max.
Operating Temp.+3/-0
30±3
4
Room Temp
2 to 3
JEMCCS-0001K
3


Similar Part No. - GNM1M2R71C473MA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GNM1M2R71C104MA01 MURATA-GNM1M2R71C104MA01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM1M2R71C104MAA1 MURATA-GNM1M2R71C104MAA1 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM1M2R71C223MA01 MURATA-GNM1M2R71C223MA01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
More results

Similar Description - GNM1M2R71C473MA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GNM0M2R60J473ME17 MURATA-GNM0M2R60J473ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61A103ME17 MURATA-GNM0M2R61A103ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61A473ME17 MURATA-GNM0M2R61A473ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61C473ME18 MURATA-GNM0M2R61C473ME18 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R61A105ME17 MURATA-GNM214R61A105ME17 Datasheet
668Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R71C104MA01 MURATA-GNM214R71C104MA01 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R71C223MA01 MURATA-GNM214R71C223MA01 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R71E103MA01 MURATA-GNM214R71E103MA01 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R71E222MA01 MURATA-GNM214R71E222MA01 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61C103ME18 MURATA-GNM0M2R61C103ME18 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R60J105ME18 MURATA-GNM0M2R60J105ME18 Datasheet
680Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com