Electronic Components Datasheet Search |
|
S29CD032G0RQAN000 Datasheet(PDF) 11 Page - SPANSION |
|
S29CD032G0RQAN000 Datasheet(HTML) 11 Page - SPANSION |
11 / 93 page March 22, 2004 30606B0 S29CD032G 11 Ad va nc e In forma t i o n Pin Configuration A0–A19 = 20-bit address bus for 32 Mb device. A9 supports 12 V autoselect inputs. DQ0–DQ31 = 32-bit data inputs/outputs/float CE# = Chip Enable Input. This signal is asynchronous relative to CLK for the burst mode. OE# = Output Enable Input. This signal is asynchronous relative to CLK for the burst mode. WE# = Write enable. This signal is asynchronous relative to CLK for the burst mode. VSS = Device ground NC = Pin not connected internally RY/BY# = Ready/Busy output and open drain. When RY/BY# = VIH, the device is ready to accept read operations and commands. When RY/BY# = VOL, the device is either executing an embedded algorithm or the device is executing a hardware reset operation. CLK = Clock Input that can be tied to the system or microprocessor clock and provides the fundamental timing and internal operating frequency. ADV# = Load Burst Address input. Indicates that the valid address is present on the address inputs. IND# = End of burst indicator for finite bursts only. IND is low when the last word in the burst sequence is at the data outputs. WAIT# = Provides data valid feedback only when the burst length is set to continuous. WP# = Write Protect input. When WP# = VOL, the two outermost bootblock sector in the 75% bank are write protected regardless of other sector protection configurations. ACC = Acceleration input. When taken to 12 V, program and erase operations are accelerated. When not used for acceleration, ACC = VSS to VCC. VIO (VCCQ) = Output Buffer Power Supply (1.65 V to 2.75 V) VCC = Chip Power Supply (2.5 V to 2.75 V) RESET# = Hardware reset input MCH = Must Connect High (to VCC) |
Similar Part No. - S29CD032G0RQAN000 |
|
Similar Description - S29CD032G0RQAN000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |