Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GNM0M2R61C104ME18 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # GNM0M2R61C104ME18
Description  CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GNM0M2R61C104ME18 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  GNM0M2R61C104ME18 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GNM0M2R61C104ME18 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GNM0M2R61C104ME18 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GNM0M2R61C104ME18 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GNM0M2R61C104ME18 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GNM0M2R61C104ME18 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GNM0M2R61C104ME18 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GNM0M2R61C104ME18 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GNM0M2R61C104ME18 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1 Operating
B1,F1,B3 :-25℃ to 85℃
Standard Temperature : 20℃
Temperature Range
R6
:-55℃ to 85℃
(R6 : 25℃)
2 Rated Voltage
See the previous pages.
The rated voltage is defined as the maximum voltage which may
be applied continuously to the capacitor.
When AC voltage is superimposed on DC voltage, V
P-P or VO-P, whichever
is larger, should be maintained within the rated voltage range.
3 Appearance
No defects or abnormalities.
Visual inspection.
4 Dimension
Within the specified dimensions.
Using calipers.
5 Dielectric Strength
No defects or abnormalities.
No failure should be observed when 250% of the rated voltage is
applied between the terminations for 1 to 5 seconds,
provided the charge/discharge current is less than 50mA.
6 Insulation
More than 50
Ω ∙F
The insulation resistance should be measured with a DC voltage
Resistance
not exceeding the rated voltage at 20/25℃ and 75%RH max.
and within 1 minutes of charging, provided the charge/discharge
current is less than 50mA.
7 Capacitance
Within the specified tolerance.
The capacitance Q/D.F. should be measured at 20/25℃ at the frequency
and voltage shown in the table.
8 Q/Dissipation
B1,B3,R6 : 0.1max
Factor (D.F.)
F1 : 0.2max
*1 For items in Table 1:Measuring Voltage : 0.5±0.1Vrms
*2 GNM0M2 B3/R6 0J 103/223/473:
Measuring Voltage : 1.0±0.2Vrms
GNM214B30J105, GNM214R60J105,GNM212R60J225:
Measuring Voltage : 1.0±0.1Vrms
9 Capacitance
No bias
B1,B3 : Within ±10%
The capacitance change should be measured after 5min. at each
Temperature
(-25℃ to +85℃)
specified temp.stage.
Characteristics
R6 : Within ±15%
The ranges of capacitance change compared with the 20°C
(-55℃ to +85℃)
value over the temperature ranges shown in the table should
F1 : Within +30/-80%
be within the specified ranges.*
(-25℃ to +85℃)
In case of applying voltage, the capacitance change should
be measured after 1 more min. with applying voltage in
equilibration of each temp. stage.
・GNM0M2B30G105 only:0.2+/-0.05Vrms
50% of
B1 : Within +10/-30%
the rated
F1 : Within +30/-95%
voltage
* Initial measurement
Perform a heat treatment at 150 +0/-10°C for one hour and then set
for 24±2 hours at room temperature.
Perform the initial measure-ment.
10 Adhesive Strength
No removal of the terminations or other defect
Solder the capacitor on the test jig (glass epoxy board)shown in
of Termination
should occur.
Fig.3 using a eutectic solder. Then apply 5N* force in parallel
with the test jig for 10±1sec.
The soldering should be done either with an iron or using the
reflow method and should be conducted with care so that the
soldering is uniform and free of defects such as heat shock.
*2N(GNM0M2)
■SPECIFICATIONS AND TEST METHODS
No
Item
Test Method
High Dielectric Type
Capacitance
Frequency
Voltage
C≦10μF
(10V min)
1±0.1kHz
*1
1.0±0.2Vrms
C≦10μF
(6.3V max)
1±0.1kHz
*2
0.5±0.1Vrms
C>10μF
120±24Hz
0.5±0.1Vrms
Step
Temperature(
C)
Applying
Voltage(V)
1
20±2/25±2
No bias
2
-55±3(for R6)/
-25±3(for B1,B3,F1)
3
20±2/25±2
4
85±3(for B1,B3,R6,F1)
5
20±2
50% of the
rated voltage
6
-25±3(for B1,F1)
7
20±2
8
85±3(for B1,F1)
* Table 1
GNM0M2 B3/R6 1A/1C 104
GNM1M2
B3
1A
224/474
GNM1M2 B3/R6 1A
105
GNM214 B3/R6 1A
224
* Table 2
GNM0M2 B3/R6 0J/1A/1C 103/223/473/104
GNM1M2 B3/R6
0J
225
GNM212 B3/R6
1A
225
GNM212 R6
0J
225
GNM214 B3/R6 0J/1A
224
GNM214 B3
0J
225
*3 However 0.125 max. about Table 2 items.
JEMCCS-0013M
2


Similar Part No. - GNM0M2R61C104ME18

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GNM0M2R61C103ME18 MURATA-GNM0M2R61C103ME18 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
More results

Similar Description - GNM0M2R61C104ME18

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GNM0M2R60J473ME17 MURATA-GNM0M2R60J473ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61A103ME17 MURATA-GNM0M2R61A103ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61A473ME17 MURATA-GNM0M2R61A473ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61C473ME18 MURATA-GNM0M2R61C473ME18 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R61A105ME17 MURATA-GNM214R61A105ME17 Datasheet
668Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R71C104MA01 MURATA-GNM214R71C104MA01 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R71C223MA01 MURATA-GNM214R71C223MA01 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R71E103MA01 MURATA-GNM214R71E103MA01 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM214R71E222MA01 MURATA-GNM214R71E222MA01 Datasheet
604Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61C103ME18 MURATA-GNM0M2R61C103ME18 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R60J105ME18 MURATA-GNM0M2R60J105ME18 Datasheet
680Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com