Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0430452225 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0430452225
Description  Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 22 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0430452225 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0430452225_18 Datasheet HTML 1Page - Molex Electronics Ltd. 0430452225_18 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
2.999/g
Number of Rows
2
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness - Recommended
1.60mm
Packaging Type
Tray
Pitch - Mating Interface
3.00mm
Plating min - Mating
0.381µm
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole - Kinked Pin
Electrical
Current - Maximum per Contact
8.5A
Voltage - Maximum
600V
Solder Process Data
Duration at Max. Process Temperature (seconds)
030
Lead-freeProcess Capability
SMC&WAVE
Max. Cycles at Max. Process Temperature
003
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-0314-001
Product Specification
PS-43045, TS-43045-001-001, TS-43045-002-001,
TS-46235-001-001
Sales Drawing
SD-43045-009
Symbol/Footprint Data
SYM-43045-2224_6
This document was generated on 06/25/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0430452225_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0430452225 MOLEX5-0430452225 Datasheet
194Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0??Header, Surface Mount Compatible, Dual Row, Vertical, with Press-fit Metal Retention Clip, 22 Circuits
More results

Similar Description - 0430452225_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0430452227 MOLEX1-0430452227_18 Datasheet
36Kb / 2P
   Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 22 Circuits
0430452216 MOLEX1-0430452216_18 Datasheet
37Kb / 2P
   Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 22 Circuits
0430452212 MOLEX1-0430452212_18 Datasheet
36Kb / 2P
   Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 22 Circuits
0430452226 MOLEX1-0430452226_18 Datasheet
36Kb / 2P
   Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 22 Circuits
0430452218 MOLEX1-0430452218_18 Datasheet
37Kb / 2P
   Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 22 Circuits
0430452214 MOLEX1-0430452214_18 Datasheet
36Kb / 2P
   Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 22 Circuits
0430452215 MOLEX1-0430452215_18 Datasheet
36Kb / 2P
   Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 22 Circuits
0430452224 MOLEX1-0430452224_18 Datasheet
36Kb / 2P
   Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 22 Circuits
0430452217 MOLEX1-0430452217_18 Datasheet
36Kb / 2P
   Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 22 Circuits
0430452219 MOLEX1-0430452219_18 Datasheet
37Kb / 2P
   Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 22 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com