Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFD30N06 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SFD30N06
Description  N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SFD30N06 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SFD30N06 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFD30N06 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFD30N06 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFD30N06 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFD30N06 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFD30N06 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFD30N06 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
N o te s :
1 . Z
θ JC( t) = 2.85
/W M a x .
2 . D u ty F a c to r, D = t
1 /t2
3 . T
JM - T C = P DM * Z θ JC(t)
s ingle pu ls e
D= 0 .5
0.0 2
0.2
0.05
0.1
0.01
t
1 , S q u a r e W a v e P u ls e D u r a tio n [s e c ]
25
50
75
100
125
150
0
5
10
15
20
25
T
C' Case Temperature [
oC]
10
-1
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
10
3
DC
10 ms
1 ms
100 µs
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
Notes :
1. V
GS = 10 V
2. I
D = 11.5 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes :
1. V
GS = 0 V
2. I
D = 250 µ A
T
J, Junction Temperature [
oC]
Fig 9. Maximum Safe Operating Area
Fig 10. Maximum Drain Current
vs. Case Temperature
Fig 11. Transient Thermal Response Curve
Fig 7. Breakdown Voltage Variation
vs. Junction Temperature
Fig 8. On-Resistance Variation
vs. Junction Temperature
SFD30N06
4/7


Similar Part No. - SFD30N06

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SFD30N06 SEMIWELL-SFD30N06 Datasheet
1Mb / 7P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SFD30N06 VBSEMI-SFD30N06 Datasheet
897Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - SFD30N06

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com