Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGS903U075X5C Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # CGS903U075X5C
Description  High-Cap Screw Terminal Aluminum Electrolytic Capacitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CGS903U075X5C Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  CGS903U075X5C Datasheet HTML 1Page - Cornell Dubilier Electronics CGS903U075X5C Datasheet HTML 2Page - Cornell Dubilier Electronics CGS903U075X5C Datasheet HTML 3Page - Cornell Dubilier Electronics CGS903U075X5C Datasheet HTML 4Page - Cornell Dubilier Electronics CGS903U075X5C Datasheet HTML 5Page - Cornell Dubilier Electronics CGS903U075X5C Datasheet HTML 6Page - Cornell Dubilier Electronics CGS903U075X5C Datasheet HTML 7Page - Cornell Dubilier Electronics CGS903U075X5C Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CGS High-Cap Screw Terminal Aluminum Electrolytic Capacitor
High CV, Screw Terminal Capacitors
Type CGS screw terminal, aluminum electrolytic ca-
pacitors have a high CV rating and are suitable for use
in most demanding applications requiring high cur-
rent fltering or energy storage.
Highlights
High CV rating
High current fltering
Screw terminal
RoHS Compliant
Specifcations
Capacitance Range: 75 to 1,500,000 µF
Voltage Range: 6.3 to 500 WVdc
Capacitance Tolerance: –10% +75% (6.3 - 150 WVdc)
–10% +50% (200 - 450 WVdc)
Operating Temperature: –40 ºC to +85 ºC
Ripple Current Multipliers: Ambient Temperature
+45 ºC
+55 ºC
+65 ºC
+75 ºC
+85 ºC
2.24
2.00
1.73
1.41
1.00
Rated
Ripple Multiplier
Voltage
60 Hz
120 Hz 300 Hz 1000 Hz 10 kHz
16 to 150
200 to 500
0.9
0.9
1.0
1.0
1.15
1.25
1.25
1.40
1.30
1.50
DC Leakage Current:
Click here to see: Hardware & Mounting
Options
QA Stability Test:
Click here to see: Mechanical Details
I = .006 √ CV
Not to exceed 6.0 mA max. after 5 minutes
C = Capacitance in µF
V = Rated Voltage
I = Leakage current in mA
Apply WVdc for 2000 h @ 85 ºC
• Capacitance change ± 10% from initial limits
• DC leakage current: 200% of limit
• ESR: 175% of limit
Typical Performance Curves


Similar Part No. - CGS903U075X5C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CGS903U075X5C ETC1-CGS903U075X5C Datasheet
1Mb / 7P
   Computer Grade Aluminum Electrolytic Capacitor
More results

Similar Description - CGS903U075X5C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CGS733U6R3R2L CDE-CGS733U6R3R2L Datasheet
263Kb / 7P
   High-Cap Screw Terminal Aluminum Electrolytic Capacitor
CGS733U6R3R2L CDE-CGS733U6R3R2L Datasheet
488Kb / 8P
   High-Cap Screw Terminal Aluminum Electrolytic Capacitor
CG CDE-CG Datasheet
1Mb / 3P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor
CG164U010X5L CDE-CG164U010X5L Datasheet
264Kb / 2P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
220Kb / 5P
   High Capacitance, Aluminum Electrolytic Screw Terminal
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com