Electronic Components Datasheet Search |
|
UCC21520QDWQ1 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
UCC21520QDWQ1 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 50 page 10 9 11 Driver VDDB OUTB VSSB 12 13 NC NC UVLO DEMOD MOD 15 14 16 Driver VDDA OUTA VSSA UVLO DEMOD MOD Functional Isolation Disable, UVLO and Deadtime 2 1 3,8 4 6 5 7 GND INB DT NC DIS INA VCCI Copyright © 2017, Texas Instruments Incorporated Product Folder Order Now Technical Documents Tools & Software Support & Community An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION DATA. UCC21520-Q1 SLUSCQ2A – OCTOBER 2017 – REVISED MAY 2018 UCC21520-Q1 4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive 1 1 Features 1 • Qualified for Automotive Applications • AEC-Q100 Qualified With the Following Results – Device Temperature Grade 1 – Device HBM ESD Classification Level H2 – Device CDM ESD Classification Level C6 • Universal: Dual Low-Side, Dual High-Side or Half- Bridge Driver • Operating Temperature Range –40 to +125°C • Switching Parameters: – 19-ns Typical Propagation Delay – 10-ns Minimum Pulse Width – 5-ns Maximum Delay Matching – 5-ns Maximum Pulse-Width Distortion • Common-Mode Transient Immunity (CMTI) Greater than 100 V/ns • Surge Immunity up to 12.8 kV • Isolation Barrier Life >40 Years • 4-A Peak Source, 6-A Peak Sink Output • TTL and CMOS Compatible Inputs • 3-V to 18-V Input VCCI Range to Interface with Both Digital and Analog Controllers • Up to 25-V VDD Output Drive Supply – 5-V and 8-V VDD UVLO Options • Programmable Overlap and Dead Time • Rejects Input Pulses and Noise Transients Shorter than 5 ns • Fast Disable for Power Sequencing • Safety-Related Certifications: – 8000-VPK Reinforced Isolation per DIN V VDE V 0884-11:2017-01 – 5.7-kVRMS Isolation for 1 Minute per UL 1577 – CSA Certification per IEC 60950-1, IEC 62368- 1, IEC 61010-1 and IEC 60601-1 End Equipment Standards – CQC Certification per GB4943.1-2011 2 Applications • HEV and BEV Battery Chargers • Isolated Converters in DC-DC and AC-DC Power Supplies • Motor Drive and DC-to-AC Solar Inverters • Uninterruptible Power Supply (UPS) 3 Description The UCC21520-Q1 is an isolated dual-channel gate drivers with 4-A source and 6-A sink peak current. It is designed to drive power MOSFETs, IGBTs, and SiC MOSFETs up to 5-MHz with best-in-class propagation delay and pulse-width distortion. The input side is isolated from the two output drivers by a 5.7-kVRMS reinforced isolation barrier, with a minimum of 100-V/ns common-mode transient immunity (CMTI). Internal functional isolation between the two secondary-side drivers allows a working voltage of up to 1500 VDC. Every driver can be configured as two low-side drivers, two high-side drivers, or a half-bridge driver with programmable dead time (DT). A disable pin shuts down both outputs simultaneously, and allows normal operation when left open or grounded. As a fail-safe measure, primary-side logic failures force both outputs low. Each device accepts VDD supply voltages up to 25 V. A wide input VCCI range from 3 V to 18 V makes the driver suitable for interfacing with both analog and digital controllers. All supply voltage pins have under voltage lock-out (UVLO) protection. With all these advanced features, the UCC21520-Q1 enables high efficiency, high power density, and robustness. Device Comparison(1) PART NUMBER PACKAGE UVLO Level UCC21520-Q1 DW SOIC (16) 8 V UCC21520A-Q1 Advance Information DW SOIC (16) 5 V (1) For all available packages, see the orderable addendum at the end of the data sheet. Functional Block Diagram |
Similar Part No. - UCC21520QDWQ1 |
|
Similar Description - UCC21520QDWQ1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |