Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC21520QDWQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC21520QDWQ1
Description  4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC21520QDWQ1 Datasheet(HTML) 5 Page - Texas Instruments

  UCC21520QDWQ1 Datasheet HTML 1Page - Texas Instruments UCC21520QDWQ1 Datasheet HTML 2Page - Texas Instruments UCC21520QDWQ1 Datasheet HTML 3Page - Texas Instruments UCC21520QDWQ1 Datasheet HTML 4Page - Texas Instruments UCC21520QDWQ1 Datasheet HTML 5Page - Texas Instruments UCC21520QDWQ1 Datasheet HTML 6Page - Texas Instruments UCC21520QDWQ1 Datasheet HTML 7Page - Texas Instruments UCC21520QDWQ1 Datasheet HTML 8Page - Texas Instruments UCC21520QDWQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
5
UCC21520-Q1
www.ti.com
SLUSCQ2A – OCTOBER 2017 – REVISED MAY 2018
Product Folder Links: UCC21520-Q1
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
UCC21520-Q1,
UNIT
DW-16 (SOIC)
RθJA
Junction-to-ambient thermal resistance
67.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
34.4
°C/W
RθJB
Junction-to-board thermal resistance
32.1
°C/W
ψJT
Junction-to-top characterization parameter
18.0
°C/W
ψJB
Junction-to-board characterization parameter
31.6
°C/W
6.5 Power Ratings
VALUE
UNIT
PD
Power dissipation by UCC21520-Q1
VCCI = 18 V, VDDA/B = 12 V, INA/B = 3.3 V,
3 MHz 50% duty cycle square wave 1-nF
load
1.05
W
PDI
Power dissipation by transmitter side of
UCC21520-Q1
0.05
W
PDA, PDB
Power dissipation by each driver side of
UCC21520-Q1
0.5
W


Similar Part No. - UCC21520QDWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21520QDWQ1 TI1-UCC21520QDWQ1 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
More results

Similar Description - UCC21520QDWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC20520 TI1-UCC20520 Datasheet
977Kb / 42P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Single Input
UCC21521 TI1-UCC21521 Datasheet
986Kb / 44P
[Old version datasheet]   UCC21521 4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Enable
UCC21220 TI1-UCC21220 Datasheet
724Kb / 39P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21320-Q1 TI1-UCC21320-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   UCC21320-Q1 4-A, 6-A, 3.75-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21220 TI1-UCC21220_18 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21530 TI1-UCC21530 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with 3.3-mm Channel-to-Channel Spacing
UCC21530-Q1 TI1-UCC21530-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with 3.3-mm Channel-to-Channel Spacing
UCC21225A TI1-UCC21225A Datasheet
1Mb / 45P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver in LGA
UCC21222-Q1 TI1-UCC21222-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com