Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9117-V-F3 Datasheet(PDF) 1 Page - NEC

Part # PS9117-V-F3
Description  NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP OPTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9117-V-F3 Datasheet(HTML) 1 Page - NEC

  PS9117-V-F3 Datasheet HTML 1Page - NEC PS9117-V-F3 Datasheet HTML 2Page - NEC PS9117-V-F3 Datasheet HTML 3Page - NEC PS9117-V-F3 Datasheet HTML 4Page - NEC PS9117-V-F3 Datasheet HTML 5Page - NEC PS9117-V-F3 Datasheet HTML 6Page - NEC PS9117-V-F3 Datasheet HTML 7Page - NEC PS9117-V-F3 Datasheet HTML 8Page - NEC PS9117-V-F3 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PS9117
NEC's HIGH CMR, 10Mbps
OPEN COLLECTOR OUTPUT TYPE
5-PIN SOP OPTOCOUPLER
California Eastern Laboratories
PULSE WIDTH DISTORTION:
|tPHL - tPLH| = 35 ns MAX.
• HIGH COMMON MODE TRANSIENT IMMUNITY:
CMH, CML = ±15 kV/μs MIN.
SMALL PACKAGE:
5-Pin SOP
HIGH SPEED:
10 Mbps
HIGH ISOLATION VOLTAGE:
BV = 2 500 Vr.m.s.
OPEN COLLECTOR OUTPUT
ORDERING NUMBER OF TAPING PRODUCT:
PS9117-F3, F4: 2 500 pcs/reel
Pb-Free Product
SAFETY STANDARDS:
UL approved: File No. E72422
DIN EN60747-5-2 (VDE0884 Part2) approved No. 40008902 (option)
FEATURES
DATA SHEET
NEC's PS9117 is an optically coupled high-speed,
active low type isolator containing a GaAlAs LED on
the input side and a photodiode and a signal process-
ing circuit on the output side on one chip.
The PS9117 is designed specifically for high common
mode transient immunity (CMR) and low pulse width
distortion. The PS9117 is suitable for high density ap-
plication.
DESCRIPTION
Measurement Equipment
PDP
FA Network
APPLICATION
5
3
1
2
4
1. Anode
2. Cathode
3. GND
4. VO
5. VCC
PIN CONNECTION
(Top View)
TRUTH TABLE
LED
OUTPUT
ON
L
OFF
H


Similar Part No. - PS9117-V-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9117-V-F3 CEL-PS9117-V-F3 Datasheet
412Kb / 13P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9117-V-F3-A CEL-PS9117-V-F3-A Datasheet
412Kb / 13P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results

Similar Description - PS9117-V-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9714 CEL-PS9714 Datasheet
166Kb / 7P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
logo
NEC
PS9714 NEC-PS9714 Datasheet
164Kb / 7P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
logo
List of Unclassifed Man...
PS9114 ETC-PS9114 Datasheet
112Kb / 5P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9817-1 CEL-PS9817-1 Datasheet
592Kb / 12P
   NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
PS9114 CEL-PS9114 Datasheet
388Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS9814 ETC-PS9814 Datasheet
110Kb / 3P
   NECs 10 Mbps HIGH CMR OPEN COLLECTOR OUTPUT TYPE 8-PIN SOP HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9117 CEL-PS9117 Datasheet
412Kb / 13P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9124_15 RENESAS-PS9124_15_15 Datasheet
450Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9124 CEL-PS9124 Datasheet
988Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9117A CEL-PS9117A Datasheet
404Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com