Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRC3R60D420R2 Datasheet(PDF) 8 Page - Crydom Inc.,

Part # DRC3R60D420R2
Description  DIN Rail Mount
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRC3R60D420R2 Datasheet(HTML) 8 Page - Crydom Inc.,

Back Button DRC3R60D420R2 Datasheet HTML 4Page - Crydom Inc., DRC3R60D420R2 Datasheet HTML 5Page - Crydom Inc., DRC3R60D420R2 Datasheet HTML 6Page - Crydom Inc., DRC3R60D420R2 Datasheet HTML 7Page - Crydom Inc., DRC3R60D420R2 Datasheet HTML 8Page - Crydom Inc., DRC3R60D420R2 Datasheet HTML 9Page - Crydom Inc., DRC3R60D420R2 Datasheet HTML 10Page - Crydom Inc., DRC3R60D420R2 Datasheet HTML 11Page - Crydom Inc., DRC3R60D420R2 Datasheet HTML 12Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AGENCY APPROVALS
Certification in accordance with:
United States Standard for Industrial Control Equipment - UL 508 and
Canadian Standard Association for Industrial Control Equipment – C22.2 No. 14.
China Compulsory Certification for AC Semiconductor Motor Controller-GB14048.6-2008
DRC3 series conforms to the harmonized EN standard EN/IEC 60947-4-2
Electromagnetic Compatibility:
IEC 61000-4-2 : Electrostatic Discharge – Level 3
IEC 61000-4-4 : Electrically Fast Transients – Level 3
IEC 61000-4-5 : Electrical Surges – Level 3
Vibration Resistance:
IEC 60068-2-6 : Amplitude Range 10-55 Hz, Displacement 0.75mm
Shock Resistance:
IEC 60068-2-27 : Peak Acceleration 15g, Duration11msec.
E116949
(Only DRCx40x4x & DRCx48x4x)
FWD
REV
Open
Close
Open
Close
Input A1
Input A3
Open
Open
Close
Close
Off
On
Off
Off
Off
Off
On
Off
TIMING DIAGRAM
1, 4, 10
3, 9
4
5
STEP
DESCRIPTION
A1 is activated, FWD Output waits for 100msec
FWD direction is activated
A1 changes to off. FWD Output is disabled at the same time
A3 is activated. REV Outputs waits for 100msec
2
6
REV direction is On
8
A3 is open, A1 is closed, activation delayed 100msec
7
Interlock fuction is activated. REV is disabled due to A1 & A3 both being active
Initial Condition. A1 & A3 open
Input/Output
1
2
3
4
5
6
7
8
9
10
Input A1
Input A3
FWD Direction
100 msec
100 msec
REV Direction
100 msec
TIMING DIAGRAM FOR DRC3R
interlock
s
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
Datasheet
DIN Rail Mount
Agency Approvals


Similar Part No. - DRC3R60D420R2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRC3R60D420R2 CRYDOM-DRC3R60D420R2 Datasheet
536Kb / 2P
   DIN Rail Mount
More results

Similar Description - DRC3R60D420R2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
   DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
   DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
   DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
   DIN rail mount
DR24D06 CRYDOM-DR24D06_13 Datasheet
770Kb / 7P
   DIN rail mount
DRA3P48D2 CRYDOM-DRA3P48D2 Datasheet
976Kb / 5P
   DIN rail mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
   DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
   DIN Rail Mount
CKM CRYDOM-CKM Datasheet
545Kb / 4P
   DIN Rail Mount
DRA1MP CRYDOM-DRA1MP Datasheet
660Kb / 5P
   DIN Rail Mount
CMR60 CRYDOM-CMR60_17 Datasheet
611Kb / 5P
   DIN Rail Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com