Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6932 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6932
Description  8-A 5V-Input Dual-Output Integrated Switching Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6932 Datasheet(HTML) 3 Page - Texas Instruments

  PT6932 Datasheet HTML 1Page - Texas Instruments PT6932 Datasheet HTML 2Page - Texas Instruments PT6932 Datasheet HTML 3Page - Texas Instruments PT6932 Datasheet HTML 4Page - Texas Instruments PT6932 Datasheet HTML 5Page - Texas Instruments PT6932 Datasheet HTML 6Page - Texas Instruments PT6932 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT6920/PT6930 Series
Adjusting the Output Voltage of the PT6920 and
PT6930 Dual Output Voltage ISRs
Each output voltage from the PT6920 and PT6930 series
of ISRs can be independantly adjusted higher or lower than
the factory trimmed pre-set voltage. Vo1 or Vo2 may each
be adjusted either up or down using a single external resis-
tor 2. Table 1 gives the adjustment range for both Vo1 and
Vo2 for each model in the series as Va(min) and Va(max).
Note that Vo2 must always be lower than Vo1 3.
Vo1 Adjust Up:
To increase the output, add a resistor R4
between pin 16 (V1 Adjust) and pins 7-11 (GND) 2.
Vo1 Adjust Down: Add a resistor (R3), between pin 16
(Vo1 Adjust) and pin 1 (Vo1 Sense) 2.
Vo2 Adjust Up:
Add a resistor R2 between pin 23
(Vo2 Adjust) and pins 7-11 (GND) 2.
Vo2 Adjust Down: Add a resistor (R1) between pin 23
(Vo2 Adjust) and pin 22 (Vo2 Sense) 2.
Refer to Figure 1 and Table 2 for both the placement and value of
the required resistor.
Notes:
1. The output voltages, Vo1 and Vo2, may be adjusted
independantly.
2. Use only a single 1% resistor in either the (R3) or R4
location to adjust Vo1, and in the (R1) or R2 location to
adjust Vo2. Place the resistor as close to the ISR as
possible.
3. Vo2 must always be at least 0.2V lower than Vo1.
4. Vo2 on both the PT6921 and PT6931 models may be
adjusted from 2.5V to 1.8V by simply connecting pin
22 (Vo2 Sense) to pin 23 (Vo2 Adjust). For more
details, consult the data sheet.
Table 1
PT6920 ADJUSTMENT RANGE AND FORMULA PARAMETERS
Output Bus
Vo1
Vo2
Series Pt #
Standard Case
PT6921/22
PT6921
PT6922
Excalibur Case
PT6931/32
PT6931
PT6932
PT6933
Adj. Resistor
(R3)/R4
(R1)/R2
(R1)/R2
(R1)/R2
Vo(nom)
3.3V
2.5V
1.5V
1.8V
Va(min)
2.3V
1.8V
1.2V
1.2V
Va(max)
3.6V
3.0V
3.0V
3.0V
Vr
1.02V
1.0V
1.0V
1.0V
Ro (k
Ω)
12.1
10.0
9.76
10.0
Rs (k
Ω)
12.1
11.5
6.49
3.32
Figure 1
C
1
+
C
2
+
C
3
+
R4
(R3)
(R1)
R2
L
O
A
D
L
O
A
D
Adj Down
Adjust Up
Vin
COM
CO
V2
o
V1
o
PT6920
18 - 21
23
7 - 11
4,5,6
Vin
V2
out
GND
V o
2(adj)
V
1(sns)
1
16
Vo
1(adj)
12 - 15
V1
out
V
2(sns)
22
STBY
3
Adjust V1
out
Adjust V2
out
5. If Vo1 is increased above 3.3V, the minimum input voltage
to the ISR must also be increased. The minimum
required input voltage must be (Vo1 + 1.2)V or 4.5V,
whichever is greater. Do not exceed 5.5V
6. Never connect capacitors to either the Vo1 Adjust or Vo2
Adjust pins. Any capacitance added to these control pins
will affect the stability of the respective regulated output.
7. Adjusting either voltage (Vo1 or Vo2) may increase the
power dissipation in the regulator, and correspondingly
change the maximum current available at either output.
Consult the factory for application assistance.
The adjust up and adjust down resistor values can also be
calculated using the following formulas. Be sure to select
the correct formula parameter from Table 1 for the output
and model being adjusted.
(R1) or (R3)
=
Ro (Va – Vr) –R
s
k
Vo – Va
R2 or R4
=
Vr . Ro
– Rs
k
Va – Vo
Where:
Vo = Original output voltage, (Vo1 or Vo2)
Va = Adjusted output voltage
Vr = The reference voltage from Table 1
Ro = The resistance value from Table 1
Rs = The series resistance from Table 1


Similar Part No. - PT6932

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6932 TI-PT6932 Datasheet
170Kb / 5P
[Old version datasheet]   5V TO 3.3V/2.5V 25 WATT DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
PT6932 TI-PT6932 Datasheet
371Kb / 7P
[Old version datasheet]   The PT6930 Excalibur series of 8-A dual-output ISRs are designed to power
PT6932C TI-PT6932C Datasheet
371Kb / 7P
[Old version datasheet]   The PT6930 Excalibur series of 8-A dual-output ISRs are designed to power
More results

Similar Description - PT6932

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6930 TI-PT6930 Datasheet
159Kb / 7P
[Old version datasheet]   8-A 5V-Input Dual-Output Integrated Switching Regulator
PT6936 TI-PT6936 Datasheet
242Kb / 12P
[Old version datasheet]   11-A 5V/3.3V-Input Dual Output Integrated Switching Regulator
PT6980 TI-PT6980 Datasheet
272Kb / 12P
[Old version datasheet]   10-A 12V-Input Dual Output Integrated Switching Regulator
PT5060 TI-PT5060 Datasheet
233Kb / 4P
[Old version datasheet]   5V to 12V/15V 9W DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
PT6942A TI1-PT6942A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6943A TI1-PT6943A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6940 TI-PT6940 Datasheet
190Kb / 9P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6674 TI-PT6674 Datasheet
113Kb / 5P
[Old version datasheet]   5V/3.3V Input 20W Boost Integrated Switching Regulator
PT6405D TI1-PT6405D Datasheet
527Kb / 7P
[Old version datasheet]   3 Amp 5V Input Adjustable Integrated Switching Regulator
PT6920 TI-PT6920 Datasheet
195Kb / 5P
[Old version datasheet]   5V TO 3.3V/2.5V 25 WATT DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com