Electronic Components Datasheet Search |
|
DRC3R40D411R2 Datasheet(PDF) 2 Page - Crydom Inc., |
|
DRC3R40D411R2 Datasheet(HTML) 2 Page - Crydom Inc., |
2 / 12 page SOLID STATE AUXILIARY CONTACTS(1) Description Operating Voltage Range (47-63Hz) [Vrms] (9) Transient Overvoltage [Vpk] Maximum Load Current [Arms] Minimum Load Current [mA] Maximum Surge Current [Apk] 1 Cycle 60Hz Maximum Surge Current [Apk] 1 Cycle 50Hz Maximum I2t for Fusing (8.33msec)[A2sec] Normally Open Suffix 2x,1x 18-280 600 1 5 40 38 6.7 Normally Closed Suffix x1 18-280 600 1 5 40 38 6.7 Maximum I2t for Fusing (10msec)[A2sec] Maximum Off-State Leakage Current @ Rated Voltage [mArms] Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] Maximum Delay to Turn-On [msec] (7) Maximum Turn-Off Time [msec] 7.2 0.1 500 30 40 7.2 5 mA 500 80 40 OUTPUT SPECIFICATIONS (1) DRC3P48x4x2 DRC3P48x4x Description Load Current, General Use UL508 /AC51 @40°C [Arms] (4) 5 7.6 Load Current, Motor Controller UL508 /AC-53a @480VAC [Arms] (4) 4.8 7.6 Minimum Load Current [Arms] 0.15 0.15 Maximum Surge Current [Apk] 1 Cycle 60Hz 750 750 Maximum Surge Current [Apk] 1 Cycle 50Hz 716 716 Maximum I2t for Fusing (8.33msec)[A2sec] 2330 2330 Maximum I2t for Fusing (10msec)[A2sec] 2560 2560 Maximum On-State Voltage Drop @ Rated Current [Vpk] 1.35 per channel 1.35 per channel Minimum Power Factor (with Maximum Load) 0.5 0.5 Ratings according to UL 508/IEC60947-4-2 [HP/kW]: 240 VAC 1/.75 2/1.5 Ratings according to UL 508/IEC60947-4-2 [HP/kW]: 400 VAC 2/1.5 3/2.2 Ratings according to UL 508/IEC60947-4-2 [HP/kW]: 480 VAC 3/2.2 5/3.7 Operating Voltage (47-63Hz) [Vrms] 48-530 48-530 Transient Overvoltage [Vpk] (2)(3) 1200 1200 Maximum Off-State Leakage Current @ Rated Voltage [mArms] 3.0 3.0 Maximum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] 500 500 DRC3P60x4x2 DRC3P60x4x 5 7.6 4.8 7.6 0.15 0.15 750 750 716 716 2330 2330 2560 2560 1.35 per channel 1.35 per channel 0.7 0.7 1/.75 2/1.5 2/1.5 3/2.2 3/2.2 5/3.7 48-600 48-600 1200 1200 1.0 1.0 500 500 DRC3R48x4x DRC3R40x4x 7.6 7.6 7.6 7.6 0.15 0.15 750 625 716 597 2330 1621 2560 1779 1.5 per channel 1.5 per channel 0.5 0.5 2/1.5 2/1.5 3/2.2 3/2.2 - 5/3.7 Motor Ratings @ 600 VAC [HP/kW] - - 3/2.2 5/3.7 - - 48-415 48-510 1200 1600 5.5 5.5 500 500 GENERAL SPECIFICATIONS (1) Description Parameters Dielectric Strength, Input/Output/Base (50/60Hz) (10) 3750 Vrms Minimum Insulation Resistance (@ 500 VDC) 109 Ohms Maximum Capacitance, Input/Output 20 pF Ambient Operating Temperature Range (11) -30 to 80 °C Ambient Storage Temperature Range -40 to 100 °C Weight (typical) 2 Controlled Legs (6.9 oz [197 g]) / 3 Controlled Legs (8.0 oz [228 g]) Housing Material UL94 V-0 Housing Color Black and Light Gray LED Status Indicator (color) (12) Forward (Green) / Reverse (Amber) Short Circuit Current Rating (13) 100kA Control and Auxiliary Contact Terminal Screw Torque Range (in-lb/Nm) 12 / 1.36 Load Terminal Screw Torque Range (in-lb/Nm) 15 / 1.7 Input Terminal Wire Capacity 18-12 AWG (IEC 1-4 mm2) (stranded /solid) Output Terminal Wire Capacity 18-10 AWG (IEC 1-6 mm2 ) (stranded /solid) Humidity 85% non-condensing Protection Degree (15) IP20 Pollution Degree 2 MTBF (Mean Time Between Failures) at 60°C ambient temperature (14) 390,000 hours (44 years) MTBF (Mean Time Between Failures) at 40°C ambient temperature (14) 1,398,000 hours (159 years) INPUT SPECIFICATIONS (1) Description Option B Control Voltage Range (5) 90-140 VAC Minimum Turn-On Voltage (6) 90 VAC Must Turn-Off Voltage 10 VAC Minimum Input Current (for on-state) [mA] 7.5 Maximum Input Current [mA] 13 Nominal Input Impedance [Ohms] 12.5k Maximum Delay to Turn-On [msec] (7) 30 Option A 208-265 VAC 208 VAC 40 VAC 6.1 8 33k 30 Option C 36-55 VAC / VDC 36 VAC / VDC 4 VAC / VDC 12 20 3k 30 Maximum Turn-Off Time [msec] (8) 40 40 40 Option D 18-30 VAC / VDC 18 VAC / VDC 4 VAC / VDC 12.5 32 0.93k 20 30 Option E 18-30 VDC 18 VDC 4 VDC 12.5 32 0.93k 100 ± 30 20 Do not forget to visit us at: www.crydom.com Copyright © 2017 Crydom Inc. Specifications subject to change without notice. Datasheet DIN Rail Mount |
Similar Part No. - DRC3R40D411R2 |
|
Similar Description - DRC3R40D411R2 |