Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9117-F3 Datasheet(PDF) 7 Page - NEC

Part # PS9117-F3
Description  NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP OPTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9117-F3 Datasheet(HTML) 7 Page - NEC

Back Button PS9117-F3 Datasheet HTML 2Page - NEC PS9117-F3 Datasheet HTML 3Page - NEC PS9117-F3 Datasheet HTML 4Page - NEC PS9117-F3 Datasheet HTML 5Page - NEC PS9117-F3 Datasheet HTML 6Page - NEC PS9117-F3 Datasheet HTML 7Page - NEC PS9117-F3 Datasheet HTML 8Page - NEC PS9117-F3 Datasheet HTML 9Page - NEC PS9117-F3 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PS9117
VCC = 5.0 V,
VO = 0.6 V
5
4
3
2
1
0
100
80
60
40
20
0
-50
-25
0
25
50
75
100
-50
-25
0
25
50
75
100
1.0 kΩ
RL = 350 Ω
IF = 7.5 mA,
VCC = 5.0 V
tPHL: RL = 350 Ω, 1.0 kΩ, 4.0 kΩ
4.0 kΩ
tPLH: RL = 4.7 kΩ
tPLH: RL = 1.0 kΩ
tPLH: RL = 350 Ω
-50
-25
0
25
50
75
100
IF = 7.5 mA,
VCC = 5.0 V
300
250
200
150
100
50
0
tr: RL = 4.7 kΩ
tr: RL = 350 Ω
tf: RL = 350 Ω, 1.0 kΩ, 4.0 kΩ
tr: RL = 1.0 kΩ
Ambient Temperature TA (ºC)
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (ºC)
PROPAGATION DELAY TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (ºC)
PULSE WIDTH DISTORTION vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (ºC)
SWITCHING TIME vs.
AMBIENT TEMPERATURE
Input Current IF (mA)
PROPAGATION DELAY TIME vs.
INPUT CURRENT
60
50
40
30
20
10
0
-50
-25
0
25
50
75
100
IF = 7.5 mA,
VCC = 5.0 V
RL = 4.7 kΩ
RL = 350 Ω
1.0 kΩ
15
13
11
9
7
5
120
100
80
60
40
20
0
tPLH: RL = 4.7 kΩ
tPLH: RL = 1.0 kΩ
tPHL: RL = 350 Ω, 1.0 kΩ, 4.7 kΩ
tPLH: RL = 350 Ω
3


Similar Part No. - PS9117-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9117-F3 CEL-PS9117-F3 Datasheet
412Kb / 13P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9117-F3-A CEL-PS9117-F3-A Datasheet
412Kb / 13P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results

Similar Description - PS9117-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9714 CEL-PS9714 Datasheet
166Kb / 7P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
logo
NEC
PS9714 NEC-PS9714 Datasheet
164Kb / 7P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
logo
List of Unclassifed Man...
PS9114 ETC-PS9114 Datasheet
112Kb / 5P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9817-1 CEL-PS9817-1 Datasheet
592Kb / 12P
   NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
PS9114 CEL-PS9114 Datasheet
388Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS9814 ETC-PS9814 Datasheet
110Kb / 3P
   NECs 10 Mbps HIGH CMR OPEN COLLECTOR OUTPUT TYPE 8-PIN SOP HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9117 CEL-PS9117 Datasheet
412Kb / 13P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9124_15 RENESAS-PS9124_15_15 Datasheet
450Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9124 CEL-PS9124 Datasheet
988Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9117A CEL-PS9117A Datasheet
404Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com