Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRC3P48E400R2 Datasheet(PDF) 10 Page - Crydom Inc.,

Part # DRC3P48E400R2
Description  DIN Rail Mount
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRC3P48E400R2 Datasheet(HTML) 10 Page - Crydom Inc.,

Back Button DRC3P48E400R2 Datasheet HTML 4Page - Crydom Inc., DRC3P48E400R2 Datasheet HTML 5Page - Crydom Inc., DRC3P48E400R2 Datasheet HTML 6Page - Crydom Inc., DRC3P48E400R2 Datasheet HTML 7Page - Crydom Inc., DRC3P48E400R2 Datasheet HTML 8Page - Crydom Inc., DRC3P48E400R2 Datasheet HTML 9Page - Crydom Inc., DRC3P48E400R2 Datasheet HTML 10Page - Crydom Inc., DRC3P48E400R2 Datasheet HTML 11Page - Crydom Inc., DRC3P48E400R2 Datasheet HTML 12Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Rev. 083117
ECN 20312
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
Datasheet
DIN Rail Mount
GENERAL NOTES
(1) All parameters at 25°C unless otherwise specified.
(2) For DRC3P relay will self trigger between 900-1200V, Not suitable for capacitive loads.
(3) For DRC3R over rated voltage internal self protection will be activated increasing leakage current.
(4) Mounted in the Vertical position.
(5) On DRC3R models the range for option D is 18-30 VAC.
(6) For low temperature operation consider nominal control voltage.
(7) For DRC3R the turn-on time is 100msec ± 30msec.
(8) When is complete removed the control signal. For DRC3R the turn-off time is 20msec.
(9) Operating voltage range 18-30 VDC is also valid when used to latch the DRC contactor control input.
(10) For input to auxiliary output the dielectric strength is 2.5kV.
(11) UL approval up to 40°C surrounding temperature.
(12) Reverse Amber Indicator is for DRC3R models only.
(13) 100kA, 480VAC, when protected with CC class fuses rated 600VAC, 20 A or equivalent.
(14) All parameters at 50% power rating and 100% duty cycle (contact Crydom tech support for detailed report).
(15) IP20 rating is not associated with the UL approval.
(16) Derate information is valid when DCR contactors are used with or without accessories, installed on top and/or bottom.
(17) Minimum spacing to obtain max. current is 22mm between adjacent units.
(18) Combinations of these Protective Devices and Solid State Contactor have not been evaluated by UL.
(19) For DRC3P models external loads can be connected in parallel to the control input.
(20) DRC3R internal safety interlock circuit prevents the product to work if any leakage current is present in the control input currently not enabled.


Similar Part No. - DRC3P48E400R2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRC3P48E400R2 CRYDOM-DRC3P48E400R2 Datasheet
536Kb / 2P
   DIN Rail Mount
More results

Similar Description - DRC3P48E400R2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
   DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
   DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
   DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
   DIN rail mount
DR24D06 CRYDOM-DR24D06_13 Datasheet
770Kb / 7P
   DIN rail mount
DRA3P48D2 CRYDOM-DRA3P48D2 Datasheet
976Kb / 5P
   DIN rail mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
   DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
   DIN Rail Mount
CKM CRYDOM-CKM Datasheet
545Kb / 4P
   DIN Rail Mount
DRA1MP CRYDOM-DRA1MP Datasheet
660Kb / 5P
   DIN Rail Mount
CMR60 CRYDOM-CMR60_17 Datasheet
611Kb / 5P
   DIN Rail Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com