Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS9117 Datasheet(PDF) 6 Page - NEC

Part No. PS9117
Description  NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP OPTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

PS9117 Datasheet(HTML) 6 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PS9117
Remark The graphs indicate nominal characteristics.
TYPICAL CHARACTERISTICS (TA = 25ºC, unless otherwise specified)
20
40
60
80
100
0
85
10
20
30
40
20
40
60
80 85
100
0
20
10
30
50
40
1.0
0.01
0.1
1
10
100
1.2
1.4
1.6
1.8
2.0
2.2
2.4
TA = +85ºC
+50ºC
+25ºC
0ºC
-25ºC
-50
-25
0
25
50
75
100
0
12
10
8
6
4
2
ICCL (IF = 10 mA)
ICCH (IF = 0 mA)
1
2
3
4
5
6
-50
-25
0
25
50
75
100
IF = 5.0 mA,
VCC = 5.5 V
6
5
4
3
2
1
0
0.6
0.5
0.4
0.3
0.2
0.1
0
RL = 350 Ω
VCC = 5.0 V,
TA = 25ºC
1.0 kΩ
4.0 kΩ, 4.7 kΩ
IOL = 16.0 mA
13.0 mA
10.0 mA
6.0 mA
Ambient Temperature TA (ºC)
MAXIMUM FORWARD CURRENT
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (ºC)
DETECTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Ambient Temperature TA (ºC)
SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
Input Current IF (mA)
OUTPUT VOLTAGE vs. INPUT CURRENT
Ambient Temperature TA (ºC)
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn