Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS9117 Datasheet(PDF) 4 Page - NEC

Part No. PS9117
Description  NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP OPTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

PS9117 Datasheet(HTML) 4 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PS9117
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Low Level Input Voltage
VFL
0
0.8
V
High Level Input Current
IFH
6.3
10
12.5
mA
Supply Voltage
VCC
4.5
5.0
5.5
V
TTL (RL = 1 kΩ, loads)
N
5
Pull-up Resistor
RL
330
4 k
Ω
ELECTRICAL CHARACTERISTICS (TA = -40 to 85ºC, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.*1
MAX.
UNIT
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25°C
1.4
1.65
1.8
V
Reverse Current
IR
VR = 3 V, TA = 25°C
10
μ
A
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz, TA = 25°C
30
pF
Detector High Level Output Current
IOH
VCC = VO = 5.5 V, VF = 0.8 V
1
100
μ
A
Low Level Output Voltage*2
VOL
VCC = 5.5 V, IF = 5 mA, IOL = 13 mA
0.2
0.6
V
High Level Supply Current
ICCH
VCC = 5.5 V, IF = 0 mA
5
8
mA
Low Level Supply Current
ICCL
VCC = 5.5 V, IF = 10 mA
9
11
Coupled Threshold Input Current
(H → L)
IFHL
VCC = 5 V, VO = 0.8 V, RL = 350 Ω
2
5
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%,
TA = 25°C
1011
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz, TA = 25°C
0.6
pF
Propagation Delay Time
(H → L)*3
tPHL
TA = 25°C
35
75
ns
VCC = 5 V, RL = 350 Ω, IF = 7.5 mA
100
Propagation Delay Time
(L → H)*3
tPLH
TA = 25°C
40
75
VCC = 5 V, RL = 350 Ω, IF = 7.5 mA
100
Rise Time
tr
VCC = 5 V, RL = 350 Ω, IF = 7.5 mA
20
Fall Time
tf
5
Pulse Width Distortion (PWD)*3
|tPHL-tPLH|
5
35
Propagation Delay Skew
tPSK
40
Common Mode
Transient Immunity at High
Level Output*4
CMH
VCC = 5 V, RL = 350 Ω, TA = 25°C,
IF = 0 mA, VO > 2 V, VCM = 1 kV
15
20
kV/μs
Common Mode
Transient Immunity at Low Level
Output*4
CML
VCC = 5 V, RL = 350 Ω, TA = 25°C,
IF = 7.5 mA, VO < 0.8 V, VCM = 1 kV
15
20
kV/μs


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn