Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS9117 Datasheet(PDF) 3 Page - NEC

Part No. PS9117
Description  NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP OPTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

PS9117 Datasheet(HTML) 3 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PS9117
ORDERING INFORMATION
*1 For the application of the Safety Standard, following part number should be used.
*2 With regards to terminal solder (the solder contains lead) plated products (conventionally plated), contact your
nearby sales office.
PART NUMBER
ORDER NUMBER SOLDER PLATING
SPECIFICATION
PACKING STYLE
SAFETY
STANDARDS
APPROVAL
APPLICATION
PART NUMBER*1
PS9117
PS9117-A
Pb-Free*2
Magazine case 100 pcs
UL approved
PS9117
PS9117-F3
PS9117-F3-A
Embossed Tape 2 500 pcs/reel
PS9117-F4
PS9117-F4-A
PS9117-V
PS9117-V-A
Magazine case 100 pcs
DIN EN60747-5-2
(VDE0884 Part2)
Approved (Option)
PS9117-V-F3
PS9117-V-F3-A
Embossed Tape 2 500 pcs/reel
PS9117-V-F4
PS9117-V-F4-A
ABSOLUTE MAXIMUM RATINGS (TA = 25ºC, unless otherwise Specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Diode
Forward Current*1
IF
30
mA
Reverse Voltage
VR
5
V
Detector
Supply Voltage
VCC
7
V
Output Voltage
VO
7
V
Output Current
IO
25
mA
Power Dissipation*2
PC
40
mW
Isolation Voltage*3
BV
2 500
Vr.m.s.
Operating Ambient Temperature
TA
40 to +85
°
C
Storage Temperature
Tstg
55 to +125
°
C
*1 Reduced to 0.3 mA/°C at TA = 25°C or more.
*2 Applies to output pin VO (collector pin). Reduced to 1.5 mW/°C at TA = 65°C or more.
*3 AC voltage for 1 minute at TA = 25°C, RH = 60% between input and output.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn