Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRC3R60B400R2 Datasheet(PDF) 5 Page - Crydom Inc.,

Part # DRC3R60B400R2
Description  DIN Rail Mount
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRC3R60B400R2 Datasheet(HTML) 5 Page - Crydom Inc.,

  DRC3R60B400R2 Datasheet HTML 1Page - Crydom Inc., DRC3R60B400R2 Datasheet HTML 2Page - Crydom Inc., DRC3R60B400R2 Datasheet HTML 3Page - Crydom Inc., DRC3R60B400R2 Datasheet HTML 4Page - Crydom Inc., DRC3R60B400R2 Datasheet HTML 5Page - Crydom Inc., DRC3R60B400R2 Datasheet HTML 6Page - Crydom Inc., DRC3R60B400R2 Datasheet HTML 7Page - Crydom Inc., DRC3R60B400R2 Datasheet HTML 8Page - Crydom Inc., DRC3R60B400R2 Datasheet HTML 9Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SHORT CIRCUIT AND OVERLOAD PROTECTION FOR ALL DEVICES
IEC standard 60947-4-1 make a distinction between two different types of protection, (called “coordination”), which are designated types “1” and "2".
Any short-circuit that occurs is cleared safely by either type of coordination.
The only difference between the 2 categories concerns the extent of the SSR damage caused by the short-circuit.
Type "1" coordination requires that in the event of a sh
ort-circuit, the Solid State Contactor does not endanger personnel or installations,
but permanent damage to the SSC is permissible. In this case the SSC may need to be replaced. For this type of co-ordination,
the use of fusing or circuit breakers adequate to protect the system and wiring from short circuits, (but not specifically considering SSC protection), can be used.
Type "2" coordination requires that under a short-circuit condition, the circuit is interrupted, the SSC does not endanger persons or installations,
and in addition the SSR will be able to operate after the fault condition is repaired.
Type of coordination 1
Note: All the Schneider Electric Thermal magnetic circuit breakers GV2 family (GV2ME and GV2P) is fully mechanical compatible with the DRC contactor using the GV2AF3 connection block.
Protection by overload relays and fuses
Nominal Motor
Current
Overload Relay
(Schneider Electric)
Class gG fuses
(example from Littlefuse)
Solid State Contactor
2 controlled legs
Solid State Contactor
3 controlled legs
Solid State Contactor
Reversing
0.40-0.63 A
LRD04
CY14X51G16
DRC3Pxx4x2
DRC3Pxx4x
DRC3Rxx4x
0.63-1 A
LRD05
CY14X51G16
DRC3Pxx4x2
DRC3Pxx4x
DRC3Rxx4x
1-1.6 A
LRD06
CY14X51G25
DRC3Pxx4x2
DRC3Pxx4x
DRC3Rxx4x
1.6-2.5 A
LRD07
CY14X51G25
DRC3Pxx4x2
DRC3Pxx4x
DRC3Rxx4x
2.5-4 A
LRD08
CY14X51G25
DRC3Pxx4x2
DRC3Pxx4x
DRC3Rxx4x
4-6.3 A
LRD10
CY14X51G40
DRC3Pxx4x2
DRC3Pxx4x(up to 4.8A)
DRC3Rxx4x
6.3-10 A
LRD14
CY14X51G40
DRC3Pxx4x2 (up to 7.6A)
-
DRC3Rxx4x (up to 7.6A)
(18)
Type of coordination 2
Protection by overload relays and fuses
Nominal Motor
Current
Overload Relay
(Schneider Electric)
Semiconductor fuses with less than 1621A2S
Littlefuse
Solid State Contactor
2 controlled legs
Solid State Contactor
3 controlled legs
Solid State Contactor
Reversing
0.40-0.63 A
LRD04
LA50QS40-4
DRC3Pxx4x2
DRC3Pxx4x
DRC3Rxx4x
0.63-1 A
LRD05
LA50QS40-4
DRC3Pxx4x2
DRC3Pxx4x
DRC3Rxx4x
1-1.6 A
LRD06
LA50QS40-4
DRC3Pxx4x2
DRC3Pxx4x
DRC3Rxx4x
1.6-2.5 A
LRD07
LA50QS40-4
DRC3Pxx4x2
DRC3Pxx4x
DRC3Rxx4x
2.5-4 A
LRD08
LA50QS40-4
DRC3Pxx4x2
DRC3Pxx4x
DRC3Rxx4x
4-6.3 A
LRD10
LA50QS40-4
DRC3Pxx4x2
DRC3Pxx4x (up to 4.8A)
DRC3Rxx4x
6.3-10 A
LRD14
LA50QS40-4
DRC3Pxx4x2 (up to 7.6A)
-
DRC3Rxx4x (up to 7.6A)
(18)
All the Schneider Electric Overload relay LRD family is fully mechanical compatible with the DRC contactor without the need of any adapter.
0.40-0.63 A
GV2ME04 / GV2P04
DRC3Pxx4x2
DRC3Pxx4x
DRC3Rxx4x
0.63-1 A
GV2ME05 / GV2P05
DRC3Pxx4x2
DRC3Pxx4x
DRC3Rxx4x
1-1.6 A
GV2ME06 / GV2P06
DRC3Pxx4x2
DRC3Pxx4x
DRC3Rxx4x
1.6-2.5 A
GV2ME07 / GV2P07
DRC3Pxx4x2
DRC3Pxx4x
DRC3Rxx4x
2.5-4 A
GV2ME08 / GV2P08
DRC3Pxx4x2
DRC3Pxx4x
DRC3Rxx4x
4-6.3 A
GV2ME10 / GV2P10
DRC3Pxx4x2
DRC3Pxx4x (up to 4.8A)
DRC3Rxx4x
6.3-10 A
GV2ME14 / GV2P14
DRC3Pxx4x2 (up to 7.6A)
-
DRC3Rxx4x (up to 7.6A)
Nominal Motor
Current
Thermal Magnetic Circuit Breaker
(Schneider Electric)
Solid State Contactor
2 controlled legs
Solid State Contactor
3 controlled legs
Solid State Contactor
Reversing
Protection by Thermal Magnetic Circuit Breaker (18)
(Conforming to the IEC60947-4-2 and UL508)
The DRC Series can accept the LAD7C1 module (pre-wiring kit allowing direct connection of the NC contact of relay LRD to the contactor)
50.058.06.40
50.058.06.40
50.058.06.40
50.058.06.40
50.058.06.40
50.058.06.40
50.058.06.40
A093909
A093909
A093909
A093909
A093909
A093909
A093909
SIBA (Cylindric) Ferraz (Cylindric)
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
Datasheet
DIN Rail Mount


Similar Part No. - DRC3R60B400R2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRC3R60B400R2 CRYDOM-DRC3R60B400R2 Datasheet
536Kb / 2P
   DIN Rail Mount
More results

Similar Description - DRC3R60B400R2

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
   DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
   DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
   DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
   DIN rail mount
DR24D06 CRYDOM-DR24D06_13 Datasheet
770Kb / 7P
   DIN rail mount
DRA3P48D2 CRYDOM-DRA3P48D2 Datasheet
976Kb / 5P
   DIN rail mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
   DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
   DIN Rail Mount
CKM CRYDOM-CKM Datasheet
545Kb / 4P
   DIN Rail Mount
DRA1MP CRYDOM-DRA1MP Datasheet
660Kb / 5P
   DIN Rail Mount
CMR60 CRYDOM-CMR60_17 Datasheet
611Kb / 5P
   DIN Rail Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com