Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR2260D35URJ Datasheet(PDF) 1 Page - Crydom Inc.,

Part # DR2260D35URJ
Description  DIN Rail Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DR2260D35URJ Datasheet(HTML) 1 Page - Crydom Inc.,

  DR2260D35URJ Datasheet HTML 1Page - Crydom Inc., DR2260D35URJ Datasheet HTML 2Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Do not forget to visit us at: www.crydom.com
Copyright © 2016 Crydom Inc. Specifications subject to change without notice.
Installation Sheet
DIN Rail Mount
DR22 Series Solid State Relays
Crydom DR22 Series Solid State Relays were developed to offer the advantages of
semiconductor switching technology in a standard 22.5 mm industrial package. Quick and easy
installation is coupled with low drive power requirements and efficient, reliable power SCR
output. This compact new design offers up to 35 ARMS in ambient temperatures of 40ºC.
Be sure to visit the product series datasheet available at the Crydom website to complement this
information. If you have questions or need additional information please contact Crydom Tech
Support.
Please read all instructions before using your DIN Rail Mount Solid State Relay (SSR).
MOUNTING INSTRUCTIONS
fig. 1 SSR mounted on DIN rail
To install
on DIN rail
To remove
from DIN rail
Install the relay on the DIN Rail (as shown in fig. 1)
Maximum recommended terminal screw torque input
terminal:
Contactor configuration (”V” & “W” suffixes):
5 in-lb (0.5 Nm)
Relay configuration (”U” suffix):
13-15 in-lb (1.5-1.7 Nm)
Maximum recommended terminal screw torque load
terminal:
If multiple units are installed be sure to follow derating curves
Recommended wire sizes as shown in TABLE 1
WARNING! Removing product from 35 mm rail incorrectly by not using the appropriate tool
would damage the latching system.
Contactor configuration (”V” & “W” suffixes): 18-20 in-lb (2.0-2.2 Nm)
Relay configuration (”U” suffix): 13-15 in-lb (1.5-1.7 Nm)
Required for valid part number
For options only and not required for valid part number
Operating Voltage
20: 1-200 VDC
60: 48-600 VAC
Switching Type
Blank: Zero Voltage Turn-On
R: Instantaneous Turn-On
(AC Output only)
Control Voltage
A: 90-280 VAC/VDC
(AC Output only)
D: 4-32 VDC
Series
DR22
60
A
R
Rated Load Current
20: 20 Amps
30: 30 Amps
35: 35 Amps [High I2
t]
(AC Output only)
U
Terminal Layout
U: Relay Configuration
V: Contactor
Configuration
(std. screw)
W: Contactor
Configuration
(elevator screw)
Input Connector
Blank: Screw Terminal
J: Spring Terminal
(V and W suffixes only)
V
20
J
AC
Output
only
PART NUMBER NOMENCLATURE
Important Considerations
Be sure to use input and output voltages within
operating ranges.
LED indicates only input status. It does not
represent output status.
To achieve maximum ratings, there must be a
minimum spacing of 0.89 in (22.5 mm) between the
devices in free air (as shown in fig.2).
Protective Earth (PE) screw type recommended is
10-32 UNC standard, not provided with SSR. Through
the use of a DIN rail ground (protective conductor)
terminal block, the DIN rail itself can be used as the
grounding bus bar. In this case, the zinc plated steel
material used for the DIN rail clip of DR22 models,
permits a secure path to ground and avoid the need of
a further PE connection (see fig.3).
0.89 in [22.5 mm]
Minimum
(A)
(B)
WIRING DIAGRAMS
-4/A2
+3/A1
-2
+1
INPUT
STATUS
1/L1
2/T1
INPUT
STATUS
-4/A2
+3/A1
-4/A2
+3/A1
2/T1
1/L1
INPUT
STATUS
V
AC
Load
Relay AC
Contactor AC
Relay DC
+
-
+
Load
V AC
Load
V
(+)
(-)
(+ / ) (- / )
(+ / )
(- / )
Lug Terminal
ID Marker
TABLE 3. Recommended Accessories
CNLB
CNLN
CNL2
Connectors
CP201
CP202
TRM0
TRM6
TABLE 2. Compatible Terminals
Fork Lug
Ring Lug
Copper Lug
Copper Lug
Width [W] in (mm)
Terminals
Stud Size Dia [D] (in)
Wire Size AWG
Crydom Part No.
0.45 (11.4)
#8 (0.168)
0.45 (11.4)
#8 (0.168)
TRM0
6-0
TRM6
14-6
W D
W D
TABLE 1. Recommended Wire Sizes
Terminal
Configuration
Wire Size
(Solid / Stranded)
Wire Pull-Out
Strength (lb)[N]*
Output
Relay “U” suffix
Input
Relay “U” suffix
Output
Contactor
“V” &“W”
suffixes
Input
Contactor
“V” &“W”
suffixes
2 x 18 AWG (1 mm2) Stranded [minimum]
2 x 10 AWG (6 mm2) Stranded [maximum]
2 x 18 AWG (1 mm2) Stranded
2 x 12 AWG (4 mm2) Stranded
2 x 20 AWG (0.75 mm2) [minimum]
2 x 10 AWG (6 mm2)
2 x 8 AWG (10 mm2) [maximum]
30 AWG (0.05 mm2) [minimum]
12 AWG (3.3 mm2) [maximum]
26 AWG (0.13 mm2) [minimum]
12 AWG (3.3 mm2) [maximum]
20 [88]
60 [266]
20 [88]
40 [177]
25 [111]
80 [355]
90 [400]
4.5 [20]
30 [133]
5 [22]
5 [22]
Screw
Spring
* Tests performed on Stranded wire
General Notes
(A) Load can be wired to either terminal 1 or terminal 2. Proper polarity must be observed for the DC control power supply, with terminal 3 being positive with respect to terminal 4.
(B) DC inductive loads must be diode suppressed.
(C) AC input models operating range is -20 to 60 ºC
Rev. 060816
fig. 2 Multiple units
mounting
for maximum
ratings
fig. 3 DR22 model
with Protective
Earth screw


Similar Part No. - DR2260D35URJ

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DR2260D20V CRYDOM-DR2260D20V Datasheet
685Kb / 6P
   Output ratings up to 30 Amps at 200 VDC
More results

Similar Description - DR2260D35URJ

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
   DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
   DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
   DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
   DIN rail mount
DR24D06 CRYDOM-DR24D06_13 Datasheet
770Kb / 7P
   DIN rail mount
DRA3P48D2 CRYDOM-DRA3P48D2 Datasheet
976Kb / 5P
   DIN rail mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
   DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
   DIN Rail Mount
CKM CRYDOM-CKM Datasheet
545Kb / 4P
   DIN Rail Mount
DRA1MP CRYDOM-DRA1MP Datasheet
660Kb / 5P
   DIN Rail Mount
CMR60 CRYDOM-CMR60_17 Datasheet
611Kb / 5P
   DIN Rail Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com