Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PNZ155 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # PNZ155
Description  Silicon NPN Phototransistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PNZ155 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  PNZ155 Datasheet HTML 1Page - Panasonic Semiconductor PNZ155 Datasheet HTML 2Page - Panasonic Semiconductor PNZ155 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
PNZ155 (PN155)
Silicon NPN Phototransistor
For optical control systems
Phototransistors
Unit : mm
0.8
±0.1
3.5
±0.15
4.5
±0.15
2.54
±0.2
0.45
±0.2
2-0.45
±0.15
2-1.2
±0.3
1.6
±0.15
2.1
±0.15
12
1: Emitter
2: Collector
(Input pulse)
(Output pulse)
50
RL
td : Delay time
tr : Rise time (Time required for the collector photo current to
increase from 10% to 90% of its final value)
tf : Fall time (Time required for the collector photo current to
decrease from 90% to 10% of its initial value)
VCC
Sig.OUT
10%
90%
Sig.IN
td
tr
tf
Absolute Maximum Ratings (Ta = 25˚C)
Parameter
Symbol
Ratings
Unit
Collector to emitter voltage
VCEO
20
V
Emitter to collector voltage
VECO
5V
Collector current
IC
10
mA
Collector power dissipation
PC
100
mW
Operating ambient temperature
Topr
–25 to +85
˚C
Storage temperature
Tstg
–30 to +100
˚C
Electro-Optical Characteristics (Ta = 25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Dark current
ICEO
VCE = 10V
0.01
1
µA
Collector photo current
ICE(L)*1
VCE = 10V, L = 100 lx
0.05
0.2
mA
Peak sensitivity wavelength
λ
P
VCE = 10V
800
nm
Acceptance half angle
θ
Measured from the optical axis to the half power point
70
deg.
Response time
tr, tf*2
VCC = 10V, ICE(L) = 1mA, RL = 100Ω
4
µs
Collector saturation voltage
VCE(sat)*1
ICE(L) = 1mA, L = 1000 lx
0.2
0.5
V
*1 Measurements were made using a tungsten lamp (color temperature T = 2856K) as a light source.
*2 Switching time measurement circuit
Features
High sensitivity
Wide spectral sensitivity, suited for detecting GaAs LEDs
Low dark current
Flat type plastic package
Note) The part number in the parenthesis shows conventional part number.


Similar Part No. - PNZ155

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNZ150 PANASONIC-PNZ150 Datasheet
103Kb / 3P
   Silicon planar type For optical control systems
PNZ150L PANASONIC-PNZ150L Datasheet
46Kb / 2P
   Silicon NPN Phototransistor
PNZ154 PANASONIC-PNZ154 Datasheet
61Kb / 3P
   Silicon NPN Phototransistor
PNZ158 PANASONIC-PNZ158 Datasheet
93Kb / 3P
   Silicon planar type For optical control systems
More results

Similar Description - PNZ155

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
   Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
   Silicon NPN Phototransistor
Rev. 1, 24-May-02
logo
Panasonic Semiconductor
PNZ1270 PANASONIC-PNZ1270 Datasheet
45Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
S350P VISHAY-S350P Datasheet
75Kb / 5P
   Silicon NPN Phototransistor
Rev. 2, 20-May-99
TEMT1000 VISHAY-TEMT1000 Datasheet
79Kb / 5P
   Silicon NPN Phototransistor
Rev. 4, 17-Feb-00
logo
Panasonic Semiconductor
PNZ121S PANASONIC-PNZ121S Datasheet
44Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
BPW85 VISHAY-BPW85_14 Datasheet
105Kb / 6P
   Silicon NPN Phototransistor
Rev. 2.1, 04-Aug-14
T1070P VISHAY-T1070P_14 Datasheet
90Kb / 4P
   Silicon NPN Phototransistor
Rev. 1.7, 29-Sep-14
T1090P6 VISHAY-T1090P6 Datasheet
135Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.0, 26-Sep-14
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
   Silicon NPN Phototransistor,
Rev. 1.7, 08-Sep-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com