Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRA1-SPFE240A25 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # DRA1-SPFE240A25
Description  DIN Rail Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRA1-SPFE240A25 Datasheet(HTML) 1 Page - Crydom Inc.,

  DRA1-SPFE240A25 Datasheet HTML 1Page - Crydom Inc., DRA1-SPFE240A25 Datasheet HTML 2Page - Crydom Inc., DRA1-SPFE240A25 Datasheet HTML 3Page - Crydom Inc., DRA1-SPFE240A25 Datasheet HTML 4Page - Crydom Inc., DRA1-SPFE240A25 Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DataSheet
DIN Rail Mount
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
DRA1 SPF Series
10mm Single Channel DIN Rail Mount SSR Assembly
AC Ratings up to 380 VAC and 10 Amps
3-15 VDC, 15-32VDC, 18-36 VAC and 90-140 VAC Control
Cage style screw terminals for easy connection
Fits standard 35mm DIN rail
Includes LED Status indicator (DC control only)
OUTPUT SPECIFICATIONS (1)
Description
Operating Voltage [VAC]
12-280
Transient Overvoltage [Vpk]
600
Maximum Load Current [Arms] (2)(3)
10
Minimum Load Current [Arms]
0.06
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
0.1
Minimum Off-State dv/dt @ maximum rated voltage [V/µsec] (4)
500
285/260
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.6
Maximum I² t for Fusing (50/60 hz, 1/2 cycle) [A² sec]
Maximum 1 Cycle Surge Current (50/60 Hz) [Apk]
239/250
PRODUCT SELECTION
Control Voltage
10 A (Zero Voltage Turn-on)
10 A (Instantaneous Turn-on)
3-15 VDC
DRA1-SPF240D25
DRA1-SPF380D25
4-15 VDC
DRA1-SPF380D25R
DRA1-SPF240D25R
15-32 VDC
18-36 VAC
90-140 VAC
DRA1-SPFE240D25
DRA1-SPFE240A25
DRA1-SPF240A25
DRA1-SPFE240D25R
SPF(E)240x25
48-380**
1200
10
0.06
0.1
500
285/260
1.6
239/250
SPF380x25
INPUT SPECIFICATIONS (1)
Description
SPF240D25
Control Voltage Range
3-15 VDC
Minimum Turn-On Voltage
Must Turn-Off Voltage
Typical Input Current
Nominal Input Impedance
3.0 VDC
1.0 VDC
15 mA
300 Ohm
1/2 Cycle
Maximum Turn-On Time [msec] (5)
1/2 Cycle
SPF380D/480D
4-15 VDC
4.0 VDC
1.0 VDC
15 mA
240 Ohm
1/2 Cycle
1/2 Cycle
SPFE240D25
15-32 VDC
15 VDC
1.0 VDC
15 mA
1500 Ohm
1/2 Cycle
1/2 Cycle
SPF240A25
90-140 Vrms
90 Vrms
10 Vrms
10 mArms
14.1 k Ohm
10
40
SPFE240A25
18-36 VAC
18 Vrms
2 Vrms
10 mArms
2.1 k Ohm
10
40
Maximum Turn-Off Time [µsec]
(1)
All parameters at 25°C unless otherwise specified.
(2)
See derating chart on page 3.
(3)
Steady state load current exceeding 10 Amps will damage socket.
(4
Off-state dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
(5)
Turn-On Time for DC control instantaneous turn-on versions is 0.1 msec.
** NOTE: Voltages in excess of 380V will damage output terminals.
GENERAL SPECIFICATIONS (1)
Parameters
Description
Dielectric Strength, Input/Output (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohms
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-30 to 80 °C
Ambient Storage Temperature Range
-30 to 125 °C
Weight (typical)
0.32 lb oz (145.5 g)
Encapsulation
Thermally conductive Epoxy
GENERAL NOTES


Similar Part No. - DRA1-SPFE240A25

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRA1-CMX100D10 CRYDOM-DRA1-CMX100D10 Datasheet
813Kb / 5P
   DIN rail mount
logo
Sensata Technologies, I...
DRA1-CMX100D10 SENSATA-DRA1-CMX100D10 Datasheet
245Kb / 4P
   DIN RAIL MOUNT
logo
Crydom Inc.,
DRA1-CMX100D6 CRYDOM-DRA1-CMX100D6 Datasheet
813Kb / 5P
   DIN rail mount
logo
Sensata Technologies, I...
DRA1-CMX100D6 SENSATA-DRA1-CMX100D6 Datasheet
245Kb / 4P
   DIN RAIL MOUNT
logo
Crydom Inc.,
DRA1-CMX200D3 CRYDOM-DRA1-CMX200D3 Datasheet
813Kb / 5P
   DIN rail mount
More results

Similar Description - DRA1-SPFE240A25

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
   DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
   DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
   DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
   DIN rail mount
DR24D06 CRYDOM-DR24D06_13 Datasheet
770Kb / 7P
   DIN rail mount
DRA3P48D2 CRYDOM-DRA3P48D2 Datasheet
976Kb / 5P
   DIN rail mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
   DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
   DIN Rail Mount
CKM CRYDOM-CKM Datasheet
545Kb / 4P
   DIN Rail Mount
DRA1MP CRYDOM-DRA1MP Datasheet
660Kb / 5P
   DIN Rail Mount
CMR60 CRYDOM-CMR60_17 Datasheet
611Kb / 5P
   DIN Rail Mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com